Part Number Hot Search : 
74V1T86 1210E DBL207 2SB1401 2SC3862 D40106 2SB11321 CPC1030
Product Description
Full Text Search
 

To Download Z02W100V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2007. 2. 21 1/2 semiconductor technical data Z02W100V revision no : 0 zener diode silicon epitaxial planar diode constant voltage regulation application. reference voltage application. wave form clipper features small package : sot-23 sharp breakdown characteristic. maximum rating (ta=25 ) dim millimeters 1. nc 2. anode 3. cathode sot-23 a b c d e 2.93 0.20 1.30+0.20/-0.15 0.45+0.15/-0.05 2.40+0.30/-0.20 g 1.90 h j k l m n 0.95 0.13+0.10/-0.05 0.00 ~ 0.10 0.55 0.20 min 1.00+0.20/-0.10 m j k e 1 2 3 h g a n c b d 1.30 max ll pp p 7 2 1 3 + _ characteristic symbol rating unit power dissipation p d 200 mw junction temperature t j 150 storage temperature range t stg -55 150 operating temperature t opr -55 150 marking type name lot no. 10a electrical characteristics (ta=25 ) characteristic symbol test condition min. typ. max. unit zener voltage (note1) v z i z =1ma 95. 0 - 105. 0 v dynamic impedan (note2) z z i z =1ma - - 700 reverse current i r v r =76v - - 0.2 a (note 1) v z is tested with pulsed (40ms) (note 2) v z is measured at i z by given a very small a.c current signal.
2007. 2. 21 2/2 Z02W100V revision no : 0 zener current i z (a) zener voltage v z (v) i z - v z 30 0 1 10 100 1m 10m 60 90 120 1n 10n 100n reverse surge power dissipation p zsm (w) 1k 1 10 100 pulse width time t w (s) p zsm - t w 1m 10m 100m 1 10 100 p zsm t r repetitive ta=25 c ta=25 c typ. power dissipation p (mw) p - ta 0 0 50 25 75 100 125 150 50 100 200 150 250 ambient temperature ta ( c) * mounted on a glass epoxy circuit board of 20 x 20mm pad dimension of 4 x 4mm temperature coefficient of zener diode z (% / c) temperature coefficient of zener diode z (mw / c) zener voltage v z (v) z - v z 0 s s s s 0 60 70 typ. 50 40 80 %/ c mv/ c 90 110 100 120 130 0.07 0.08 0.11 0.09 0.10 0.12 20 40 60 120 80 100 140


▲Up To Search▲   

 
Price & Availability of Z02W100V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X