Part Number Hot Search : 
XXXBA N54LS 5SMC48A 5SMC48A SPF0021 EFSDXXXX GP60K LC822152
Product Description
Full Text Search
 

To Download WFF2N60B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  c o p y r igh t @ w i n s em i microelectronics c o . , lt d . , a l l ri g h t r e s er v ed . wf wf wf wf f f f f 2n60 2n60 2n60 2n60 b b b b rev.a nov .2010 silicon silicon silicon silicon n-channel n-channel n-channel n-channel mosfet mosfet mosfet mosfet features ? 2a,600v,r ds(on) (max 5.0 ? )@v gs =10v ? ultra-low gate charge(typical 9nc) ? fast switching capability ? 100%avalanche tested ? maximum junction temperature range(150 ) general description this power mosfet is produced using winsemi's advanced planar stripe, v dmos technology. this latest technology has been especially designed to minimize on -state resistance,have a high rugged avalanche characteristics. this devices is specially well suited for high efficiency switch mode power supply . absolute maximum ratings symbol parameter value units v dss drain source voltage 600 v i d continuous drain current(@tc=25 ) 2.0* a continuous drain current(@tc=100 ) 1.5* a i dm drain current pulsed (note1) 9.5* a v gs gate to source voltage 30 v e as single pulsed avalanche energy (note2) 140 mj e ar repetitive avalanche energy (note1) 2.8 mj dv/dt peak diode recovery dv /dt (note3) 4.5 v/ ns p d total power dissipation(@tc=25 ) 20 w derating factor above 25 0.15 w/ t j ,t stg junction and storage temperature -55~150 t l channel temperature 300 * drain current limited by maximum junction temperature thermal characteristics symbol parameter value units min typ max r qjc thermal resistance , junction -to -case - - 6.25 /w r qja thermal resistance , junction-to -ambient - - 62 .5 /w
steady, steady, steady, steady, keep keep keep keep you you you you advance advance advance advance wf wf wf wf f f f f 2n60 2n60 2n60 2n60 b b b b 2 / 7 electrical characteristics(tc=25 ) characteristics symbol test condition min type max unit gate leakage current i gss v gs = 30 v,v ds =0v - - 100 na gate-source breakdown voltage v (br)gss i g = 10 a,v ds =0v 30 - - v drain cut -off current i dss v ds = 600 v,v gs =0v - - 10 a v ds =480v,tc=125 - 100 a drain -source breakdown voltage v (br)dss i d =250 a,v gs =0v 600 - - v gate threshold voltage v gs(th) v ds =10v,i d =250 a 2 - 4 v drain -source on resistance r ds(on) v gs =10v,i d = 1 a - 4.5 5.0 ? forward transconductance gfs v ds = 50 v,i d = 1 a - 2.25 - s input capacitance c iss v ds =25v, v gs =0v, f=1mhz - 280 330 pf reverse transfer capacitance c rss - 6 8 output capacitance c oss - 45 55 switching time rise time tr v dd = 300 v, i d = 2 a r g = 25 ? (note4,5) - 10 28 ns turn-on time ton - 25 55 fall time tf - 20 60 turn-off time toff - 25 60 total gate charge(gate-source plus gate-drain) qg v dd = 320 v , v gs =10v, i d = 2 a (note 4 ,5) - 9.0 12 nc gate-source charge qgs - 1.7 - gate-drain("miller") charge qgd - 4.5 - source-drain ratings and characteristics(ta=25 ) characteristics symbol test condition min type max unit continuous drain reverse current i dr - - - 2.0 a pulse drain reverse current i drp - - - 8.0 a forward voltage(diode) v dsf i dr = 2.0 a,v gs =0v - - 1.4 v reverse recovery time trr i dr = 2. a,v gs =0v , di dr / dt =100 a / s - 180 - ns reverse recovery charge qrr - 0.72 - c note 1.repeativity rating :pulse width limited by junction temperature 2.l= 18.5m h i as = 2 a,v dd = 50 v, r g =0 ? ,starting t j =25 3.i sd 2 a,di/dt 200 a/us,v dd < bv dss ,starting t j =25 4.pulse test:pulse width 300us,duty cycle 2% 5. essentially independent of operating temperature. this transistor is an electrostatic sensitive device please handle with caution
steady, steady, steady, steady, keep keep keep keep you you you you advance advance advance advance wf wf wf wf f f f f 2n60 2n60 2n60 2n60 b b b b 3 / 7 fig.1 on-state cha ra cteristics fig.2 transfer current characteristics fig.3 on resistance variation vsdrain current fig.4 body diode forward voltage variation with source current and temperature fig.5 on-resistance variation vs junction temperature fig.6 gate charge characteristics
steady, steady, steady, steady, keep keep keep keep you you you you advance advance advance advance wf wf wf wf f f f f 2n60 2n60 2n60 2n60 b b b b 4 / 7 fig.7 maximum safe operation area fig.9 transient thermal response curve fig.8 maximum drain current vs case temperature
steady, steady, steady, steady, keep keep keep keep you you you you advance advance advance advance wf wf wf wf f f f f 2n60 2n60 2n60 2n60 b b b b 5 / 7 fig.10 gate test circuit & waveform fig.11 r esistive switching test circuit & waveform fig.12 uncamped inductive switching test circuit & waveform
steady, steady, steady, steady, keep keep keep keep you you you you advance advance advance advance wf wf wf wf f f f f 2n60 2n60 2n60 2n60 b b b b 6 / 7 fig.13 peak diode recovery dv/dt test circuit & waveform
steady, steady, steady, steady, keep keep keep keep you you you you advance advance advance advance wf wf wf wf f f f f 2n60 2n60 2n60 2n60 b b b b 7 / 7 to to to to 220f 220f 220f 220f package package package package dimension dimension dimension dimension unit:mm


▲Up To Search▲   

 
Price & Availability of WFF2N60B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X