Part Number Hot Search : 
2500ET 557S110M MTA50HGV ISL6224 SRC12 S209R SMBJ12 AK4584
Product Description
Full Text Search
 

To Download WFF12N60 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  wf wf wf wf f f f f 12 12 12 12 n6 n6 n6 n6 0 0 0 0 c o p y r igh t @ w i n s em i microelectronics c o . , lt d . , a l l ri g h t r e s er v ed . silic silic silic silic o o o o n n n n n-c n-c n-c n-c h h h h a a a a n n n n nel nel nel nel mos mos mos mos f f f f et et et et features features features features 12a, 600 v , r ds(on ) (max 0.65 )@ v g s =10v ultra-low gate charge( t y pical 39nc) fast s w i t ching capabi l ity 100% a v al anche t es ted isolati o n volta g e ( v iso = 4 0 00v ac ) maximum junction t e mperature range(150 ) general general general general desc desc desc desc r r r r iption iption iption iption this po w e r mosfet is produced using winsemi s advanced planar stripe, vdmos technolog y . this latest technology has been especial l y designed to minimize on-sta t e resistance, have a high rugged avalanche characteristics. this devices is special l y w e ll suited for high e f f i ciency s w i tch model po w e r supplies, po w e r factor correction and half bridge and full bridge resonant topology line a e lectronic lamp ballast. abs abs abs abs o o o o lute lute lute lute max max max max i i i i mum mum mum mum rati rati rati rati n n n n gs gs gs gs g g g g d d d d s s s s t t t t o o o o 220f 220f 220f 220f symbol parameter v a lue units v dss drain source v o ltage 6 00 v i d continuous drain current( @ t c =25 ) 1 2 * a continuous drain current( @ t c =100 ) 7.6* a i dm drain current pulsed (note1) 4 8 * a v gs gate to source v o ltage 30 v e as sing l e pulsed a v a lanche energy ( note 2) 880 mj e ar repetitive a v a lanche energy ( note 1) 25 mj dv/dt peak diode recovery dv/dt (note 3) 4 .5 v/ns p d t o tal po w e r diss i pation(@ t c =25 ) 51 w derating factor above 25 0.41 w/ t j , t s tg junction and storage t e mperature -55~150 t l maximum lead t e mperature for soldering purposes 300 *drain current limited by maximum junction temperature th th th th e e e e rmal rmal rmal rmal charac charac charac charac t t t t erist erist erist erist i i i i cs cs cs cs symbol parameter v a lue units min t y p max r q j c thermal resistance, junction-to-case - - 2.45 /w r qcs thermal resistance, case to sink - 0.5 - /w r q j a thermal resistance, junction-to-ambient - - 6 2 .5 /w re v . c no v . 2008 t03-1
2 /7 wf wf wf wf f f f f 12 12 12 12 n6 n6 n6 n6 0 0 0 0 steady, steady, steady, steady, keep keep keep keep you you you you advance advance advance advance electric electric electric electric a a a a l l l l charac charac charac charac t t t t erist erist erist erist i i i i cs cs cs cs (tc (tc (tc (tc = = = = 25 25 25 25 c) c) c) c) characteristics symbol test condition min type max unit gate leakage current i gss v gs = 30 v, vds = 0 v - - 100 n a gate ? source breakdo w n voltage v (br)gss i g = 10 a, vds = 0 v 30 - - v drain cu t ? off current i dss v ds = 600 v, vgs = 0 v - - 1 a drai n ? source breakdo w n voltage v (br) d ss i d = 250 a, vgs = 0 v 6 00 - - v break voltage temperature coefficient bv dss / t j i d =25 0 a, referenced to 25 - 0.5 - v/ gate threshold voltage v gs(th) v ds = 10 v, id = 250 a 3 - 4 .5 v drai n ? source on resistance r ds(on) v gs = 10 v, id =6. 0 a - - 0.65 ? for w a rd transconductance gfs v ds = 50 v, id = 6.0a - 15 s input capacitance c i s s v ds = 25 v, v gs = 0 v, f = 1 mhz - 1790 2355 pf reverse trans f er capacitance c r s s - 23 31 output capacitance c o s s - 175 232 s w i t chi ng time tur n ? on rise time t r v dd = 300 v, i d =12 a r g =9.1 ? r d =31 ? (note4,5) - 133 175 ns tur n ? on delay time t on - 80 100 tur n ? off fall time t f - 100 160 tur n ? off delay time t off - 233 310 total gate charge (gat e ? source plus gat e ? drain) qg v dd = 400 v, v gs = 10 v, i d =1 a (note4,5) - 39 52 nc gate ? source charge qgs - 8.5 - gate ? drain ( mil l er ) charge qgd - 19 - source source source source ? ? ? ? drain drain drain drain rati rati rati rati n n n n gs gs gs gs and and and and charac charac charac charac t t t t erist erist erist erist i i i i cs cs cs cs (ta (ta (ta (ta = = = = 2 2 2 2 5 5 5 5 c) c) c) c) characteristics symbol test condition min type max unit continuous drain re v erse current i dr - - - 12 a pulse drain re v erse current i drp - - - 48 a for w a rd voltage (diode) v dsf i dr = 12 a, vgs = 0 v - - 1.4 v reverse reco v ery time t rr i dr = 12 a, vgs = 0 v, di dr / dt = 100 a / s - 4 18 - n s reverse reco v ery charge q rr - 4 . 85 - c note 1.re p e a tivity rating :pulse w id th limit e d by ju n ction temper a ture 2.l= 1 1 . 2 mh,i a s =1 2 a,v dd =50 v ,r g =25 ,starting t j =2 5 3. i sd 1 2a,di/dt 30 0 a/us, v dd 3 /7 wf wf wf wf f f f f 12 12 12 12 n6 n6 n6 n6 0 0 0 0 steady, steady, steady, steady, keep keep keep keep you you you you advance advance advance advance fig. 1 on-st a t e cha r a cteristics fig.2 t r ans fe r cha r a cteristics fig.3 c a pa c itance v a ri a ti on vs d ra in v o lt ag e fig.5 on- r e sistance v a ri a ti on vs j u nction t e mpe r a tu r e fig.4 b re ak d o w n v o lt ag e v a ri a ti on vs t e mpe r a tu r e fig.6 g a t e cha r g e cha r a cteristics
4 /7 wf wf wf wf f f f f 12 12 12 12 n6 n6 n6 n6 0 0 0 0 steady, steady, steady, steady, keep keep keep keep you you you you advance advance advance advance fig.7 maximum sa f e ope r at ion a re a fig.8 maximum d ra in cu r r e nt vs case t e mpe r a tu r e fig.9 t r ansient t h e r m al r e sponse cu r v e
5 /7 fig.10 g a t e t e st ci rcu it & w a v e f o r m wf wf wf wf f f f f 12 12 12 12 n6 n6 n6 n6 0 0 0 0 steady, steady, steady, steady, keep keep keep keep you you you you advance advance advance advance fig.11 r e sisti v e swit c h ing t e st ci rcu it & w a v e f o r m fig.12 un c l amped inducti v e swit c h ing t e st ci rcu it & w a v e f o r m
6 /7 wf wf wf wf f f f f 12 12 12 12 n6 n6 n6 n6 0 0 0 0 steady, steady, steady, steady, keep keep keep keep you you you you advance advance advance advance fig.13 p e ak diode r e c ov e r y dv/dt t e st ci rcu it & w a v e f o r m
7 /7 wf wf wf wf f f f f 12 12 12 12 n6 n6 n6 n6 0 0 0 0 steady, steady, steady, steady, keep keep keep keep you you you you advance advance advance advance t t t t o- o- o- o- 22 22 22 22 0 0 0 0 f f f f pa pa pa pa c c c c kage kage kage kage dimension dimension dimension dimension u u u u nit: nit: nit: nit: mm mm mm mm


▲Up To Search▲   

 
Price & Availability of WFF12N60

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X