Part Number Hot Search : 
FR350 HD6417 HD6417 G4PSH71K BCM43 LM3842A HD6417 JANTX
Product Description
Full Text Search
 

To Download VTM2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1244 dimensions are shown for reference purposes only. dimensions are in inches over (millimeters) unless otherwise specified. specifications and availability subject to change. agastat catalog 1308242 issued 3-03 www.tycoelectronics.com technical support: refer to inside back cover. VTM2 series off-delay timing module off-delay timing mode reliable solid state timing circuitry. excellent transient protection. compact design. flame retardant, solvent resistant housing. file e60363 file lr33434 timing mode off-delay. timing specifications timing ranges: 0.5 to 10 / 3 to 60 sec.; 3 to 60 min. timing adjustment: external resistor or potentiometer. an external resistance of 1 megohm is required to obtain the maximum time for all ranges. to determine the actual resistance needed to obtain the required time delay, use the following formula: r t = ( ) x 1,000,000 ohms accuracy: repeat accuracy: 1% overall accuracy: 2% at r = 1 megohm. reset time: 50 ms, max. output switch data arrangement: solid state 1 form a (spst-no). rating: 1a, inductive, at nominal operating voltage. expected electrical life: 10,000,000 operations at rated load. outline dimensions wiring diagram mechanical data mounting: panel mount with one #8 screw. termination: 0.250 in (6.35) quick connect terminals. weight: 4 oz. (112g) approximately. environmental data temperature range: storage: -40 c to +85 c. operating: -40 c to +65 c. users should thoroughly review the technical data before selecting a product part number. it is recommended that user also seek out the pertinent approvals files of the agencies/laboratories and review them to ensure the product meets the requirements for a given application. ordering information authorized distributors are likely to stock the following: none at present. initial dielectric strength between terminals and mounting: 3,000vac rms. between input and output: 1,500vac rms. t req - t min t max - t min an external resistance of 1 megohm is required to obtain the maximum time for all ranges. to determine the actual resistance needed to obtain the required time delay, use the following formula: r t = ( ) x 1,000,000 ohms t req - t min t max - t min VTM2 a cd || | series VTM2 input voltage time range off-delay a = 120vac/vdc cd = 0.5 - 10 sec. timing module e = 24vac/vdc dd = 3 - 60 sec. q = 12vac/vdc gd = 3 - 60 min. load input voltage 6 1 2 5 3 4 r 7 start switch polarity shown for dc models t 2.00 (50.8) 2.00 (50.8) .170 dia (4.32) accepts #8 screw .250 (6.35) x .032 (.813) quick connects 1.25 (31.8) .885 (22.5) input data @ 25 c voltage:( 10%): 12 vac/vdc, 24vac/vdc, 120 vac/vdc. power requirement: 4w, with rated load. transient protection: non-repetitive transients of the following magni- tudes will not cause spurious operation of affect function and accuracy. operating voltage <0.1 ms <1 ms 12, 24 vac/vdc 860v* 208v* 120 vac/vdc 2,580v 2,150v* * min. source impedance of 100 ohms. current drain: less than 5ma.


▲Up To Search▲   

 
Price & Availability of VTM2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X