Part Number Hot Search : 
MAX6602 23A01 23A01 3306B B2912BS1 FT5767M FT5767M SE051
Product Description
Full Text Search
 

To Download SSM6N37FE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  SSM6N37FE 2009-11-12 1 toshiba field-effect transisto r silicon n-channel mos type SSM6N37FE high-speed switching applications analog switching applications ? 1.5-v drive ? suitable for high-density mounting due to compact package ? low on-resistance r ds(on) = 5.60 ? (max) (@v gs = 1.5 v) r ds(on) = 4.05 ? (max) (@v gs = 1.8 v) r ds(on) = 3.02 ? (max) (@v gs = 2.5 v) r ds(on) = 2.20 ? (max) (@v gs = 4.5 v) absolute maximum ratings (ta = 25c) (q1, q2 common) characteristic symbol rating unit drain?source voltage v dss 20 v gate?source voltage v gss 10 v dc i d 250 drain current pulse i dp 500 ma drain power dissipation p d (note 1) 150 mw channel temperature t ch 150 c storage temperature t stg ?55 to 150 c note: using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this pr oduct to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings. please design the appropriate reliability upon reviewing the toshiba semiconductor reliability handbook (?handling precautions?/?derating concept and methods?) and individual reliability data (i.e. reliability test report and estimated failure rate, etc). note 1: to ta l r a t i n g mounted on an fr4 board (25.4 mm 25.4 mm 1.6 mm, cu pad: 0.135 mm 2 6) marking equivalent circuit (top view) g: mm 0.20.05 6 1.20.05 1.60.05 1.00.05 1 2 0.50.5 3 1.60.05 5 4 0.120.05 0.550.05 jedec D jeita D toshiba 2-2n1d weight: 3.0 mg (typ.) es6 1.source1 2.gate1 3.drain2 4.source2 5.gate2 6.drain1 s u 6 5 4 1 2 3 654 123 q1 q2
SSM6N37FE 2009-11-12 2 electrical characteristics (ta = 25c) (q1, q2 common) characteristic symbol test condition min typ. max unit v (br) dss i d = 1 ma, v gs = 0 v 20 ? ? drain-source breakdown voltage v (br) dsx i d = 1 ma, v gs = -10 v 12 ? ? v drain cutoff current i dss v ds = 20 v, v gs = 0 v ? ? 1 a gate leakage current i gss v gs = 10 v, v ds = 0 v ? ? 1 a gate threshold voltage v th v ds = 3 v, i d = 1 ma 0.35 ? 1.0 v forward transfer admittance |y fs | v ds = 3 v, i d = 100 ma (note 2) 0.14 0.28 ? s i d = 100 ma, v gs = 4.5 v (note 2) ? 1.65 2.20 i d = 50 ma, v gs = 2.5 v (note 2) ? 2.16 3.02 i d = 20 ma, v gs = 1.8 v (note 2) ? 2.66 4.05 drain-source on-resistance r ds (on) i d = 10 ma, v gs = 1.5 v (note 2) ? 3.07 5.60 input capacitance c iss ? 12 ? output capacitance c oss ? 5.5 ? reverse transfer capacitance c rss v ds = 10 v, v gs = 0 v, f = 1 mhz ? 4.1 ? pf turn-on time t on ? 18 ? switching time turn-off time t off v dd = 10 v, i d = 100 ma v gs = 0 to 2.5 v, r g = 50 ? 36 ? ns drain-source forward voltage v dsf i d = -250 ma, v gs = 0 v (note 2) ? -0.9 -1.2 v note 2: pulse test switching time test circuit (q1, q2 common) precaution let v th be the voltage applied between gate and source that causes the drain current (i d ) to be low (1ma for the SSM6N37FE). then, for normal switching operation, v gs(on) must be higher than v th, and v gs(off) must be lower than v th. this relationship can be expressed as: v gs(off) < v th < v gs(on). take this into consideration when using the device. do not use this device under avalanche mode. it may cause the device to break down. handling precaution when handling individual devices that are not yet mounted on a circuit board, make sure that the environment is protected against electrostatic discharge. operators should wear antistatic clothing, and containers and other objects that come into direct contact with devices should be made of antistatic materials. thermal resistance r th (j-a) and drain power dissipation p d vary depending on board material, board area, board thickness and pad area. when using this device, please take heat dissipation into consideration. (c) v out 2.5 v t on t off 0 v v dd v ds (on) t r t f 10% 90% 90% 10% (a) test circuit v dd = 10 v r g = 50 d.u. 1% v in : t r , t f < 5 ns common source ta = 25c 0 2.5 v in out v dd 10 s r g (b) v in
SSM6N37FE 2009-11-12 3 (q1, q2 common) drain-source voltage v ds (v) i d ? v ds drain current i d (ma) 0 400 0 0.2 0.4 0.6 300 100 500 0.8 1.0 200 v gs = 1.2 v 10 v common source ta = 25 c 4.5 v 1.8 v 2.5 v 1.5 v drain-source on-resistance r ds (on) ( ? ) 0 gate-source voltage v gs (v) 4 0 r ds (on) ? v gs 4 6 2 8 2 6 10 5 1 3 ? 25 c ta = 100 c i d = 100ma common source 25 c gate-source voltage v gs (v) i d ? v gs drain current i d (ma) 1000 0 10 100 0.1 1 0.01 3.0 1.0 2.0 ? 25 c ta = 100 c 25 c common source v ds = 3 v r ds (on) ? i d drain current i d (ma) drain-source on-resistance r ds (on) ( ? ) 0 200 300 400 500 100 0 4 6 2 5 1 3 v gs = 4.5 1.5 v 1.8 v common source ta = 25c 2.5v ambient temperature ta (c) r ds (on) ? ta drain-source on-resistance r ds (on) ( ? ) ? 50 0 50 150 100 0 4 2 5 1 3 common source i d = 10m a / v gs = 1.5 v 20m a / 1.8 v 100m a / 4.5 v 50m a / 2.5 v ambient temperature ta (c) v th ? ta 1.0 0 ? 50 0 150 50 100 0.5 gate threshold voltage v th (v) common source v ds = 3 v i d = 1 ma
SSM6N37FE 2009-11-12 4 (q1, q2 common) drain current i d (ma) forward transfer admittance ? y fs ? (ms) |y fs | ? i d 10 1000 100 1000 10 100 300 30 1 common source v ds = 3 v ta = 25c drain reverse current i dr (ma) drain-source voltage v ds (v) i dr ? v ds 1000 0 10 100 0.1 1 ?0.5 ?1.0 ?1.5 ? 25 c ta =100 c 25 c common source v gs = 0 v g d s i dr drain-source voltage v ds (v) c ? v ds capacitance c (pf) 1 0.1 1 10 100 10 100 30 50 3 5 common source ta = 25c f = 1 mhz v gs = 0 v c iss c oss c rss drain current i d (ma) switching time t (ns) t ? i d 1 1 1000 10 100 1000 10 100 t f t on t r t off common source v dd = 10 v v gs = 0 to 2.5 v ta = 25 c r g = 50 ambient temperature ta (c) p d * ? t a drain power dissipation p d * (mw) 200 0 150 120 100 140 100 150 160 250 80 60 40 20 0 -20 -40 mounted on fr4 board. (25.4mm 25.4mm 1.6mm , cu pad : 0.135 mm 2 6) *:total rating
SSM6N37FE 2009-11-12 5 restrictions on product use ? toshiba corporation, and its subsidiaries and affiliates (collect ively ?toshiba?), reserve the right to make changes to the in formation in this document, and related hardware, software a nd systems (collectively ?product?) without notice. ? this document and any information herein may not be reproduc ed without prior written permission from toshiba. even with toshiba?s written permission, reproduc tion is permissible only if reproducti on is without alteration/omission. ? though toshiba works continually to improve product?s quality and reliability, product can malfunction or fail. customers are responsible for complying with safety standards and for prov iding adequate designs and safeguards for their hardware, software and systems which minimize risk and avoid situations in which a ma lfunction or failure of product could cause loss of human life, b odily injury or damage to property, including data loss or corruption. before customers use the product, create designs including the product, or incorporate the product into their own applications, cu stomers must also refer to and comply with (a) the latest versions of all relevant toshiba information, including without limitation, this document, the specifications, the data sheets and application notes for product and the precautions and condi tions set forth in the ?toshiba semiconductor reliability handbook? and (b) the instructions for the application with which the product will be us ed with or for. customers are solely responsible for all aspe cts of their own product design or applications, including but not limited to (a) determining the appropriateness of the use of this product in such design or applications; (b) eval uating and determining the applicability of any info rmation contained in this document, or in c harts, diagrams, programs, algorithms, sample application circuits, or any other referenced documents; and (c) validating all operatin g parameters for such designs and applications. toshiba assumes no liability for customers? product design or applications. ? product is intended for use in general el ectronics applications (e.g., computers, personal equipment, office equipment, measur ing equipment, industrial robots and home electroni cs appliances) or for specif ic applications as expre ssly stated in this document . product is neither intended nor warranted for use in equipment or systems that require extraordinarily high levels of quality a nd/or reliability and/or a malfunction or failure of which may cause loss of human life, bodily injury, serious property damage or se rious public impact (?unintended use?). unintended use includes, without limitation, equipment used in nuclear facilities, equipment used in the aerospace industry, medical equipment, equipment used for automobiles, trains, ships and other transportation, traffic s ignaling equipment, equipment used to control combustions or explosions, safety dev ices, elevators and escalato rs, devices related to el ectric power, and equipment used in finance-related fields. do not use product for unintended use unless specifically permitted in thi s document. ? do not disassemble, analyze, reverse-engineer, alter, modify, translate or copy product, whether in whole or in part. ? product shall not be used for or incorporated into any products or systems whose manufacture, use, or sale is prohibited under any applicable laws or regulations. ? the information contained herein is pres ented only as guidance for product use. no re sponsibility is assumed by toshiba for an y infringement of patents or any other intellectual property rights of third parties that may result from the use of product. no license to any intellectual property right is granted by this document, whether express or implied, by estoppel or otherwise. ? a bsent a written signed agreement, except as provid ed in the relevant terms and conditions of sale for product, and to the maximum extent allowable by law, toshiba (1) assumes no liability whatsoever, including without limitation, indirect, co nsequential, special, or incidental damages or loss, including without limitation, loss of profit s, loss of opportunities, business interruption and loss of data, and (2) disclaims any and all express or implied warranties and conditions related to sale, use of product, or information, including warranties or conditions of merchantability, fitness for a particular purpose, accuracy of information, or noninfringement. ? do not use or otherwise make available product or related so ftware or technology for any military purposes, including without limitation, for the design, development, use, stockpiling or m anufacturing of nuclear, chemical , or biological weapons or missi le technology products (mass destruction w eapons). product and related software and technology may be controlled under the japanese foreign exchange and foreign trade law and the u.s. expor t administration regulations. ex port and re-export of product or related software or technology are strictly prohibited exc ept in compliance with all applicable export laws and regulations. ? please contact your toshiba sales representative for details as to environmental matters such as the rohs compatibility of pro duct. please use product in compliance with all applicable laws and regula tions that regulate the inclusion or use of controlled subs tances, including without limitation, the eu rohs directive. toshiba assumes no liability for damages or losses occurring as a result o f noncompliance with applicable laws and regulations.


▲Up To Search▲   

 
Price & Availability of SSM6N37FE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X