Part Number Hot Search : 
60000 FM350 SB150 F1020 PSB2134 M6GZ47 2SC2925R IC165
Product Description
Full Text Search
 

To Download SSM6N36FE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  SSM6N36FE 2008-02-26 1 toshiba field-effect transisto r silicon n-channel mos type SSM6N36FE high-speed switching applications ? 1.5-v drive ? low on-resistance: r on = 1.52 ? (max) (@v gs = 1.5 v) : r on = 1.14 ? (max) (@v gs = 1.8 v) : r on = 0.85 ? (max) (@v gs = 2.5 v) : r on = 0.66 ? (max) (@v gs = 4.5 v) : r on = 0.63 ? (max) (@v gs = 5.0 v) absolute maximum ratings (ta = 25c) (q1, q2 common) characteristics symbol rating unit drain?source voltage v dss 20 v gate?source voltage v gss 10 v dc i d 500 drain current pulse i dp 1000 ma drain power dissipation p d (note 1) 150 mw channel temperature t ch 150 c storage temperature t stg ?55 to 150 c note: using continuously under heavy loads (e.g. the application of high temperature/current/voltage a nd the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if t he operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings. please design the appropriate reliability upon reviewing the toshiba semiconductor reliability handbook (?handling precautions?/?derating concept and methods?) and indi vidual reliability data (i.e. reliability test report and estimated failure rate, etc). note 1: total rating mounted on an fr4 board (25.4 mm 25.4 mm 1.6 mm, cu pad: 0.135 mm 2 6) marking equivalent circuit (top view) unit: mm 0.20.05 6 1.20.05 1.60.05 1.00.05 1 2 0.50.5 3 1.60.05 5 4 0.120.05 0.550.05 jedec D jeita D toshiba 2-2n1a weight: 3.0 mg (typ.) es6 1.source1 2.gate1 3.drain2 4.source2 5.gate2 6.drain1 nx 6 5 4 1 2 3 q1 q2 654 123
SSM6N36FE 2008-02-26 2 electrical characteristics (ta = 25c) (q1, q2 common) characteristics symbol test condition min typ. max unit v (br) dss i d = 1 ma, v gs = 0 20 ? ? drain-source breakdown voltage v (br) dsx i d = 1 ma, v gs = - 10 v 12 ? ? v drain cutoff current i dss v ds =20 v, v gs = 0 ? ? 1 a gate leakage current i gss v gs = 10 v, v ds = 0 ? ? 1 a gate threshold voltage v th v ds = 3 v, i d = 1 ma 0.35 ? 1.0 v forward transfer admittance |y fs | v ds = 3 v, i d = 200 ma (note2) 420 840 ? ms i d = 200 ma, v gs = 5.0 v (note2) ? 0.46 0.63 i d = 200 ma, v gs = 4.5 v (note2) ? 0.51 0.66 i d = 200 ma, v gs = 2.5 v (note2) ? 0.66 0.85 i d = 100 ma, v gs = 1.8 v (note2) ? 0.81 1.14 drain-source on-resistance r ds (on) i d = 50 ma, v gs = 1.5 v (note2) ? 0.95 1.52 input capacitance c iss ? 46 ? output capacitance c oss ? 10.8 ? reverse transfer capacitance c rss v ds = 10 v, v gs = 0, f = 1 mhz ? 7.3 ? pf total gate charge q g ? 1.23 ? gate? source charge q gs ? 0.60 ? gate? drain charge q gd v ds = 10v, i d = 0.5 a v gs = 4.0 v ? 0.63 ? nc turn-on time t on ? 30 ? switching time turn-off time t off v dd = 10 v, i d = 200 ma v gs = 0 to 2.5 v, r g = 50 ? 75 ? ns drain-source forward voltage v dsf i d = -0.5 a, v gs = 0 v (note2) ? -0.88 -1.2 v note2: pulse test switching time test circuit (q1, q2 common) usage considerations let v th be the voltage applied between gate and sour ce that causes the drain current (i d ) to below (1 ma for the SSM6N36FE). then, for normal switching operation, v gs(on) must be higher than v th, and v gs(off) must be lower than v th. this relationship can be expressed as: v gs(off) < v th < v gs(on). take this into consideration when using the device. handling precaution when handling individual devices that are not yet mounted on a circuit board, make sure that the environment is protected against electrostatic discharge. operators should wear antistatic clothing , and containers and other objects that come into direct contact with devices should be made of antistatic materials. (c) v out 2.5 v t on t off 0 v v dd v ds (on) t r t f 10% 90% 90% 10% (a) test circuit v dd = 10 v r g = 50 d.u. 1% v in : t r , t f < 5 ns common source ta = 25c 0 2.5 v in out v dd 10 s r g (b) v in
SSM6N36FE 2008-02-26 3 ambient temperature ta (c) v th ? ta gate threshold voltage v th (v) 1.0 0 ? 50 0 150 50 100 0.5 common source v ds = 3 v i d = 1 ma ambient temperature ta (c) r ds (on) ? ta drain-source on-resistance r ds (on) ( ? ) 0 ? 50 0 50 150 1.0 100 common source 1.5 0.5 i d = 50 m a / v gs = 1.5 v 100 m a / 1.8 v 200 m a / 5.0 v 200 m a / 4.5 v 200 m a / 2.5 v drain-source on-resistance r ds (on) ( ? ) 0 gate-source voltage v gs (v) 4 0 r ds (on) ? v gs 2 3 1 8 2 6 10 ? 25 c ta = 100 c i d = 200 ma common source 25 c r ds (on) ? i d drain current i d (ma) drain-source on-resistance r ds (on) ( ? ) 0 400 600 800 0 2 1000 3 1 200 vgs = 4.5v 1.5 v 1.8 v common source ta = 25c 2.5v gate-source voltage v gs (v) i d ? v gs drain current i d (ma) 1000 0 10 100 0.1 1 0.01 3.0 1.0 2.0 ? 25 c ta = 100 c 25 c common source v ds = 3 v drain-source voltage v ds (v) i d ? v ds drain current i d (ma) 0 800 0 0.2 0.4 0.6 600 200 1000 0.8 1.0 400 vgs = 1.2 v 10 v common source ta = 25 c 4.5 v 1.8 v 2.5 v 1.5 v
SSM6N36FE 2008-02-26 4 drain current i d (ma) forward transfer admittance ? y fs ? (ms) |y fs | ? i d 10 1000 1000 10 100 3000 300 1 10000 common source v ds = 3 v ta = 25c 100 30 drain-source voltage v ds (v) c ? v ds capacitance c (pf) 1 0.1 1 10 100 10 100 30 50 3 5 common source ta = 25c f = 1 mhz v gs = 0 v c iss c oss c rss total gate charge qg (nc) dynamic input characteristic gate-source voltage v gs (v) 0 0 2 4 8 10 6 2 1 3 common source i d = 0.5 a ta = 25c v dd = 10 v v dd = 16 v drain current i d (ma) switching time t (ns) t ? i d 10 1 1000 10 100 1000 100 t f t on t r common source v dd = 10 v v gs = 0 to 2.5 v ta = 25 c r g = 4.7 t off ambient temperature ta (c) p d * ? ta drain power dissipation p d * (mw) 200 0 150 120 100 140 100 150 160 250 80 60 40 20 0 -20 -40 mounted on a fr4 board. (25.4 mm 25.4 mm 1.6 mm , cu pad: 0.135 mm 2 6) *: total rating drain reverse current i dr (ma) drain-source voltage v ds (v) i dr ? v ds 1000 0 10 100 0.1 1 ?0.5 ?1.0 ?1.5 ? 25 c ta =100 c 25 c common source v gs = 0 v g d s i dr
SSM6N36FE 2008-02-26 5 restrictions on product use ? toshiba corporation, and its subsidiaries and affiliates (collect ively ?toshiba?), reserve the right to make changes to the in formation in this document, and related hardware, software a nd systems (collectively ?product?) without notice. ? this document and any information herein may not be reproduc ed without prior written permission from toshiba. even with toshiba?s written permission, reproduc tion is permissible only if reproducti on is without alteration/omission. ? though toshiba works continually to improve product?s quality and reliability, product can malfunction or fail. customers are responsible for complying with safety standards and for prov iding adequate designs and safeguards for their hardware, software and systems which minimize risk and avoid situations in which a ma lfunction or failure of product could cause loss of human life, b odily injury or damage to property, including data loss or corruption. before creating and producing des igns and using, customers mus t also refer to and comply with (a) the latest versions of all re levant toshiba information, including without limitation, this d ocument, the specifications, the data sheets and applic ation notes for product and the precautions and conditions set forth in the ?tosh iba semiconductor reliability handbook? and (b) t he instructions for the application that product will be used with or for. custome rs are solely responsible for all aspects of t heir own product design or applications, incl uding but not limited to (a) determining th e appropriateness of the use of this product in such design or applications; (b) evaluating and det ermining the applicability of any information contained in this document, or in charts, diagrams, programs, algorithms, sample application circuits, or any other referenced documents; and (c) validating all operating parameters for such designs and applications. toshiba assumes no liability for customers? product design or applications. ? product is intended for use in general el ectronics applications (e.g., computers, personal equipment, office equipment, measur ing equipment, industrial robots and home electroni cs appliances) or for specif ic applications as expre ssly stated in this document . product is neither intended nor warranted for use in equipment or systems that require extraordinarily high levels of quality a nd/or reliability and/or a malfunction or failure of which may cause loss of human life, bodily injury, serious property damage or se rious public impact (?unintended use?). unintended use includes, without limitation, equipment used in nuclear facilities, equipment used in the aerospace industry, medical equipment, equipment used for automobiles, trains, ships and other transportation, traffic s ignaling equipment, equipment used to control combustions or explosions, safety dev ices, elevators and escalato rs, devices related to el ectric power, and equipment used in finance-related fields. do not use product for unintended use unless specifically permitted in thi s document. ? do not disassemble, analyze, reverse-engineer, alter, modify, translate or copy product, whether in whole or in part. ? product shall not be used for or incorporated into any products or systems whose manufacture, use, or sale is prohibited under any applicable laws or regulations. ? the information contained herein is pres ented only as guidance for product use. no re sponsibility is assumed by toshiba for an y infringement of patents or any other intellectual property rights of third parties that may result from the use of product. no license to any intellectual property right is granted by this document, whether express or implied, by estoppel or otherwise. ? a bsent a written signed agreement, except as provid ed in the relevant terms and conditions of sale for product, and to the maximum extent allowable by law, toshiba (1) assumes no liability whatsoever, including without limitation, indirect, co nsequential, special, or incidental damages or loss, including without limitation, loss of profit s, loss of opportunities, business interruption and loss of data, and (2) disclaims any and all express or implied warranties and conditions related to sale, use of product, or information, including warranties or conditions of merchantability, fitness for a particular purpose, accuracy of information, or noninfringement. ? do not use or otherwise make available product or related so ftware or technology for any military purposes, including without limitation, for the design, development, use, stockpiling or m anufacturing of nuclear, chemical , or biological weapons or missi le technology products (mass destruction w eapons). product and related software and technology may be controlled under the japanese foreign exchange and foreign trade law and the u.s. expor t administration regulations. ex port and re-export of product or related software or technology are strictly prohibited exc ept in compliance with all applicable export laws and regulations. ? please contact your toshiba sales representative for details as to environmental matters such as the rohs compatibility of pro duct. please use product in compliance with all applicable laws and regula tions that regulate the inclusion or use of controlled subs tances, including without limitation, the eu rohs directive. toshiba assumes no liability for damages or losses occurring as a result o f noncompliance with applicable laws and regulations.


▲Up To Search▲   

 
Price & Availability of SSM6N36FE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X