Part Number Hot Search : 
4017BDM OPA731W STR730F 5C001 12LCT L14P2 5M0365 GR18650C
Product Description
Full Text Search
 

To Download SSE90N10-14 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  elektronische bauelemente SSE90N10-14 90a , 100v , r ds(on) 16m ? n-channel enhancement mode mosfet 12-dec-2011 rev. b page 1 of 4 http://www.secosgmbh.com/ any changes of specification will not be informed individually. rohs compliant product a suffix of ?-c? specifies halogen and lead-free description these miniature surface mount mosfets utilize a high cell density trench process to provide low r ds(on) and to ensure minimal power loss and heat dissipation. features ? low r ds(on) provides higher efficiency and extends battery life. ? low thermal impedance copper leadframe to-220p saves board space. ? fast switch speed. ? high performance trench technology. application dc-dc converters and power management in portable and battery-powered products such as computers, printers, pcmcia cards, cellular and cordless telephones. absolute maximum ratings (t a =25 c unless otherwise specified) parameter symbol ratings unit drain-source voltage v ds 100 v gate-source voltage v gs 20 v continuous drain current 1 t c =25 c i d 90 a pulsed drain current 2 i dm 240 a continuous source current (diode conduction) 1 i s 90 a power dissipation 1 t c =25 c p d 300 w operating junction and st orage temperature range t j , t stg -55~175 c thermal resistance rating maximum junction to ambient 1 r ja 62.5 maximum junction to case r jc 0.5 c / w notes: 1 package limited. 2 pulse width limited by maximum junction temperature. g 1 s 3 d 2 n-channel millimete r millimete r ref. min. max. ref. min. max. a 7.90 8.10 m - 1.50 b 9.45 9.65 n 0.75 0.95 c 9.87 10.47 o 0.66 0.86 d - 11.50 p 13.50 14.50 e 1.06 1.46 q 2.44 3.44 f 2.60 3.00 r 3.50 3.70 g 6.30 6.70 s 1.15 1.45 h 8.35 8.75 t 4.30 4.70 i 14.7 15.3 u - 2.7 j 1.60 t yp . v 1.89 3.09 k 1.10 1.30 w 0.40 0.60 l 1.17 1.37 x 2.60 3.60 to-220p i f m q q u v b r t s p x k 2 3 1 c a d e g h j l n o w
elektronische bauelemente SSE90N10-14 90a , 100v , r ds(on) 16m ? n-channel enhancement mode mosfet 12-dec-2011 rev. b page 2 of 4 http://www.secosgmbh.com/ any changes of specification will not be informed individually. electrical characteristics (t a =25 c unless otherwise specified) parameter symbol min. typ. max. unit teat conditions static gate-threshold voltage v gs(th) 1 - - v v ds =v gs , i d =250 a gate-body leakage i gss - - 100 na v ds =0, v gs =25v - - 1 v ds =80v, v gs =0 zero gate voltage drain current i dss - - 25 a v ds =80v, v gs =0, t j =55 c on-state drain current 1 i d(on) 180 - - a v ds =5v, v gs =10v - - 16 v gs =10v, i d =30a drain-source on-resistance 1 r ds(on) - - 19 m ? v gs =5.5v, i d =20a forward transconductance 1 g fs - 40 - s v ds =15v, i d =20a diode forward voltage v sd - 0.9 - v i s =45a, v gs =0 dynamic 2 input capacitance c iss - 4221 - output capacitance c oss - 392 - reverse transfer capacitance c rss - 364 - pf v ds =15v, v gs =0, f=1 mhz total gate charge q g - 60 - gate-source charge q gs - 19 - gate-drain charge q gd - 39 - nc v ds =50v, v gs =5.5v, i d =20a turn-on delay time t d(on) - 25 - rise time t r - 49 - turn-off delay time t d(off) - 111 - fall time t f - 44 - ns v ds =50v, v gen =10v, r l =2.5 ? , i d =20a r gen =6 ? notes: 1 pulse test pw Q 300 s duty cycle Q 2%. 2 guaranteed by design, not s ubject to production testing.
elektronische bauelemente SSE90N10-14 90a , 100v , r ds(on) 16m ? n-channel enhancement mode mosfet 12-dec-2011 rev. b page 3 of 4 http://www.secosgmbh.com/ any changes of specification will not be informed individually. characteristic curves
elektronische bauelemente SSE90N10-14 90a , 100v , r ds(on) 16m ? n-channel enhancement mode mosfet 12-dec-2011 rev. b page 4 of 4 http://www.secosgmbh.com/ any changes of specification will not be informed individually. characteristic curves


▲Up To Search▲   

 
Price & Availability of SSE90N10-14

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X