Part Number Hot Search : 
1H470 PTGT5 216S1 WR203 GP1006 BA9701F KSB1097 SP201
Product Description
Full Text Search
 

To Download SS1103KSOT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ss1103 unipolar hall-effect digital switch 1 v2.00 may 1, 2012 features and benefits ? 4.5v to 24v operation ? -40 to 150 superior temperature operation ? bipolar technology ? open-collector 25 ma output ? reverse battery protection ? small size-sot23 3l ? solid-state reliability ? resistant to physical stress ? activate with small, commercially available permanent magnets ? 3 pin sot23 (suffix so) vdd out voltage regulatr choppe r hall plate gnd functional block diagram a pplication examples ? automotive, consumer and industrial ? solid-state switch ? brushless dc motor commutation ? speed detection ? linear position detection ? angular position detection ? proximity detection ? sot package pin 1 ? v dd pin 2 ? out pin 3 ? gnd
ss1103 unipolar hall-effect digital switch 2 v2.00 may 1, 2012 general description the s1103 is a unipolar hall-eff ect sensor ic fabricated from bipolar technology. the device integrates a voltage regulator, reverse battery protection diode, hall sensor with dynamic offset cancellation system, temperature compensation circuitry, small signal amplifier, schmitt trigger and an open-collector output to sink up to 25 ma. with suitable output pull up, they can be used with bipolar or cmos logic circuits. these hall-effect switches are monolithic integrated circuits with tighter magnetic specific ations, designed to operate continuously over extended temperatures to +150 ,and are more stable with both temp erature and supply voltage changes. the unipolar switching characteristic makes these devices ideal for use with a simple bar or rod magnet. thanks to its wide operating voltage range and extended choice of temperature range, it is quite suitable for use in automotive, industrial and consumer applications. glossary of terms millitesla (mt), gauss units of ma gnetic flux density: 1mt = 10 gauss rohs restriction of hazardous substances operating point (b op ) magnetic flux density applied on the bran ded side of the package which turns the output driver on (v out = v dson ) release point (b rp ) magnetic flux density applied on the branded side of the package which turns the output driver off (v out = high)
ss1103 unipolar hall-effect digital switch 3 v2.00 may 1, 2012 pin definitions and descriptions sot pin name type function 1 v dd s upp l y s upp l y v o l t a g e p i n 2 o ut o u t pu t open dr a i n output p i n 3 gnd g r ound ground p i n absolute maximum ratings parameter symbol value units s upp l y v o l t a g e v dd 28 v s upp l y c u rr e n t i dd 50 m a output v o l t a g e v o ut 28 v output c u rr e n t i o ut 50 m a storage temperature range t s -65 to 170 c absolute maximum ratings operating temperature range symbol value units temperature s u ff i x ? e ? t a -40 to 85 c temperature s u ff i x ? k ? t a -40 to 125 c temperature s u ff i x ? l ? t a -40 to 150 c exceeding the absolute maximum ratings may cause permanent damage. exposure to absolute-maximum- rated conditions for extended periods may affect device reliability .
ss1103 unipolar hall-effect digital switch 4 v2.00 may 1, 2012 general electrical specifications dc operating parameters t a = 25 , v dd = 4.5v to 24v (unless otherwise specified) parameter symbol test conditions min typ max units s upp l y v o l t a g e v dd o p e r a t i ng 4.5 24 v s upp l y c u rr e n t i dd b < b rp 4 5 7 m a output s a t u r a t i on v o l t a g e v d s on i out = 20ma, b > b op 0.3 0.5 v output l ea k a g e c u rr e n t i o ff b < b rp v out = 24 v 0.1 10 a output r i s e t i m e t r r l = 820? , c l = 20pf 0.04 2.0 s output f a ll t i m e t f r l =820 ? , c l = 20pf 0.18 2.0 s magnetic specifications dc operating parameters v dd = 4.5v to 24v (unless otherwise specified) parameter symbol test conditions min typ max units o p e r a t i ng p o i n t b op 150 170 190 g r e l ea s e p o i n t b rp 100 125 160 g hy s t e r e s i s b h y s ta=25 ,vdd=12v dc 45 g application information ?
ss1103 unipolar hall-effect digital switch 5 v2.00 may 1, 2012 package lh, 3-pin sot-23 ordering information part no. pb-free temperature code package code packing ss1103esot yes -40c to 85c sot-23 7-in. reel, 3000 pieces/reel SS1103KSOT yes -40c to 125c sot-23 7-in. reel, 3000 pieces/reel ss1103lsot yes -40c to 150c sot-23 7-in. reel, 3000 pieces/reel ?


▲Up To Search▲   

 
Price & Availability of SS1103KSOT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X