SOD1F1 thru SOD1F10 100v-1000v 1.0a mechanical data web site: www.taychipst.com 1 of 2 features e-mail: sales@taychipst.com maximum ratings and electrical characteristics sod-123fl glass passivated device ideal for surface mouted applications low leakage current metallurgically bonded construction high temperature soldering: ?? /10 seconds at terminals case:jedec sod-123fl,molded plastic over passivated chip terminals:solder plated, solderable per mil-std-750, method 2026 polarity: color band denotes cathode end weight: 0.003 ounces, 0.01 gram mounting position: any ratings at 25 ?? ambient temperature unless otherwise specified. single hase,half wave,60hz,resistive or inductive load.for capactive load,derate current by 20%. absolute ratings sod1f2 sod1f4 sod1f6 sod1f8 SOD1F10 fd fg fj fk fm v rrm 200 400 600 800 1000 v v rms 140 280 420 560 700 v v dc 200 400 600 800 1000 v r j a k/w t rr 250 ns t j ?? t stg ?? notes:1.averaged over any 20 ms period. 2. thermal resistance junction to ambient, 6.0 mm 2 coppeer pads to each terminal. 3.measured with i f =0.5a, i r =1a, i rr =0.25a. 70 100 - 55 --- + 150 25 maximum recurrent peak reverse voltage device marking code units fb a 100 a i (av) 1.0 SOD1F1 maximum reverse recovery time (note 3) maximum rms voltage maximum dc blocking voltage operating temperature range storage temperature range on rated load t l =25 ?? 180 maximum average forword rectified current t a =65 ?? (note 1) peak forward surge current 8.3ms single half-sine-wave superimposed i fsm typical thermal resistance (note 2) 150 500 - 55 --- + 150 surface mount rectifier
ratings and characteristic curves SOD1F1 thru SOD1F10 e-mail: sales@taychipst.com web site: www.taychipst.com 2 of 2 0 . 6 0 . 8 1 . 0 1 . 2 1 . 4 1 . 6 0 . 01 0 . 02 0 . 06 0 . 04 0 . 1 0 . 2 0 . 4 1 . 0 2 4 10 100 t j =25 pulse width=300us amperes capacitance, pf m amperes average forward current, amperes fi g. 1 --typi cal forward characteri sti c fi g. 2 -- typi cal juncti on capaci tance i n s t a n t a n e o u s f o r w a r d v o l t a g e , v r eve r se v o l t a g e , v o l t s instantaneous reverse current instantaneous forward current f i g . 3 - - typical instantaneous f i g . 4 - - f o r w ard d e ra t i ng cur v e ambient temperature, instantaneous reverse voltage,v 0 5 10 15 20 25 30 35 40 10 9 8 7 6 5 4 3 2 1 0 0 0.6 0.8 1.2 1.0 0 20 40 60 80 100 120 140 160 0.4 0.2 resistive or inductive load 3.0 x 3.0mm 40 m thick copper pad areas 0 100 200 300 400 500 600 700 800 900 0.01 0.1 10 1 100 t j = 150 c t j = 125 c t j = 100 c t j =75 c t j =50 c t j =25 c reverse characteristics SOD1F1 thru SOD1F10 100v-1000v 1.0a surface mount rectifier
|