Part Number Hot Search : 
G4BC15U B1201UA4 AM2520 MB9124 170M5668 GC2520 1337M1 MBT440
Product Description
Full Text Search
 

To Download SO445120 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  all technical caracteristics are subject to change without previous notice. caract?ristiques sujettes ? modifications sans pr?avis. p p p p r r r r o o o o u u u u d d d d t t t t o o o o s s s s e e e e r r r r v v v v e e e e y y y y o o o o u u u u celduc ? r e l a i s page 1 / 5f/gb s/mon/SO445120/b/24/05/2007 gradateur angle de phase phase angle controller SO445120 okpac ? ? relais statique ? entr?e analogique permettant un contr?le en puissance de charge r?sistive par une variation en angle de phase ssr based phase angle controller with analog control to adjust power on resistive loads (linear power law response) ? gamme en courant des so4 : 35 ? 125a so4. current range : 35 to 125a ? protection contre les surtensions par varistor int?gr? overvoltage protection by varistor. ? plage de fr?quence r?seau :40 ? 70 hz auto-adaptable main frequency range : 40 to 70hz with self adaptation ? alimentation 8-30v et led verte de visualisation 8-30v supply voltage and green led visualization on the input. ? entr?e analogique 0-5v. 0-5v analog input voltage. ? construit en conformit? aux normes en60947-4-3 (iec947-4-3) et en60950/vde0805 (isolement renforc?) designed in compliance with en60947-4-3 (iec947-4-3) and en60950/vde0805 (reinforced insulation) ? protection ip20 par volets sur les bornes. ip20 protection by flaps on terminals. 2 connecteurs d'entr?e d?brochable ? technologie ressort. gris: alimentation orange: entr?e analogique 0-5v two removable input spring connectors grey: supply orange : analog input 0-5v application typique / typical application: 10kw (ac-51) - 230 vac 50hz dimensions : alim. supply entr?e ana. control input entr?e analogique analog input 0-5vdc alimentation supply 8-30vdc 200-480vac - 1/l1 et 2/t1 peuvent ?tre invers?es. 1/l1 and 2/t1 can be swapped. - le relais doit ?tre mont? sur dissipateur thermique. ssr must be mounted on heatsink preliminaire / preliminary sortie/output : 100-280vac 50a alimentation/supply : 8-30v entr?e analogique/analog input : 0-5v
0 2 4 6 8 10 12 14 16 18 20 22 24 26 28 30 0 0 1 2 3 4 5 6 7 8 9 0 vc (v) ic (ma) r e l a i s rue amp?re b.p. 4 42290 sorbiers - france e-mail : celduc-relais@celduc.com fax +33 (0) 4 77 53 85 51 service commercial france t?l. : +33 (0) 4 77 53 90 20 sales dept.for europe tel. : +33 (0) 4 77 53 90 21 sales dept. asia : t?l. +33 (0) 4 77 53 90 19 www.celduc.com page 2 / 5f/gb s/mon/SO445120/b/24/05/2007 okpac ? caract?ristiques de sortie / output characteristics (at 25 c) param?tre / parameter conditions symbol min typ. max unit plage de tension utilisation / operating voltage range ue 100 230 280 v rms tension de cr?te / peak voltage @ 1ma up 600 v tension amor?age / latching voltage ie nom ua 10 v courant nominal / nominal current (ac-51) voir/ see fig.2 ie ac-51 0,1 50 a rms courant surcharge / non repetitive overload current tp=10ms (fig. 3) itsm 550 720 a chute directe ? l'?tat passant / on state voltage drop @ 25 c vt 0,9 v r?sistance dynamique / on state dynamic resistance rt 12 m ? puissance dissip?e (max) / output power dissipation (max) pd 0,9x0,9xie + 0,012xie 2 w courant de fuite ? l'?tat bloqu? / off state leakage current @ue typ, 50hz ilk 2 ma temps d'initialisation / init time @ switch on 50hz ti 6 ms temps de retard / delay time @ 50hz td max 70 ms temps de reponse / rise, fall time @ 50hz , dul=63% tr max 20 ms fr?quence utilisation / operating frequency range f mains f 40 50-60 70 hz dv/dt ? l'?tat bloqu? / off state dv/dt dv/dt 500 v/ s di/dt max / maximum di/dt non repetitive di/dt 50 a/ s i 2 t (<10ms) i 2 t 1500 2500 a 2 s immunit? / conducted immunity level iec/en61000-4-4 (bursts) 4kv criterion b immunit? / conducted immunity level iec/en61000-4-5 (surge) 4kv criterion b protection surtension interne / internal overvoltage protection varistor 275v uclamp 450(@1ma) v protection court-circuit / short circuit protection voir/ see page 6 example fuse ferraz grc 25a/32a/50a caract?ristiques g?n?rales / general characteristics (at 25 c) isolement entr?e/sortie - input to output insulation ui 4000 vrms isolation sortie/ semelle - output to case insulation ui 4000 vrms r?sistance isolement / insulation resistance ri 1000 (@500vdc) m ? tenue aux tensions de chocs / rated impulse voltage uimp 4000 v degr? de protection / protection level / cei529 ip20 degr? de pollution / pollution degree -2 vibrations / vibration withstand 10 -55 hz according to cei68 1,5 mm tenue aux chocs / shocks withstand according to cei68 - 30/50 g r?sistance thermique jonction/semelle thermal resistance junction to case rthj/c 0,45 c/w temp?rature de fonctionnement / ambient temperature (no icing, no condensation) - -40 /+90 c temp?rature de stockage / storage temperature (no icing, no condensation) -40/+125 c humidit? relative / ambient humidity hr 40 to 85 % poids/ weight 65 g conformit? / conformity en60947-4-3 (iec947-4-3) conformit? / conformity vde0805/en60950 ul/cul plastique du boitier / housing material pa 6 ul94vo semelle / base plate aluminium, nickel-plated celduc ? caract?ristiques d'entr?e / control characteristics (at 25 c) dc param?tre / parameter symbol min typ max unit plage de tension d'alimentation / control voltage range vc 8 30 v courant d'alimentation/ supply current ic - 9 ma tension inverse max alim. / max. reverse supply voltage -vc 30 v plage de tension analogique/ analog voltage range ve 0 5 30 v courant entr?e analogique / analog input current ie 300 a tenue en tension max ana. / max. reverse analog voltage withstand ve -30 30 v imp?dance entr?e analogique/ analog input impedance re 120 k ?
r e l a i s rue amp?re b.p. 4 42290 sorbiers - france e-mail : celduc-relais@celduc.com fax +33 (0) 4 77 53 85 51 service commercial france t?l. : +33 (0) 4 77 53 90 20 sales dept.for europe tel. : +33 (0) 4 77 53 90 21 sales dept. asia : t?l. +33 (0) 4 77 53 90 19 www.celduc.com celduc ? page 3 / 5f/gb s/mon/SO445120/b/24/05/2007 okpac ? surcharge de courant non r?p?titive sans tension r?appliqu?e / no repetive surge current without voltage reapplied. surcharge de courant r?p?titive avec tension r?appliqu?e / repetive surge current with voltage reapplied. 1 10 1 0,1 0,01 0 200 400 600 0 t (s) itsm (apeak) surcharge de courant : itsm (apeak) = f(t) pour mod?le 50a(itsm=550a) surge current : itsm (apeak) = f(t) for 50a models with itsm =550a fig.3 1 2 12k/w correspond ? un relais sans dissipateur mont? dans l'air / 12k/w corresponds to a relay wi- thout heatsink . 6k/w correspond ? un relais mont? sur un adaptateur din celduc type 1ld12020 6k/w corresponds to a relay mounted on a din rail adaptator like celduc 1ld12020 fig. 2 courbes thermiques & choix dissipateur thermique / thermal curves and heatsink choice 0 5 10 15 20 25 30 35 40 45 50 55 60 0 0 10 20 30 40 50 60 70 80 90 100 0 courant de charge / rms load current (a) puissance dissip?e / power dissipation (w) 0 10 20 30 40 50 60 70 80 90 100 0 0 10 20 30 40 50 60 70 80 90 100 0 temp?rature ambiante / ambient temperature ( c) 1 , 1k/w 6k/w 2,1k/w 1,5k/w full on state 50% on state 0,95k/w 0,75k/w 0 , 55k/w ? > warning ! semiconductor relays don't provide any galvanic insulation between the load and the mains. always use in conjunction with an adapted circuit breaker with isolation feature or a similar device in order to ensure a reliable insulation in the ev ent of wrong function and when the relay must be insulated from the mains (maintenance ; if not used for a long duration ...). 1 -itsm non r?p?titif sans tension r?appliqu?e est donn? pour la d?termina- tion des protections. 1 - no repetitive itsm is given without voltagereapplied . this curve is used to define theprotection (fuses). 2 -itsm r?p?titif est donn? pour des surcharges de courant (tj initiale=70 c). attention : la r?p?tition de ces surcharges de courant diminue la dur?e de vie du relais. 2 - repetitive itsm is given for inrush current with initial tj = 70 c. in nor- mal operation , this curve musn't be exceeded. be careful, the repetition of the surge current decreases the life expectancy of the ssr. ? > attention ! les relais ? semi-conducteurs ne procurent pas d'isolation galvanique entre le r?seau et la charge. ils doivent ?tre utilis? s associ?s ? un disjoncteur avec propri?t? de sectionnement ou similaire, afin d'assurer un sectionnement fiable en amont de la l igne dans l'hypoth?se d'une d?faillance et pour tous les cas o? le relais doit ?tre isol? du r?seau (maintenance ; non utilisation sur un e longue dur?e...). ve(v) 4.85 2 0.15 100% 50% 25% 0% 75% (uload/vac) 2 0 13 5 fig.3 caract?ristique de transf?rt, lin?aris? en u 2 transfer characteristic with u 2 linearisation. avec une charge r?sistive constante cette caract?ristique permet d'avoir une r?ponse lin?aire en puissance. with a constant resistive load this characteristic leads a linear power transfer. vac :tension eff. r?seau / mains voltage (rms) r load :resistance de la charge / resistive load p(ve)= uload 2 /r load , pmax=vac 2 /r load (uload/vac) 2 =p(ve)/pmax=(ve - 0.15) / 4.7v p(ve)=pmax.(ve - 0.15) / 4.7v
r e l a i s rue amp?re b.p. 4 42290 sorbiers - france e-mail : celduc-relais@celduc.com fax +33 (0) 4 77 53 85 51 service commercial france t?l. : +33 (0) 4 77 53 90 20 sales dept.for europe tel. : +33 (0) 4 77 53 90 21 sales dept. asia : t?l. +33 (0) 4 77 53 90 19 www.celduc.com page 4 / 5f/gb s/mon/SO445120/b/24/05/2007 okpac ? okpac ? raccordement d'entr?e / control wiring okpac ? raccordement de puissance / power wiring nombre de fils / number of wires mod?le de tournevis / screwdriver type couple de serrage recommand? 1 2 recommended torque fil rigide (sans embout) solid (no ferrule) fil multibrins (avec embout) fine stranded (with ferrule) fil rigide (sans embout) solid (no ferrule) fil multibrins (avec embout) fine stranded (with ferrule) m5 n.m 1,5 ... 10 mm 2 awg16....awg8 1,5 ... 6 mm 2 awg16....awg10 1,5 ... 10 mm 2 awg16....awg8 1,5 ... 6 mm 2 awg16....awg10 pozidriv 2 2 raccordement / connections celduc ? options : fastons : nous consulter/ consult us kit adaptation fort courant / special kit for high current: 1lk00700 35mm 2 (awg2) 50mm 2 (awg0) pour les forts courants, le volet doit ?tre enlev? (perte ip20). for high currents, power flap must be removed ( no ip20) puissance avec cosses / power with ring terminals. w max =12,6mm 16 mm 2 (awg6) 25 mm 2 (awg4) 35mm 2 (awg2 /awg3) 50mm 2 (awg0 /awg1) des cosses et kits d'adaptation peuvent ?tre fournis : voir relais forte puissance et documentation connexion forte puissance/ suitable ring terminals and special kit for high current can be delivered: see high power ssr and data-sheet for power connexion. directement avec fils avec ou sans embouts/ direct connection with wires with or without ferrules avec cosses/ with ring terminals connecteurs d?brochables, technologie ressort. section minimale 0,08mm 2 section maximale 1,5mm 2 plugabble removable input spring connectors. min awg28 max awg14 avec levier/ with clip connecteur/connector wago 734-serie
rue amp?re b.p. 4 42290 sorbiers - france e-mail : celduc-relais@celduc.com fax +33 (0) 4 77 53 85 51 service commercial france t?l. : +33 (0) 4 77 53 90 20 sales dept.for europe tel. : +33 (0) 4 77 53 90 21 sales dept. asia : t?l. +33 (0) 4 77 53 90 19 www.celduc.com page 5 / 5f/gb s/mon/SO445120/b/24/05/2007 okpac ? montage /mounting: ? > l es relais statiques de la gamme okpac ? doivent ?tre mont?s sur dissipateur thermique. une gamme ?tendue de dissipateurs est disponible. voir exemples ci dessous et la gamme "wf" sur www.celduc.com. okpac ? ssrs must be mounted on heatsinks. a large range of heatsinks is available. see below some examples and "wf" range on www.celduc.com. ? > pour le montage du relais sur dissipateur utiliser de la graisse thermique ou un "thermal pad" haute performance sp?cifi? par celduc ? .une version autocollante pr?coll?e sur le relais est aussi disponible: nous consulter / for heatsink mounting, it is necessary to use thermal grease or thermal pad with high thermal conductibility specified by celduc ? . an adhesive model mounted by celduc ? on the ssr is al- so available: please contact us. applications thermal pad : 5th21000 wf151200 (2-2,5 k/w) wf108110 ( 1,1 k/w) m4x12mm 1,2n.m thermal grease or pad load phase neutral alimentation supply 8-30v dc entr?e analogique analog input 0-5v dc r e l a i s celduc ?


▲Up To Search▲   

 
Price & Availability of SO445120

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X