note: all specifications are subjec t to change without notification. scd's for these devices should be re viewed by ssdi prior to release. data sheet #: ru0049b doc solid state devices, inc. 14701 firestone blvd * la mirada, ca 90638 phone: (562) 404-4474 * fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com designer?s data sheet part number/ordering information 1 / sdr5 __ __ __ screening 2 / __ = not screened tx = tx level txv = txv level s = s level pin configuration (see table 1) __ = normal (cathode to stud) r = reverse (anode to stud) family/voltage 04 = 400v 06 = 600v 08 = 800v 10 = 1000v SDR504 thru sdr510 50 amp 400-1000 volt 80 nsec ultra fast recovery rectifier features : ? ultra fast recovery: 80 nsec maximum ? low reverse leakage current ? low thermal resistance ? high surge capability ? hermetically sealed ? for high efficiency applications ? piv to 1000v ? maximum ratings symbol value units peak repetitive reverse and dc blocking voltage SDR504 sdr506 sdr508 sdr510 v rrm v rwm v r 400 600 800 1000 volts average rectified forward current (resistive load, 60 hz sine wave, t a = 25 c) i o 50 amps peak surge current (8.3 ms pulse, half sine wave, t a = 25 c) i fsm 625 amps operating & storage temperature t op & t stg -65 to +175 oc maximum total thermal resistance junction to case r ? jc 1.0 oc/w notes: 1/ for ordering information, price, operati ng curves, and availability - contact factory. 2/ screening based on mil-prf-19500. screening flows available on request. do-5:
note: all specifications are subjec t to change without notification. scd's for these devices should be re viewed by ssdi prior to release. data sheet #: ru0049b doc solid state devices, inc. 14701 firestone blvd * la mirada, ca 90638 phone: (562) 404-4474 * fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com SDR504 thru sdr510 electrical characteristics symbol max units instantaneous forward voltage drop (i f = 50 adc, t a = 25 oc, 300 ? s pulse) v f 1.7 v dc instantaneous forward voltage drop (i f = 50 adc, t a = -55 oc, 300 ? s pulse) v f 1.85 v dc reverse leakage current (rated v r , t a = 25 oc, 300 ? s pulse minimum) i r 25 ? a reverse leakage current (rated v r , t a = 100 oc, 300 ? s pulse minimum) i r 8 ma reverse recovery time (i f = 500 ma, i r = 1 amp, i rr = 250 ma, t a = 25 oc) t rr 80 nsec junction capacitance (v r = 10v dc , t a = 25oc, f = 1mhz) c j 700 pf table 1- pin assignment code configuration terminal stud __ normal anode cathode r reverse cathode anode do-5 outline (normal pi n configuration shown):
|