Part Number Hot Search : 
S424GH 17001 RRS2K0 DR060 SFA84G 2SC5380A E000805 MT5016A
Product Description
Full Text Search
 

To Download RL257 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ?????? yangzhou yangjie electroni c technology co., ltd. document number 0098 rev. 1.0, 22-sep-11 www.21yangjie.com rl251 thru RL257 general purpose rectifier features ?? outline dimensions and mark i o 2.5a vrrm 50v-1000v ? high surge current capability ? applications rectifier ??? limiting values (absolute maximum rating) rl item symbol unit conditions 251 252 253 254 255 256 257 ??? repetitive peak reverse voltage v rrm v 50 100 200 400 600 800 1000 ? average forward current i f(av) a ?? 60hz, ,ta=75 60hz half-sine wave, resistance load, ta=75 2.5 ???? surge(non-repetitive)forward current i fsm a ?? 60hz ?? ta=25 60hz half-sine wave,1 cycle, ta=25 150 junction temperature t j -55~+125 ? storage temperature t stg -55 ~ +150 ta=25 electrical characteristics (t a =25 unless otherwise specified item symbol unit test condition ? max ?? peak forward voltage v fm v i fm =2.5a 1.1 i rrm1 t a =25 5 ? peak reverse current i rrm2 a v rm =v rrm t a =100 50 r-3 dimensions in inches and (millimeters) 1.0(25.4) min .160(4.10) max dia .042(1.07) .040(1.01) dia .160(4.10) max 1.0(25.4) min
?????? yangzhou yangjie electroni c technology co., ltd. document number 0098 rev. 1.0, 22-sep-11 www.21yangjie.com rl251 thru RL257 ?? characteristics(typical) 0          50    150 fig.1   forward current derating curve io(a 6 ingle phase half wave 60hz resisteve or inductive load 0.375''(9.5mm) lead length ta () 100 0. 0. 1.2 1. 0    if(a) ? 3: fig.3: ypical forward characteristics tj=25 pulse width=300us 1% duty cycle 0.01 0.02 0.04 0.1 0.2 0.4 1.0 2.0 4.0 10 20 0.6 0.8 1.0 1.2 1.4 vf(v) ? 4: ? fig.4:typical reverse characteristics voltage(%) ir(ua) tj=25 tj=125 tj=100 0.01 0.1 0 20 40 60 80 100 1.0 10 100 1000 ifsm(a) ? number of cycles ? 2: ? fig.2: maximum non-repetitive forward surge current 8.3 ?? 8.3ms single half sine wave jedec method 12 4 6 8 10 20 40 60 80 100 30 60 90 110 140 0 170 200 0 1.5 2.25 50 150 ? 1 fig.1 forward current derating curve io(a) ??? 0.375?(9.5 ) ? single phase half wave 60hz resistive or inductive load 0.375''(9.5mm) lead length ta( ) 100 0 0.75 3.0


▲Up To Search▲   

 
Price & Availability of RL257

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X