Part Number Hot Search : 
DU2880U LT1397CS DP126 01118 LN524OKS MBR16100 08140 CXOMKHG
Product Description
Full Text Search
 

To Download PD16-73LF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  skyworks solutions, inc.  phone [781] 376-3000  fax [781] 376-3100  sales@skyworksinc.com  www.skyworksinc.com spring 2006  skyworks proprietary information.  products and product information are subject to change without notice. 584 PD16-73LF: two-way 0 power splitter combiner 1.42?1.66 ghz data sheet features low cost low profile available in small sot-6 lead package available on tape and reel footprint consistent with other parts in the ?pd? series available lead (pb)-free and rohs-compliant msl-1 @ 260 c per jedec j-std-020 description the PD16-73LF is a monolithic two-way in-phase hybrid junction tuned for the 1.42?1.66 ghz band. it offers low loss, high isolation, good input/output matching and exceptional phase/ amplitude balance. it is available in the sot-6 lead surface mount package. the footprint of the PD16-73LF is the same as the other power dividers in this package style and series to allow for consistent assembly setup. parameter min. typ. max. unit frequency 1.42 1.66 ghz insertion loss less 3 db split 0.4 0.6 db isolation 18 23 db input vswr 1.2:1 1.5:1 output vswr 1.2:1 1.4:1 amplitude balance 0.1 0.2 db phase balance 1 3 deg. electrical specifications at 25 c sot-6 sot-6 sot-6 sot-6 gnd port 1 port 2 gnd in/sum gnd 12 3 65 4 pin out in/sum port 1 port 2 block diagram skyworks offers lead (pb)-free, rohs (restriction of hazardous substances)-compliant packaging. new
power dividers/combiners skyworks solutions, inc.  phone [781] 376-3000  fax [781] 376-3100  sales@skyworksinc.com  www.skyworksinc.com skyworks proprietary information.  products and product information are subject to change without notice.  spring 2006 585 power dividers/combiners -4.0 -3.5 -3.0 -2.5 -2.0 insertion loss (db) insertion loss vs. frequency port 1 port 2 1.40 1.45 1.50 1.55 1.60 1.65 1.70 frequency (ghz) -50 -40 -30 -20 -10 0 isolation (db) isolation vs. frequency 1.40 1.45 1.50 1.55 1.60 1.65 1.70 frequency (ghz) 1.0 1.1 1.2 1.3 1.4 1.5 output vswr output vswr vs. frequency port 1 port 2 1.40 1.45 1.50 1.55 1.60 1.65 1.70 frequency (ghz) -0.1 -0.05 0 0.05 0.10 amp. balance (db) amp. balance vs. frequency 1.40 1.45 1.50 1.55 1.60 1.65 1.70 frequency (ghz) 1.0 1.1 1.2 1.3 1.4 1.5 input vswr input vswr vs. frequency 1.40 1.45 1.50 1.55 1.60 1.65 1.70 frequency (ghz) phase balance (deg.) phase balance vs. frequency -2.0 -1.5 -1.0 -0.5 0 1.40 1.45 1.50 1.55 1.60 1.65 1.70 frequency (ghz) typical performance data
power dividers/combiners skyworks solutions, inc.  phone [781] 376-3000  fax [781] 376-3100  sales@skyworksinc.com  www.skyworksinc.com spring 2006  skyworks proprietary information.  products and product information are subject to change without notice. 586 characteristic value input power (1) 1.5 w cw input power (2) 0.75 cw operating temperature -40 c to +85 c storage temperature -65 c to +15 0c absolute maximum ratings 1. when used as a power divider with a 2.0:1 maximum vswr on all ports. 2. when used as a power combiner with a 2.0:1 maximum vswr on all ports. recommended board layout 0.020 dia. via 3 places 0.075 0.015 typ. 0.039 typ. 0.018 typ. material is 10 mil fr4 sot-6 0.074 (1.90 mm) ref. 0.071 (1.80 mm) 0.052 (1.30 mm) 0.037 (0.95 mm) ref. 0.122 (3.10 mm) 0.106 (2.70 mm) 0.006 (0.15 mm) 0.000 (0.00 mm) 0.057 (1.45 mm) 0.035 (0.90 mm) 0.020 (0.51 mm) 0.014 (0.350 mm) 0.126 (3.20 mm) 0.087 (2.20 mm) pin 6 pin 1 pin 1 indicator 0.022 (0.61 mm) 0.004 (0.10 mm) 0.014 (0.26 mm) 0.004 (0.10 mm) 0.012 (0.30 mm) typ. 5.0 1 5.0 1 performance is guaranteed only under the conditions listed in the specifications table and is not guaranteed under the full range(s) described by the absolute maximum specifications. exceeding any of the absolute maximum/minimum specifications may result in permanent damage to the device and will void the warranty. caution: although this device is designed to be as robust as possible, esd (electrostatic discharge) can damage this device. this device must be protected at all times from esd. static charges may easily produce poten- tials of several kilovolts on the human body or equipment, which can discharge without detection. industry-standard esd precautions must be employed at all times. re c ommen d e d s ol d er reflow profiles refer to the ?recommended solder reflow profile? application note . t ape an d reel information refer to the ?discrete devices and ic switch/attenuators tape and reel package orientation? application note.


▲Up To Search▲   

 
Price & Availability of PD16-73LF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X