Part Number Hot Search : 
STUK5D0 M0265R QPF8N60 IRFU210B A015A 00N06 HC4066 SP200
Product Description
Full Text Search
 

To Download PC-1008 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? ? diode module 100a/800v maximum ratings approx net weight:155g type / grade parameter parameter parameter parameter symbol pc1008 / pd1008 unit repetitive peak reverse voltage *1 v rrm 800 non repetitive peak reverse voltage *1 v rsm 960 v parameter parameter parameter parameter conditions conditions conditions conditions max rated max rated max rated max rated value value value value unit average rectified output current *1 i o(av) 50hz half sine wave condition tc=105 c 100 a rms forward current *1 i f(rms) 156 a surge forward current *1 i fsm 50 hz half sine wave,1pulse non-repetitive 2000 a i squared t *1 i 2 t 2msec to 10msec 20000 a 2 s operating junctiontemperature range tjw -40 to +150 c storage temperature range tstg -40 to +125 c isoration voltage viso base plate to terminals, ac1min 2000 v case mounting m5 screw 2.4 to 2.8 mounting torque terminals ftor m5 screw 2.4 to 2.8 n ? m electrical ? thermal characteristics characteristics symbol test conditions max. unit peak reverse current *1 i rm v rm = v rrm, tj= 150 c 20 ma peak forward voltage *1 v fm i fm = 320a, tj=25 c 1.25 v rth(j-c) junction to case 0.3 thermal resistance *1 rth(c-f) base plate to heat sink with thermal compound 0.2 c/w *1: value per 1arm features * isolated base * dual diodes cathode common and cascaded circuit * high surge capability * ul recognized, file no. e187184 typical applications * rectified for general use pc1008 pc1008 pc1008 pc1008 pd100 8 pd100 8 pd100 8 pd100 8 outline drawing ? ?
? ? pc/pd1008 outline drawing (dimensions in mm) ? ?


▲Up To Search▲   

 
Price & Availability of PC-1008

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X