Part Number Hot Search : 
SHD12 JANTX2N AK4564VQ FSDM0 TZQ5239B 15266 2002A SF1093A
Product Description
Full Text Search
 

To Download MX-04112 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mx-041 oven controlled crystal oscillator vectron international ? 267 lowell road, hudson, nh 03051 ? tel: 1-88-vectron-1 ? http://www.vectron.com ultra-high stability ? excellent temperature stability ? sc-cut crystal ? frequency range: 5 mhz to 15 mhz ? low package height ? cdma2000, wimax, lte and umts base stations ? test and measurement equipment ? broadcast reference standard ? features applications mx-041 frequency stabilities 1 parameter min typ max units condition vs. operating temperature range (refer - enced to +25c) -0.2 -0.4 -0.6 +0.2 +0.4 +0.6 ppb ppb ppb 0 +70c -20 +70c -40 +85c (+5v version) warm-up time 5 minutes to 10 ppb of fnal frequency (1 hour) @25c initial tolerance vs. supply voltage change vs. load change vs. aging / day vs aging/ day vs. aging / 1 year vs. aging / year (following years) -50 -0.5 -0.1 -0.5 -0.1 -20 -10 +50 +0.5 +0.1 +0.5 +0.1 +20 +10 ppb ppb ppb ppb ppb ppb ppb at time of shipment, nominal efc vs 5% load 5% after 72 hours of operation after 7 days of operation after 72 hours of operation supply voltage (vs) supply voltage (standard) 4.75 5.0 5.25 vdc supply voltage (option) 11.4 12.0 12.6 vdc power consumption @+5v 4 watts during warm-up 2 watts steady state @ +25c power consumption @+12v 4 watts during warm-up 2 watts steady state @ +25c performance specifcations
performance specifcations vectron international ? 267 lowell road, hudson, nh 03051 ? tel: 1-88-vectron-1 ? http://www.vectron.com frequency stabilities 1 parameter min typ max units condition rf output signal [option] hcmos load 15 pf signal level (vol) 0.5 vdc with 15pf load signal level (voh) 3.5 vdc with 15pf load duty cycle 45 55 % (voh-vol)/2 signal [standard] sinewave load 50 ohm output power +5.0 +7.0 +9.0 dbm 50 ohm load harmonics -40 dbc 50 ohm load sub-harmonics -40 dbc 50 ohm load frequency tuning (efc) tuning range 0.15 0.2 0.25 ppm linearity 5 % control voltage range 0 +2.5 +5.0 vdc tuning slope positive additional parameters phase noise @ 10 mhz -95 dbc/hz 1 hz -125 dbc/hz 10 hz -140 dbc/hz 100 hz -145 dbc/hz 1 khz -145 dbc/hz >10 khz short term stability 3 e-12 1 second tau weight 55 g processing & packing handling & processing note absolute maximum ratings supply voltage 15 vdc output load 50 25 pf ohm with hcmos signal with sinewave signal operable temperature range -55 +85 c storage temperature range -55 +125 c
type a code height h pin length l 0 14.55 6.35 pin connections 1 electronic frequency control (efc) 2 n/c 3 rf output 4 ground (case) 5 supply voltage input (vs) dimensions in mm outline drawing / enclosure vectron international ? 267 lowell road, hudson, nh 03051 ? tel: 1-88-vectron-1 ? http://www.vectron.com
ordering information mx - 041 0 - d a j - 400 1 - 10m0000000 product family ox: ocxo package 50 x 50 mm height 0: a14.55mm supply voltage b: 12 vdc d: 5 vdc stability code 600: 0.6ppb 400: 0.4ppb (temp code 200: 0.2ppb (temp code t only) frequency frequency control 1: electrical tuning (efc) vectron international ? 267 lowell road, hudson, nh 03051 ? tel: 1-88-vectron-1 ? http://www.vectron.com disclaimer vectron international reserves the right to make changes to the product(s) and or information contained herein without notice. no liability is assumed as a result of their use or application. no rights under any patent accompany the sale of any such product(s) or information. rev: 2-2-12 dmc for additional information, please contact usa: ero eraioa 267 lowell road hudson, nh 03051 tel: 1.888.328.7661 fax: 1.888.329.8328 europe: ero eraioa landstrasse, d-74924 neckarbischofsheim, germany tel: +49 (0) 3328.4784.17 fax: +49 (0) 3328.4784.30 asia: ero eraioa 1f-2f, no 8 workshop, no 308 fenju road waigaoqiao free trade zone pudong, shanghai, china 200131 tel: 86.21.5048.0777 fax: 86.21.5048.1881 rf output code a: hcmos e: sinewave temperature range e: -40c to +85c d: -40c to +70c j: -20c to +70c t: 0c to +70c notes: contact factory for improved stabilities or additional product options. 1. unless other stated all values are valid after warm-up time and refer to typical conditions for supply voltage, frequency 2. control voltage, load, temperature (25c). phase noise degrades with increasing output frequency. 3. subject to technical modifcation. 4. contact factory for availability. 5.


▲Up To Search▲   

 
Price & Availability of MX-04112

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X