Part Number Hot Search : 
RXE110K STPS2 38036M7 P60N06 CDLL936A NCV8871 PC537 TC4520
Product Description
Full Text Search
 

To Download MSR23M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  4-24 safety relays monitoring safety relays minotaur MSR23M description the MSR23M control unit is designed to monitor 4 wire safety mats that are connected together to form a safeguarded zone. the size of the safeguarded zone is limited by the total input impedance (100 ohms maximum) created by the wiring and connections. the controller is designed to interfa ce with the control circuit of the machine and includes two safety relays to ensure control redundancy. the controller detects a presence on the mat, a short circuit, or an open circuit. under each of these conditions, the safety output relays turn off. when interfaced properly, the machine or hazardous motion receives a stop signal, and an auxiliary output turns on. features ? category 4 ? stop category 0 ? removable terminals ? monitored or automatic reset ? 4-wire safety mats sensing ? third party approval?bg specifications ? see output ratings on page 1-29 for details. consult factory for ratings not shown. standards en 954-1, iso 13849-1, iec en 60204-1, iec 60947-5-1, ansi b11.19, as 4024.5 category cat. 4 per en 954-1 (iso 13849-1) approvals ce marked for all applicable directives, bg and csa (24v only) power supply 24v ac/dc or 110v ac power consumption 2w inputs 2 n.c., 4-wire safety mat maximum input resistance 100 ohms reset monitored man. or auto./man. outputs 2 n. o. safety; 1 n.c. auxiliary ? output utilization per n.o. iec 60947-5-1 (inductive) n.c. b300 ac-15; 3a/250v ac, 3a/125v ac p300 dc-13; 2.5a/24v dc b300 ac-15; 2a/250v ac, 2a/125v ac p300 dc-13; 2a/24v dc thermal current (non switching) 1 x 8a, 2 x 7a fuses input (external) output (external) 500ma time delay 6a fast acting min. switched current/voltage 1ma/10v power on delay manual reset auto reset 40ms 200ms response time 15ms indication leds power k1 k2 green=ready, red=mat activated green=k1 closed, if k1 alone, check for short across reset button green=k2 closed operating temperature -15c to +55c (+5f to +131f) humidity 90% rh enclosure protection ip40 (nema 1), din 0470 terminal protection ip20, din 0470 conductor size 1 x 2.5mm 2 (14awg) stranded 1 x 4mm 2 (12awg) solid installation group c in accordance with vde 0110 pollution degree 3 operating temperature -10c to +55c (+14f to +131f) humidity 90% rh enclosure protection ip40 (nema 1), din 0470 terminal protection ip20, din 0470 conductor size 1 x 2.5mm 2 (14awg) stranded 1 x 4mm 2 (12awg) solid torque settings?term. screws 1 nm (8 lbin) case material red polycarbonate mounting 35mm din rail weight 220g (0.485lbs) electrical life 222v ac/4a/880va cos ? =0.35 220v ac/1.7a/375va cos ? =0.6 30v dc/2a/60w 10v dc/0.01a/0.1w 100,000 operations 500,000 operations 1,000,000 operations 2,000,000 operations maximum operating frequency 1200 cycles/hour mechanical life 10,000,000 operations vibration 10g 10-55hz shock 30g, 11ms half-sine
safety relays 4-25 monitoring safety relays minotaur MSR23M product selection dimensionsmm (inches) block diagram typical wiring diagrams application details inputs safety outputs auxiliary out puts power supply catalogue number 4-wire safety mat 2 n. o. 1 n. c. 24v ac/dc 440r-p23073 110v ac 440r-p23074 118 (4.65) 45 (1.77) 35mm din rail mounting 86 (3.39) 22.5 (0.89) 440r-p23073 440r-p23074 86 (3.39) a1(+) a2(-) s11 s12 s22 s33 s34 13 14 23 31 24v k2 k1 k1 k2 24 32 s21 overvoltage & short circuit protection monitoring logic s33 s21 s22 s12 s34 a2 a1 s11 14 24 13 31 23 l1 k1 l2 k2 l3 32 k1 k2 m m s33 s21 s22 s12 s34 a2 a1 s11 14 24 13 31 23 l1 k1 l2l3 32 k1 m a +110v ac MSR23M safety mat reset n +110v ac MSR23M safety mat reset ground safety mat input, monitored manual reset, dual channel output, monitored output safety mat input, automatic reset, single channel output, no monitored output di sconnect power. u se a screw d r i ver to pop open cover to reveal internal switches. automatic/manual reset monitored manual reset power led k2 k1


▲Up To Search▲   

 
Price & Availability of MSR23M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X