Part Number Hot Search : 
2A733 SA9101 FDD12 313010P MAX996 U423PDIP 00222 EL02Z
Product Description
Full Text Search
 

To Download LSJ110 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  click to buy information furnished by linear integrated systems and micross components is believed to be accurate and reliable. however, no responsibility is assumed for its use; nor for any infringement of patents or other rights of third parties which may result from its use. no license is granted by implication or otherwise under any patent or patent rights of linear integrated systems. features ? direct ? replacement ? for ? siliconix ? j110 ? low ? on ? resistance ? r ds ( on ) ? ? 18 ? fast ? switching ? t ( on ) ?? 4ns ? absolute ? maximum ? ratings ? @ ? 25c ? (unless ? otherwise ? noted) ? maximum ? temperatures ? storage ? temperature ?\ 55c ? to ? +150c ? operating ? junction ? temperature ?\ 55c ? to ? +150c ? maximum ? power ? dissipation ? continuous ? power ? dissipation ?? 350mw ? maximum ? current gate ? current ? (note ? 1) ? 50ma ? maximum ? voltages ? gate ? to ? drain ? voltage ? v gds ? = ?\ 25v ? gate ? to ? source ? voltage ? v gss ? = ?\ 25v ? ?? LSJ110 ? electrical ? characteristics ? @ ? 25c ? (unless ? otherwise ? noted) symbol ? characteristic ? min ? typ. ? max ? units ? conditions ? bv gss ? gate ? to ? source ? breakdown ? voltage ?\ 25 ? \\? \\? ? ? v ? i g ? = ? 1a, ??? v ds ? = ? 0v ? v gs ( off ) ? gate ? to ? source ? cutoff ? voltage ?\ 0.5 ? \\? \ 4 ? v ds ? = ? 5v, ? i d ? = ? 1a ? v gs ( f ) ? gate ? to ? source ? forward ? voltage ? \\? 0.7 ? \\? i g ? = ? 1ma, ??? v ds ? = ? 0v ? i dss ? drain ? to ? source ? saturation ? current ? (note ? 2) ? 10 ? \\? \\? ma ? v ds ? = ? 15v, ? v gs ? = ? 0v ? i gss ? gate ? reverse ? current ? \\? \ 0.01 ?\ 3 ?? na ? v gs ? = ?\ 15v, ?? v ds ? = ? 0v ? i g ? gate ? operating ? current ? \\? \ 0.01 ? \\? v dg ? = ? 10v, ?? i d ? = ? 10ma ? i d ( off ) ? drain ? cutoff ? current ? \\? ? 0.02 ? 3 ? v ds ? = ? 5v, ? v gs ? = ?\ 10v ? r ds ( on ) ? drain ? to ? source ? on ? resistance ? \\? \\? 18 ?? v gs ? = ? 0v, ?? v ds ?? 0.1v ? ? ? ???? ? LSJ110 ? dynamic ? electrical ? characteristics ? @ ? 25c ? (unless ? otherwise ? noted) ? symbol ? characteristic ? min ? typ. ? max ? units ? conditions ? g fs ? forward ? transconductance ? \\? 17 ? \\? ms ? v ds ? = ? 5v, ?? i d ? = ? 10ma ? , ? f ? = ? 1khz ? g os ? output ? conductance ? \\? 0.6 ? \\? r ds ( on ) ? drain ? to ? source ? on ? resistance ? \\? \\? 18 ?? v gs ? = ? 0v, ? i d ? = ? 0a, ?? f ? = ? 1khz ? c iss ? input ? capacitance ? \\? 60 ? \\? ? pf ? v ds ? = ? 0v, ? v gs ? = ? 0v, ? f ? = ? 1mhz ? c rss ? reverse ? transfer ? capacitance ? \\? 11 ? \\? v ds ? = ? 0v, ? v gs ? = ?\ 10v, ? f ? = ? 1mhz ? e n ? equivalent ? noise ? voltage ? \\? 3.5 ? \\? nv/ hz ? v ds ? = ? 5v, ?? i d ? = ? 10ma ? , ? f ? = ? 1khz ? ? ? ???? ? LSJ110 ? switching ? characteristics ? @ ? 25c ? (unless ? otherwise ? noted) ? symbol ? characteristic ?? units ? conditions ? t d(on) ? turn ? on ? time ? 3 ?? ? ns ? v dd ? = ? 1.5v ? v gs (h) ? = ? 0v ? ? see ? switching ? circuit ? t r ? turn ? on ? rise ? time ? 1 ? t d(off) ? turn ? off ? time ? 4 ? t f ? turn ? off ? fall ? time ? 18 ? ??????????????????????????????????????????????????????????????? ????????????????????????????????????????????????? ? LSJ110 ? switching ? circuit ? parameters ??????????????????????????????????????????????????????????????? ?????????????????????????????????????????????????????????? ? v gs(l) ?\ 5v ?? r l ? 150 ? ? i d(on) ? 10ma ?? ??? ??? ??? ??? ??? LSJ110 n-channel jfet linear s y stems re p laces discontinued siliconix j110 this n-channel jfet is optimised for low noise high performance switching. the part is particularly suitable for use in low noise audio amplifiers. the sot-23 package is well suited for cost sensitive applications and mass production. ( see packa g in g information ) . LSJ110 applications: ? analog switches ? commutators ? cho pp ers LSJ110 benefits: ? low on resistance ? low insertion loss ? low noise micross components europe available packages: LSJ110 in sot-23 LSJ110 in bare die. please contact micross for full package and die dimensions note ? 1 ?\? absolute ? maximum ? ratings ? are ? limiting ? values ? above ? which ? LSJ110 serviceability ? may ? be ? impaired. ?? note ? 2 ? ? pulse ? test: ? pw ? 300 ? s, ? duty ? cycle ?? 3% tel: +44 1603 788967 email: chipcomponents@micross.com web: http://www.micross.com/distribution switching ? test ? circuit sot-23 (top view)


▲Up To Search▲   

 
Price & Availability of LSJ110

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X