Part Number Hot Search : 
0GXDTU BUT12 SC385B TS7812 MAX23 HR311A BF998RBW BF998RBW
Product Description
Full Text Search
 

To Download KS326-176GG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  peel-a-way ? dip socket terminal carriers dip sockets 5 energy way , w est w arwic k, ri 02893 usa t el: 800.424.9850 | 401.823.5200 f ax: 401.823.8723 inf o@adv anced.com | www .adv anced.com ca t16-preview06 re v. 1/06 16 products shown covered by patents issued and/or pending. specifications subject to change without notice. inch/(mm) 16 specifications: terminals: brass - copper alloy(c36000) astm-b-16 contacts: ber yllium copper - copper alloy (c17200) astm-b-194 solder preform: standard: 63sn/37pblead-free: 95.5sn/4.0ag/0.5cu plating: g - gold over nickelm - matte t in over nickel t - t in/lead over nickel gold per mil-g-45204matte t in per astm545-97 t in/lead per mil-p-81728 nickel per qq-n-290 features: ? peel away terminal carrier aftersoldering. ? disposable carrier . ? complete soldering visibility onboth sides of pcb. ? maximum air flow . ? better flux rinse. ? no contact damage due toterminal carrier insertion. ? no contact pull out due toextraction of terminal carrier . solder preform terminals .072 dia. (1.83) .020 dia. (.51) .110 (2.79) .130 (3.30) solder preform .072 dia. (1.83) .165 (4.19) .125 (3.18) .020 dia. (.51) solder preform tin/lead: t ype -150 tin/lead: t ype -151 lead-free: t ype -811 lead-free: t ype -812 ks 3 16 - 85 m g body type terminal typesee options on next page dip spacing3 - .300/(7.62mm) 4 - .400/(10.16mm) 6 - .600/(15.24mm) 9 - .900/(22.86mm) number of pins(8 to 64) additional sizes available - consult factory. contact plating terminal plating rohs compliant: g - goldm - matte tin t - tin/lead rohs compliant: g - goldt - tin/lead rohs compliant insulators: ks - peel-a-way dip options tape sealant - add 3m to end of part number ? remo v ab le tape seal protects plated contact in harsh en vironments ? sealed soc k et will not allo w dir t and other contaminants to enter soc k et chamber and become entr apped behind contact f ingers ? spr a y flux without contaminating contact area table of models descr iption: p eel-a-w a y ? (ks) mater ial: p olyimide film inde x: -269c to 400c (-452f to 752f) polyimide film .005(.13) note: t erminals plated with matte t in are available only with gold plated cont act s. quick-t urn delivery is not available on product s with matte t in plating. how to order material silicone bac k ed p olyimide film, -74c to 260c (-100f to 500f) inter mittent to 371c (700f) tin/lead: t ype -111 lead-free: t ype -810 .058 dia. (1.47) .038 dia. (.97) .155 (3.94) .031 (.79) solder preform p eel-a-w ay ? only
dip sockets peel-a-way ? dip socket terminal carriers 5 energy way , w est w arwic k, ri 02893 usa t el: 800.424.9850 | 401.823.5200 f ax: 401.823.8723 inf o@adv anced.com | www .adv anced.com ca t16-preview06 re v. 1/06 products shown covered by patents issued and/or pending. specifications subject to change without notice. inch/(mm) how to use: 1. place socket on pc board. 2. send pc board and socket throughsoldering operation. 3. peel away polyimide film carrierfor complete solder joint visibility or leave in place for added stability . 17 8 .300 (7.62) .400 (10.16) .400 (10.16) 10 .300 (7.62) .400 (10.16) .500 (12.70) 12 .300 (7.62) .400 (10.16) .600 (15.24) 14 .300 (7.62) .400 (10.16) .700 (17.78) 16 .300 (7.62) .400 (10.16) .800 (20.32) 18 .300 (7.62) .400 (10.16) .900 (22.86) 20 .300 (7.62) .400 (10.16) 1.000 (25.40) 22 .300 (7.62) .400 (10.16) 1.100 (27.94) .120 (3.05) .110 (2.79) .028 dia. (.71) standard quick-turn terminals t ype -33 t ype -51 t ype -04 t ype -49 lo w prof ile solder t ail .165 (4.19) .125 (3.18) .020 dia. (.51) .130 (3.30) .110 (2.79) .020 dia. (.51) .095 (2.41) .095 (2.41) .028 dia. (.71) super lo w prof ile ultr a lo w prof ile lo w prof ile solder t ail t ype -85 t ype -176 .038 dia. (.97) .030 (.76) .125 (3.18) .034 dia. (.86) .030 (.76) .125 (3.18) t ype -210 .034 dia. (.86) .015 (.38) .140 (3.55) dimensional information b c a .005 (.13) # of pins a b c near flush solder t ail near flush solder t ail near flush solder t ail 24 .300 (7.62) .400 (10.16) 1.200 (30.48) 28 .300 (7.62) .400 (10.16) 1.400 (35.56) 40 .300 (7.62) .400 (10.16) 2.000 (50.80) 16 .400 (10.16) .500 (12.70) .800 (20.32) 20 .400 (10.16) .500 (12.70) 1.000 (25.40) 22 .400 (10.16) .500 (12.70) 1.100 (27.94) 24 .400 (10.16) .500 (12.70) 1.200 (30.48) 28 .400 (10.16) .500 (12.70) 1.400 (35.56) 32 .400 (10.16) .500 (12.70) 1.600 (40.64) 10 .600 (15.24) .700 (17.76) .500 (12.70) 18 .600 (15.24) .700 (17.76) .900 (22.86) 20 .600 (15.24) .700 (17.76) 1.000 (25.40) 22 .600 (15.24) .700 (17.76) 1.100 (27.94) 24 .600 (15.24) .700 (17.76) 1.200 (30.48) 28 .600 (15.24) .700 (17.76) 1.400 (35.56) 32 .600 (15.24) .700 (17.76) 1.600 (40.64) 36 .600 (15.24) .700 (17.76) 1.800 (45.72) 40 .600 (15.24) .700 (17.76) 2.000 (50.80) 42 .600 (15.24) .700 (17.76) 2.100 (53.34) 48 .600 (15.24) .700 (17.76) 2.400 (60.96) 64 .600 (15.24) .700 (17.76) 3.200 (81.28) 32 .900 (22.86) 1.000 (25.40) 1.600 (40.64) 36 .900 (22.86) 1.000 (25.40) 1.800 (45.72) 40 .900 (22.86) 1.000 (25.40) 2.000 (50.80) 52 .900 (22.86) 1.000 (25.40) 2.600 (66.04) 56 .900 (22.86) 1.000 (25.40) 2.800 (71.12) 64 .900 (22.86) 1.000 (25.40) 3.200 (81.28) surface mount options available # of pins a b c additional standard and custom terminals available.see t erminals section online or consult factor y. note: t er minals sho wn with insulator remo v ed. available online: ? rohs qualification t est report polyimide film peel awayafter soldering to pcb. pcb solder fillets visible both sidesfor inspection and cleaning.


▲Up To Search▲   

 
Price & Availability of KS326-176GG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X