k b p c 5 0 0 0 f p . . . k b p c 5 0 1 2 f p k b p c 5 0 0 0 f p . .. k b p c 5 0 1 2 f p s i l i c o n- b r i d g e - r e c t i f i e r s s i l i z i u m - b r c k e n g l e i c hr i c h t e r v e rs i o n 2 0 0 8 - 1 0 - 2 9 d i m e n s i o n s - m a? e [ m m ] n o mi n al c u rre n t n e n n s t r o m 5 0 a al t e rn at i n g i n p u t v o l t ag e e i n g an g s w e c h s e l s p an n u n g 3 5 . . . 8 0 0 v p l as t i c c a s e w i t h al u b o t t o m p l as t i k g e h ?u s e mi t al u - b o d e n 2 8 . 6 x 2 8 . 6 x 7 . 3 [ mm] w e i g h t ap p ro x . g e w i c h t c a. 1 7 g c o mp o u n d h as c l a s s i f i c at i o n u l 9 4 v - 0 v e rg u s s ma s s e n a c h u l 9 4 v - 0 k l as s i f i z i e rt s t a n d ard p ac k ag i n g b u l k s t a n d ard l i e f e r f o rm l o s e i m k art o n r e c o g n i z e d p ro d u c t C u n d e r w ri t e rs l ab o rat o ri e s i n c . ? f i l e e 1 7 5 0 6 7 a n e r k a n n t e s p r o d u k t C u n d e rw ri t e rs l a b o rat o ri e s i n c . ? n r . e 1 7 5 0 6 7 m a x i m u m r a t i n g s g r e nz w e r t e t y p e t y p m ax . al t e r n at i n g i n p u t v o l t ag e m ax . e i n g a n g s w e c h s e l s p an n u n g v v r m s [ v ] r e p e t i t i v e p e ak re v e r s e v o l t ag e p e ri o d i s c h e s p i t z e n s p e rrs p a n n u n g v rrm [ v ] 1 ) k b p c 5 0 0 0 f p 3 5 5 0 k b p c 5 0 0 1 f p 7 0 1 0 0 k b p c 5 0 0 2 f p 1 4 0 2 0 0 k b p c 5 0 0 4 f p 2 8 0 4 0 0 k b p c 5 0 0 6 f p 4 2 0 6 0 0 k b p c 5 0 0 8 f p 5 6 0 8 0 0 k b p c 5 0 1 0 f p 7 0 0 1 0 0 0 k b p c 5 0 1 2 f p 8 0 0 1 2 0 0 r e p e t i t i v e p e ak f o rw ard c u rre n t p e ri o d i s c h e r s p i t z e n s t ro m f > 1 5 h z i f rm 9 0 a 2 ) p e ak f o rw ard s u rg e c u r re n t 5 0 / 6 0 hz h a l f s i n e - w av e s t o ? s t r o m f r e i n e 5 0 / 6 0 hz s i n u s - ha l b w e l l e t a = 2 5 c i f s m 4 0 0 / 4 5 0 a r at i n g f o r f u s i n g , t < 1 0 m s g re n z l as t i n t e g ral , t < 1 0 ms t a = 2 5 c i 2 t 8 0 0 a 2 s o p e rat i n g j u n c t i o n t e mp e rat u re C s p e rrs c h i c h t t e mp e rat u r s t o rag e t e mp e rat u re C l ag e r u n g s t e mp e rat u r t j t s - 5 0 . . . + 1 5 0 c - 5 0 . . . + 1 5 0 c 1 v al i d p e r d i o d e C g l t i g p r o d i o d e 2 v al i d , i f t h e t e m p e r a t u r e o f t h e c as e i s k e p t t o t c = 1 2 0 c C g l t i g , w e n n d i e g e h ?u s e t e m p e r a t u r au f t c = 1 2 0 c g e h al t e n w i r d ? d i o t e c s e m i c o n d u c t o r ag h t t p : / / w w w . d i o t e c . c o m / 1 1 4 . 3 0 . 5 2 8 . 6 0 . 2 2 1 . 6 1 0 . 8 6 . 3 ? 5 . 2 1 8 . 1 0 . 5 7 . 9 1 6 . 6 0 . 5 1 6 . 6 0 . 5 6 . 7 + 7 . 3 + t y p e = =
k b p c 5 0 0 0 f p . . . k b p c 5 0 1 2 f p c h a r a c t e r i s t i c s k e n nw e r t e m ax . c u rre n t w i t h c o o l i n g f i n 3 0 0 c m 2 d a u e rg re n z s t r o m m i t k h l b l e c h 3 0 0 c m 2 t a = 5 0 c r - l o ad c - l o ad i f a v i f a v 5 0 a 4 6 a f o rw ard v o l t ag e C d u r c h l as s - s p a n n u n g t j = 2 5 c i f = 2 5 a v f < 1 . 1 v 2 ) l e a k ag e c u rre n t C s p e rrs t r o m t j = 2 5 c v r = v rrm i r < 2 5 a i s o l at i o n v o l t ag e t e rmi n al s t o c as e i s o l at i o n s s p an n u n g a n s c h l s s e z u m g e h ?u s e v i s o > 2 5 0 0 v t h e rmal re s i s t an c e j u n c t i o n t o c a s e w ?rme w i d e rs t an d s p e rrs c h i c h t C g e h ? u s e r t h c < 1 . 2 k / w a d mi s s i b l e t o rq u e f o r mo u n t i n g z u l ?s s i g e s a n z u g s d re h m o me n t 1 0 - 3 2 u n f m 5 1 8 1 0 % l b . i n . 2 1 0 % n m 2 v al i d p e r d i o d e C g l t i g p r o d i o d e 2 h t t p : / / w w w . d i o t e c . c o m / ? d i o t e c s e m i c o n d u c t o r ag r a t e d f o r w a r d c u r r e n t v e r s u s a m b i e n t t e m p e r a t u r e ) z u l . r i c h t s t r o m i n a b h . v o n d e r u m g e b u n g s t e m p . ) 1 1 i f a v [ % ] 1 2 0 1 0 0 8 0 6 0 4 0 2 0 0 [ c ] t a 1 5 0 1 0 0 5 0 0 f o r w a r d c h a r a c t e r i s t i c s ( t y p i c a l v a l u e s ) d u r c h l a s s k e n n l i n i e n ( t y p i s c h e w e r t e ) 0 . 4 v f 0 . 8 1 . 0 1 . 2 1 . 4 [ v ] 1 . 8 1 0 1 0 1 0 1 1 0 3 2 - 1 [ a ] i f t = 2 5 c j t = 1 2 5 c j 4 0 0 a- ( 2 5 a- 1 , 1 v )
|