Part Number Hot Search : 
ACTS10K 89C205 AT89C5 ACTS10K SP254 ZFUY10C 060MDSA3 CBM2075
Product Description
Full Text Search
 

To Download J211TO-92 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  click to buy information furnished by linear integrated systems and micross components is believed to be accurate and reliable. however, no responsibility is assumed for its use; nor for any infringement of patents or other rights of third parties which may result from its use. no license is granted by implication or otherwise under any patent or patent rights of linear integrated systems. micross components ltd, united kingdom, te l: +44 1603 788967, fax: +44 1603788920, email: chipcomponents@micross.com web: www.micross.com/distribution.aspx features ? direct ? replacement ? for ? siliconix ? j211 ? high ? gain ?? g fs ? = ? 7000mho ? min ? high ? input ? impedance ? i gss ? = ? 100pa ? max ? low ? input ? capacitance ? c iss ? = ? 5pf ? absolute ? maximum ? ratings ? @ ? 25c ? (unless ? otherwise ? noted) ? maximum ? temperatures ? storage ? temperature ?\ 55c ? to ? +150c ? operating ? junction ? temperature ?\ 55c ? to ? +135c ? maximum ? power ? dissipation ? continuous ? power ? dissipation ?? 360mw ? derating ? over ? temperature ? 3.27 ? mw/c ? maximum ? current gate ? current ? (note ? 1) ? 10ma ? maximum ? voltages ? gate ? to ? drain ? voltage ? or ?? gate ? to ? source ? voltage ??\ 25v ? ?? j211 ? electrical ? characteristics ? @ ? 25c ? (unless ? otherwise ? noted) symbol ? characteristic ? min ? typ. ? max ? units ? conditions ? bv gss ? gate ? to ? source ? breakdown ? voltage ?\ 25 ? \\? \\? v ? v ds ? = ? 0v, ? i g ? = ?\ 1a ? v gs ( off ) ? gate ? to ? source ? cutoff ? voltage ?\ 2.5 ? \\? \ 4.5 ? v ds ? = ? 15v, ?? i d ? = ? 1na ? i dss ? drain ? to ? source ? saturation ? current ? (note ? 2) ? 7 ? \\? 20 ? ma ? v ds ? = ? 15v, ? v gs ? = ? 0v ? i gss ? gate ? reverse ? current ? (note ? 3) ? \\? \\? \ 100 ? pa ? v ds ? = ? 0v, ? v gs ? = ?\ 15v ? i g ? gate ? operating ? current ? (note ? 3) ? \\? \ 10 ? \\? pa ? v ds ? = ? 10v, ?? i d ? = ? 1ma ? r ds ( on ) ? drain ? to ? source ? on ? resistance ? \\? \\? 50 ?? i g ? = ? 1ma, ?? v ds ? = ? 0v ? ? ? ???? ? j211 ? dynamic ? electrical ? characteristics ? @ ? 25c ? (unless ? otherwise ? noted) ? symbol ? characteristic ? min ? typ. ? max ? units ? conditions ? g fs ? forward ? transconductance ? 6000 ? \\? 12000 ? mho ? v ds ? = ? 15v, ??? v gs ? = ? 0v ? , ? f ? = ? 1khz ? g os ? output ? conductance ? \\? \\? 200 ? c iss ? input ? capacitance ? \\? 4 ? \\? pf ? v ds ? = ? 15v, ??? v gs ? = ? 0v ? , ? f ? = ? 1mhz ?? c rss ? reverse ? transfer ? capacitance ? \\? 1 ? \\? e n ? equivalent ? noise ? voltage ? \\? 10 ? \\? nv/ hz ? v ds ? = ? 15v, ??? v gs ? = ? 0v ? , ? f ? = ? 1khz ? ? ? ???? ? j211 ? switching ? characteristics ? @ ? 25c ? (unless ? otherwise ? noted) ? symbol ? characteristic ?? units ? conditions ? t d(on) ? turn ? on ? time ? 2 ?? ? ns ? v dd ? = ? 10v ? v gs (h) ? = ? 0v ? ? see ? switching ? circuit ? t r ? turn ? on ? rise ? time ? 2 ? t d(off) ? turn ? off ? time ? 6 ? t f ? turn ? off ? fall ? time ? 15 ? ??? ??? ??? ??? ??? j211 n-channel jfet linear s y stems re p laces discontinued siliconix j211 the j211 is a n-channel jfet general purpose amplifier with low noise and low leakage. the to-92 package is well suited for cost sensitive applications and mass production. ( see packa g in g information ) . j211 applications: ? general purpose amplifiers ? uhv / vhf amplifiers ? mixers ? oscillators j211 benefits: ? high gain ? low leakage ? low noise micross components europe available packages: j211 in to-92 j211 in bare die. please contact micross for full package and die dimensions note ? 1 ?\? absolute ? maximum ? ratings ? are ? limiting ? values ? above ? which ? j211 serviceability ? may ? be ? impaired. ?? note ? 2 ?\? pulse ? test ? duration ? = ? 2ms ? note ? 3 ? ? ? approximately ? doubles ? for ? every ? 10 c ? increase ? in ? t a ? tel: +44 1603 788967 email: chipcomponents@micross.com web: http://www.micross.com/distribution to-92 (bottom view)


▲Up To Search▲   

 
Price & Availability of J211TO-92

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X