Part Number Hot Search : 
PAL16L8A DTA124EE T1P24B M54975 2SB1393A DTA124EE S2930S TSOP2256
Product Description
Full Text Search
 

To Download IXFR40N50Q208 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2008 ixys corporation, all rights reserved ds99075c(05/08) v dss = 500v i d25 = 29a r ds(on) 170 m t rr 250 ns ixfr40n50q2 symbol test conditions characteristic values (t j = 25 c, unless otherwise specified) min. typ. max. bv dss v gs = 0v, i d = 250 a 500 v v gs(th) v ds = v gs , i d = 4ma 3.0 5.5 v i gss v gs = 30v, v ds = 0v 200 na i dss v ds = v dss 50 a v gs = 0v t j = 125 c 2 ma r ds(on) v gs = 10v, i d = 20a, note 1 170 m hiperfet tm power mosfet q2-class symbol test conditions maximum ratings v dss t j = 25 c to 150 c 500 v v dgr t j = 25 c to 150 c, r gs = 1m 500 v v gss continuous 30 v v gsm transient 40 v i d25 t c = 25 c29a i dm t c = 25 c, pulse width limited by t jm 160 a i a t c = 25 c40a e as t c = 25 c 2.5 j dv/dt i s i dm , v dd v dss ,t j 150 c 20 v/ns p d t c = 25 c 320 w t j -55 ... +150 c t jm 150 c t stg -55 ... +150 c t l maximum lead temperature for soldering 300 c t sold plastic body for 10s 260 c v isol 50/60 hz, rms, 1 minute 2500 v~ f c mounting force 20..120/4.5..27 n/lb. weight 5g n-channel enhancement mode avalanche rated, high dv/dt, low q g low intrinsic r g , low t rr g = gate d = drain s = source isolated tab isoplus247 (ixfr) e153432 features ? double metal process for low gate resistance ? international standard package ? epoxy meet ul 94 v-0, flammability classification ? low r ds(on) , low q g ? avalanche energy and current rated ? fast intrinsic recfifier applications ? dc-dc converters ? switched-mode and resonant-mode power supplies, >500khz switching ? dc choppers ? pulse generation ? laser drivers advantages ? easy to mount ? space savings ? high power density
ixys reserves the right to change limits, test conditions, and dimensions. ixfr40n50q2 symbol test conditions characteristic values (t j = 25 c unless otherwise specified) min. typ. max. g fs v ds = 10v, i d = 20a, note 1 15 28 s c iss 4850 pf c oss v gs = 0v, v ds = 25v, f = 1mhz 680 pf c rss 170 pf t d(on) 17 ns t r resistive switching times 13 ns t d(off) v gs = 10v, v ds = 0.5 ? v dss , i d = 20a 42 ns t f r g = 1 (external) 8 ns q g(on) 110 nc q gs v gs = 10v, v ds = 0.5 ? v dss , i d = 20a 25 nc q gd 50 nc r thjc 0.39 c /w r thcs 0.15 c /w source-drain diode characteristic values t j = 25 c unless otherwise specified) min. typ. max. i s v gs = 0v 40 a i sm repetitive, pulse width limited by t jm 160 a v sd i f = i s , v gs = 0v, note 1 1.5 v t rr 250 ns q rm 1 c i rm 9 a ixys mosfets and igbts are covered 4,835,592 4,931,844 5,049,961 5,237,481 6,162,665 6,404,065 b1 6,683,344 6,727,585 7,005,734 b2 7,157,338b2 by one or moreof the following u.s. patents: 4,850,072 5,017,508 5,063,307 5,381,025 6,259,123 b1 6,534,343 6,710,405 b2 6,759,692 7,063,975 b2 4,881,106 5,034,796 5,187,117 5,486,715 6,306,728 b1 6,583,505 6,710,463 6,771,478 b2 7,071,537 note 1: pulse test, t 300 s; duty cycle, d 2%. i f = 25a, -di/dt = 100a/ s v r = 100v, v gs = 0v isoplus247 (ixfr) outline
? 2008 ixys corporation, all rights reserved ixfr40n50q2 fig. 2. extended output characteristics @ 25 o c 0 10 20 30 40 50 60 70 80 90 036912151821242730 v d s - volts i d - amperes v gs = 10v 8v 5v 6v 7v fig. 3. output characteristics @ 125 o c 0 5 10 15 20 25 30 35 40 0246810121416 v d s - volts i d - amperes 4.5v 5.5v 5v 6v v gs = 10v 7v fig. 1. output characteristics @ 25 o c 0 5 10 15 20 25 30 35 40 01234567 v d s - volts i d - amperes v gs = 10v 7v 6v 5v 5.5v 4.5v fig. 4. r ds(on ) normalized to 0.5 i d25 v alue vs. junction temperature 0.4 0.8 1.2 1.6 2.0 2.4 2.8 3.2 -50 -25 0 25 50 75 100 125 150 t j - degrees centigrade r d s ( o n ) - normalized i d = 40a i d = 20a v gs = 10v fig. 5. r ds(on) normalized to 0.5 i d25 value vs. i d 0.6 1.0 1.4 1.8 2.2 2.6 3.0 3.4 0 102030405060708090100 i d - amperes r d s ( o n ) - normalized t j = 125oc t j = 25oc v gs = 10v fig. 6. drain current vs. case temperature 0 4 8 12 16 20 24 28 32 -50 -25 0 25 50 75 100 125 150 t c - degrees centigrade i d - amperes
ixys reserves the right to change limits, test conditions, and dimensions. ixfr40n50q2 fig. 11. capacitance 100 1000 10000 0 5 10 15 20 25 30 35 40 v d s - volts capacitance - picofarads c iss c oss c rss f = 1mhz fig. 10. gate charge 0 1 2 3 4 5 6 7 8 9 10 0 102030405060708090100110 q g - nanocoulombs v g s - volts v ds = 250v i d = 20a i g = 10ma fig. 7. input admittance 0 5 10 15 20 25 30 35 40 45 50 3.0 3.5 4.0 4.5 5.0 5.5 6.0 6.5 v g s - volts i d - amperes t j = 125oc 25oc - 40oc fig. 8. transconductance 0 5 10 15 20 25 30 35 40 45 50 55 0 5 10 15 20 25 30 35 40 45 50 55 60 65 i d - amperes g f s - siemens t j = - 40oc 25oc 125oc fig. 9. source current vs. source-to-drain voltage 0 10 20 30 40 50 60 70 80 90 100 110 120 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 v s d - volts i s - amperes t j = 125oc t j = 25oc fig. 12. forward-bias safe operating area 1 10 100 1000 10 100 1000 v d s - volts i d - amperes 100s 1ms dc r ds(on) limi t 10ms 25 s t j = 150oc t c = 25oc single pulse
? 2008 ixys corporation, all rights reserved ixys ref: f_40n50q2 (84) 05-28-08-c ixfr40n50q2 fig. 13. maximum transient thermal impedance 0.00 0.01 0.10 1.00 0.1 1 10 100 1000 10000 pulse width - milliseconds z ( t h ) j c - o c / w


▲Up To Search▲   

 
Price & Availability of IXFR40N50Q208

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X