Part Number Hot Search : 
IR2131 C5141 FB4410Z KRC858U TIP563 17A06 JS28F128 27C256
Product Description
Full Text Search
 

To Download FP-016CM270M-VAR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  nichicon corporation / fpcap elec tronics (suzhou) co., ltd. r.v. (s.v.) [v] 16 (18.4) 25 (28.7) cap. [ f] va vb va vb va vb va va 15 n (60) 27 n (55) 33 n (55) 100 n (25) n (20) 150 n (18) n (15) 220 n (18) n (15) 2.5 (2.8) 4.0 (4.6) 6.3 (7.2) low esr smd lead-free rohs compliance 3mm height z applications z features ? switching power supply and dc/dc converter. ? back up power supplies of cpu(vrm etc.) ? miniature high power supply. by using aluminum functional polymer. ? low esr at a high frequency range. ? high ripple current capability. z environmental correspondence any environmental hazardous substances are not used. ? the lead free of terminal plating (sn 100%) z specifications test condition capacitance leakage current tan test condition capacitance leakage current tan operating temp. range not to exceed 150% of initial specified value rated voltage range capacitance range capacitance tolerance 2.5 to 25vdc 15 to 220 f characteristic 105c, rated voltage 1000hrs. within 20% of initial value before test not to exceed the initial specified value -55 to +105c 20% (m) item s va , vb failure rate 0.5% / 1000hrs. max (60%cl) within +50%-20% of initial value before test damp heat not to exceed 300% of initial specified value not to exceed 200% of initial specified value 60c,90~95%rh, no bias, 500hrs. endurance [unit: mm] z recommended land pattern [unit: mm] products / smd type functional polymer aluminum solid electrolytic capacitors 7.3 4.3 2.8 z dimensions size code l w h l 0.2 w1 0.2 w2 0.1 h 0.2 z 0.2 n 7.3 4.3 2.8 7.3 4.3 2.4 2.8 1.3 [size code (m )] w1 w2 l z h z size code l w h a b c n 7.3 4.3 2.8 4.1 2.05 2.9 40 va & vb series c b b a z size code (esr) list
nichicon corporation / fpcap elec tronics (suzhou) co., ltd. z frequency characteristics * in case of some doubt about measured values, measure after applying rated voltage for 120 minutes at 105 c. z part number & specifications z part number (ex) 6.3v, 100 f, va series nichicon p/n rated voltage rated capacitance leakage current* tan esr rated ripple current size msl (v) ( f, 120hz) nichicon fpcap ( a, 2 min) (120hz) (m ? , 100khz) (ma, r.m.s.) lwh(mm) (j-std-020d) 220 rva0e221mng fp-2r5cm221m-var 700 0.12 18 2600 7.3 4.3 2.8 level 3 220 rvb0e221mng fp-2r5cm221m-vbr 700 0.12 15 2800 7.3 4.3 2.8 level 3 150 rva0g151mng fp-4r0cm151m-var 700 0.12 18 2600 7.3 4.3 2.8 level 3 150 rvb0g151mng fp-4r0cm151m-vbr 700 0.12 15 2800 7.3 4.3 2.8 level 3 100 rva0j101mng fp-6r3cm101m-var 700 0.12 25 2000 7.3 4.3 2.8 level 3 100 rvb0j101mng fp-6r3cm101m-vbr 700 0.12 20 2400 7.3 4.3 2.8 level 3 27 rva1c270mng FP-016CM270M-VAR 216 0.12 55 1100 7.3 4.3 2.8 level 3 33 rva1c330mng fp-016cm330m-var 264 0.12 55 1100 7.3 4.3 2.8 level 3 25 15 rva1e150mng fp-025cm150m-var 188 0.12 60 1000 7.3 4.3 2.8 level 3 16 part number 6.3 4.0 2.5 n r va 0j 101 m g type series name rated capacitance capacitance tolerance rated voltage va fp 6r3 cm 101 m r rated voltage rated capacitance capacitance tolerance series name fpcap p/n control code control code taping code taping code commodity mark classification size code (n: 7.3 4.3 2.8) 1 10 100 1000 10000 0.1 1 10 100 1000 10000 6.3v100 f (va series) 1 10 100 1000 10000 100000 0.1 1 10 100 1000 10000 6.3v100 f (va series) impedance (m ) frequency (khz) frequency (khz) esr (m ) 41


▲Up To Search▲   

 
Price & Availability of FP-016CM270M-VAR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X