Part Number Hot Search : 
TL062BCN SP485E 68HC70 1616AS5 SAC18 YT623 MBR24080 LVX04
Product Description
Full Text Search
 

To Download EN6306A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2sa2012 / 2sc5565 no.6306-1/5 applications relay drivers, lamp drivers, motor drivers, strobes. features adoption of mbit processes. large current capacitance. low collector-to-emitter saturation voltage. ultrasmall-sized package permitting applied sets to be made small and slim. high allowable power dissipation. specifications ( ) : 2sa2012 absolute maximum ratings at ta=25 c parameter symbol conditions ratings unit collector-to-base voltage v cbo (--30)40 v collector-to-emitter voltage v ceo (--)30 v emitter-to-base voltage v ebo (--)5 v collector current i c (--)5 a collector current (pulse) i cp (--)8 a base current i b (--)600 ma collector dissipation p c mounted on a ceramic board (250mm 2 ? 0.8mm) 1.3 w tc=25 c 3.5 w junction temperature tj 150 c storage temperature tstg --55 to +150 c marking 2sa2012 : as 2sc5565 : fb http://semicon.sanyo.com/en/network ordering number : EN6306A 40710ea tk im / 21400ts (koto) ta-2520 specifications of any and all sanyo semiconductor co.,ltd. products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer ' s products or equipment. to verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer ' s products or equipment. any and all sanyo semiconductor co.,ltd. products described or contained herein are, with regard to "standard application", intended for the use as general electronics equipment (home appliances, av equipment, communication device, office equipment, industrial equipment etc.). the products mentioned herein shall not be intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee thereof. if you should intend to use our products for applications outside the standard applications of our customer who is considering such use and/or outside the scope of our intended standard applications, please consult with us prior to the intended use. if there is no consultation or inquiry before the intended use, our customer shall be solely responsible for the use. sanyo semiconductors data sheet 2sa2012 / 2sc5565 pnp / npn epitaxial planar silicon transistors dc / dc converter applications
2sa2012 / 2sc5565 no.6306-2/5 electrical characteristics at ta=25 c parameter symbol conditions ratings unit min typ max collector cutoff current i cbo v cb =(--)30v, i e =0a (--)0.1 a emitter cutoff current i ebo v eb =(--)4v, i c =0a (--)0.1 a dc current gain h fe v ce =(--)2v, i c =(--)500ma 200 560 gain-bandwidth product f t v ce =(--)10v, i c =(--)500ma (350)420 mhz output capacitance cob v cb =(--)10v, f=1mhz (30)20 pf collector-to-emitter saturation voltage v ce (sat)1 i c =(--)1.5a, i b =(--)30ma (--140)125 (--210)190 mv v ce (sat)2 i c =(--)2.5a, i b =(--)125ma (--)170 (--)260 mv base-to-emitter saturation voltage v be (sat) i c =(--)1.5a, i b =(--)30ma (--)0.83 (--)1.2 v collector-to-base breakdown voltage v (br)cbo i c =(--)10 a, i e =0a (--30)40 v collector-to-emitter breakdown voltage v (br)ceo i c =(--)1ma, r be = (--)30 v emitter-to-base breakdown voltage v (br)ebo i e =(--)10 a, i c =0a (--)5 v turn-on time t on see specified test circuit. (50)30 ns storage time t stg see specified test circuit. (270)300 ns fall time t f see specified test circuit. (25)15 ns package dimensions switching time test circuit unit : mm (typ) 7007b-004 + + 50 input output v r r b 24 v cc =12v 100 f 470 f v be =--5v pw=20 s i b1 i b2 d.c. 1% i c =20i b1 = --20i b2 =500ma (for pnp, the polarity is reversed)
2sa2012 / 2sc5565 no.6306-3/5 i c -- v ce collector current, i c -- a collector-to-emitter voltage, v ce -- v i c -- v ce collector current, i c -- a collector-to-emitter voltage, v ce -- v i c -- v be base-to-emitter voltage, v be -- v collector current, i c -- a h fe -- i c collector current, i c -- a dc current gain, h fe h fe -- i c collector current, i c -- a dc current gain, h fe f t -- i c gain-brandwidth product, f t -- mhz f t -- i c collector current, i c -- a collector current, i c -- a gain-brandwidth product, f t -- mhz i c -- v be base-to-emitter voltage, v be -- v collector current, i c -- a ta=75 c 25 c --25 c 2sa2012 v ce =--2v --5.0 --4.5 --4.0 --3.5 --3.0 --2.5 --2.0 --1.0 --0.5 --1.5 0 0 --0.2 --0.4 --0.6 --0.8 --1.4 --1.0 --1.2 it00136 5.0 4.5 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 ta=75 c -- 2 5 c 25 c it00137 -- 5 -- 4 -- 3 -- 2 -- 1 0 0 --0.2 --0.4 --0.6 --0.8 --1.0 --10ma --20ma --30ma --40ma --50ma --60ma --70ma --80ma --90ma --100ma i b =0ma it00134 5 4 3 2 1 0.2 0.4 0.6 0.8 1.0 0 0 i b =0ma 40ma 50ma 60ma 70ma 80ma 100ma 10ma 20ma 30ma 90ma it00135 2sc5565 2sa2012 ta=75 c 25 c -- 2 5 c 1000 100 7 5 3 2 7 5 3 2 10 --0.01 3 25 --10 --0.1 73 257 3 257 --1.0 2sa2012 v ce =--2v it00138 1000 100 7 5 3 2 7 5 3 2 10 0.01 3 25 10 0.1 73 257 3 257 1.0 ta=75 c --25 c 25 c 2sc5565 v ce =2v it00139 7 3 100 10 2 5 1000 7 5 3 2 --0.01 257 7 7 3 --0.1 25 325 3 --1.0 --10 57 it00148 2sa2012 v ce =--10v 7 3 100 10 2 5 1000 7 5 3 2 0.01 257 7 7 3 0.1 25 325 3 1.0 10 57 it00149 2sc5565 v ce =10v 4$ 7 $& 7
2sa2012 / 2sc5565 no.6306-4/5 collector-to-base voltage, v cb -- v output capacitance, cob -- pf cob -- v cb collector-to-base voltage, v cb -- v output capacitance, cob -- pf cob -- v cb v ce (sat) -- i c v ce (sat) -- i c collector current, i c -- a collector-to-emitter saturation voltage, v ce (sat) -- mv collector current, i c -- a collector-to-emitter saturation voltage, v ce (sat) -- mv v be (sat) -- i c v be (sat) -- i c collector current, i c -- a collector current, i c -- a base-to-emitter saturation voltage, v be (sat) -- v base-to-emitter saturation voltage, v be (sat) -- v v ce (sat) -- i c v ce (sat) -- i c collector current, i c -- a collector-to-emitter saturation voltage, v ce (sat) -- mv collector current, i c -- a collector-to-emitter saturation voltage, v ce (sat) -- mv --0.01 --0.1 23 57 23 57 23 57 --1.0 --10 --1000 7 5 3 2 --100 7 5 3 2 --10 *5 5b $  $  $ 4" * $ * #  0.01 0.1 23 57 23 57 23 57 1.0 10 1000 7 5 3 2 7 5 3 2 100 10 *5 5b $  $ --25 $ 2sc5565 i c / i b =50 10 1.0 0.1 0.01 0.1 1.0 10 ta=--25 $ 25 $ 75 $ 7 5 3 2 7 5 3 2 23 57 23 57 23 57 2sc5565 i c / i b =50 it00145 --10 --1.0 --0.1 --0.01 --0.1 --1.0 --10 ta=--25 $ 25 $ 75 $ 7 5 3 2 7 5 3 2 23 57 23 57 23 57 2sa2012 i c / i b =50 it00144 5 3 2 7 5 3 2 7 5 3 2 100 10 0.1 1.0 10 it00147 2sc5565 f=1mhz 72 53 7 25 7 53 25 3 5 3 2 7 5 3 2 7 5 3 2 100 10 7 --0.1 23 5 7 57 23 5 5 23 --1.0 --10 it00146 2sa2012 f=1mhz 1000 100 2 3 5 7 2 3 5 7 10 5 7 0.01 0.1 23 57 23 57 23 57 1.0 10 ta=75 c --25 c it00142 2sc5565 i c / i b =20  c --1000 --100 2 3 5 7 2 3 5 7 --10 5 7 --0.01 --0.1 23 57 23 57 23 57 --1.0 --10 5b $  $  $ *5 4" * $ * # 
2sa2012 / 2sc5565 no.6306-5/5 sanyo semiconductor co.,ltd. assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all sanyo semiconductor co.,ltd. products described or contained herein. sanyo semiconductor co.,ltd. strives to supply high-quality high-reliability products, however, any and all semiconductor products fail or malfunction with some probability. it is possible that these probabilistic failures or malfunction could give rise to accidents or events that could endanger human lives, trouble that could give rise to smoke or fire, or accidents that could cause damage to other property. when designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. upon using the technical information or products described herein, neither warranty nor license shall be granted with regard to intellectual property rights or any other rights of sanyo semiconductor co.,ltd. or any third party. sanyo semiconductor co.,ltd. shall not be liable for any claim or suits with regard to a third party?s intellectual property rights which has resulted from the use of the technical information and products mentioned above. information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed for volume production. any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. when designing equipment, refer to the "delivery specification" for the sanyo semiconductor co.,ltd. product that you intend to use. in the event that any or all sanyo semiconductor co.,ltd. products described or contained herein are controlled under any of applicable local export control laws and regulations, such products may require the export license from the authorities concerned in accordance with the above law. no part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written consent of sanyo semiconductor co.,ltd. ps this catalog provides information as of april, 2010. specifications and information herein are subject to change without notice. p c -- ta ambient temperature, ta -- c collector dissipation, p c -- w p c -- tc case temperature, tc -- c collector dissipation, p c -- w a s o collector-to-emitter voltage, v ce -- v collector current, i c -- a it00151 0 2.0 1.5 1.3 1.0 0.5 20 060 40 80 100 140 120 160 mounted on a ceramic board (250mm 2 ? 0.8mm) 2sa2012 / 2sc5565 4.0 0 3.5 3.0 2.0 1.5 1.0 0.5 2.5 20 060 40 80 100 140 120 160 it01532 2sa2012 / 2sc5565 10 1.0 0.01 2 7 5 3 2 7 5 3 2 0.1 7 5 3 2 1.0 0.1 10 2 5 3 25 37 25 37 it00150 1ms 10ms 100ms 500 s 100 s dc operation 2sa2012 / 2sc5565 tc=25 c single pulse for pnp, minus sign is omitted i cp =8a i c =5a


▲Up To Search▲   

 
Price & Availability of EN6306A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X