Part Number Hot Search : 
20301 STM1815T TPA6120 500765 BCR16HM MTSS320A 20CTR 6100CT
Product Description
Full Text Search
 

To Download DO-214AA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dimensions in inches and (millimeters) s2a - s2m 2.0 amps. surface mount rectifiers smb/DO-214AA features  for surface mounted application  glass passivated junction chip.  low forward voltage drop  high current capability  easy pick and place  high surge current capability  plastic material used carries underwriters laboratory classification 94v-0  high temperature soldering: 260 o c / 10 seconds at terminals mechanical data  case: molded plastic  terminals: pure tin plated, lead free.  polarity: indicated by cathode band  packaging: 12mm ta pe  weight: 0.093 gram maximum ratings and electrical characteristics rating at 25 o c ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% type number symbol s2a s2b s2d s2g s2j s2k s2m units maximum recurrent peak reverse voltage v rrm 50 100 200 400 600 800 1000 v maximum rms voltage v rms 35 70 140 280 420 560 700 v maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 v maximum average forward rectified current @t l =100 o c i (av) 2.0 a peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method ) i fsm 50 a maximum instantaneous forward voltage @ 2.0a v f 1.15 v maximum dc reverse current @ t a =25 o c at rated dc blocking voltage @ t a =125 o c i r 5.0 125 ua ua typical reverse recovery time ( note 1 ) trr 1.5 us typical junction capacitance ( note 2 ) cj 30 pf typical thermal resistance (note 3) r jl r ja 16 53 o c/w operating temperature range t j -55 to +150 o c storage temperature range t stg -55 to +150 o c notes: 1. reverse recovery test conditions: i f =0.5a, i r =1.0a, i rr =0.25a 2. measured at 1 mhz and applied v r =4.0 volts 3. measured on p.c. board with 0.4? x 0.4? (10mm x 10mm) copper pad areas. http://www.luguang.cn mail:lge@luguang.cn
ratings and characteristic curves (s2a thru s2m) fig.3- maximum non-repetitive forward surge current peak forward surge current. (a) 1 10 100 20 10 0 30 50 40 number of cycles at 60hz 8.3ms single half sine wave jedec method fig.4- typical junction capacitance junction capacitance.(pf) 100 402010 421 0.40.20.1 10 2 6 4 20 100 40 60 1 reverse voltage. (v) tj=25 c f=1.0mhz vsig=50mvp-p 0 fig.5- typical forward characteristics instantaneous forward current. (a) 0.4 0.6 0.8 1.0 1.2 1.4 1.6 0.1 0.01 1 10 forward voltage. (v) tj=25 c pulse width-300 s 2% duty cycle 0 fig.2- typical reverse characteristics 0 20 40 60 80 100 120 140 0.01 0.1 1 10 percent of rated peak reverse voltage. (%) tj=125 c 0 tj=25 c 0 tj=100 c 0 instantaneous reverse current .( a) fig.1- maximum forward current derating curve average forward current. (a) 50 60 70 80 100 110 120 130 140 90 150 lead temperature. ( c) o single phase half size wave 60hz resistive or inductive load 10mm pad areas 2 0.5 1.0 1.5 2.0 1 fig.6- reverse recovery time characteristic and test circuit diagram 50 noninductive  non inductive oscilloscope (note 1) pulse generator (note 2) dut (+) 50vdc (approx) (-) notes: 1. rise time=7ns max. input impedance= 1 megohm 22pf 2. rise time=10ns max. sourse impedance= 50 ohms (-) (+) 10 noninductive -1.0a -0.25a 0 +0.5a trr 1cm set time base for 5/ 10ns/ cm s2a - s2m 2.0 amps. surface mount rectifiers http://www.luguang.cn mail:lge@luguang.cn


▲Up To Search▲   

 
Price & Availability of DO-214AA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X