Part Number Hot Search : 
16250 103M3 RF600D 100EL1 TA8251AH HSB124 SK372 M41ST
Product Description
Full Text Search
 

To Download DO-213AB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features . ?b ideal for surface mounted applications. . ?? low leakage current. . g? glass passivated chips. . DQ fast switching. . ???^ 250 /10 ? 0.375?(9.5mm) L? high temperature soldering guaranteed 250 /10 seconds/.375?,(9.5mm) lead lengths C mechanical data . b?z ul94v-0 J??? case: molded plastic use ul94v-0 recognized flame retardant epoxy. . ?a, ?? mil-std-202 ? ,208 terminals: plated terminals, solderable per mil-std-202, method 208 . ??h??? polarity: color band on body denotes cathode. . b?? mounting position: any . 0.036 ? weight: 0.036 gram O?? ta=25 ? ?? 60hz ??dbdp 20% maximum ratings and electrical characteristics rating at 25 ambient temp. unless otherwise specified. single phase, half sine wave, 60hz, resistive or induct ive load.for capacitive lo ad,derate current by 20%. ? symbol byd 3 7 a byd 3 7b byd 3 7 d byd 3 7g byd 3 7j byd 3 7 k byd 37m units ?? maximum current peak reverse voltage v rrm 50 100 200 400 600 800 1000 volts ? maximum rms voltage v rms 35 70 140 280 420 560 700 volts ?? maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 volts ? maximum average forward rectified current t t =55 i( av ) 1.0 amps ?? peak forward surge current single sine-wave on rated load (jedec method) i fsm amps 1.0a ??r?g? maximum instantaneous forward voltage drop at 1.0a dc v f 1.3 volts ? maximum dc reverse current t a =25 at rated dc blocking voltage t a =125 i r 5.0 100.0 a ??rg maximum reverse recovery time , test conditions i f =0.5a , i r =1.0a , i rr =0.25a trr 150 250 ns ?Y vr= 4.0v,f = 1.0mhz typical junction capacitance c j 15 pf ???? operating junction and st orage temperature range t j t stg -55 to +150 byd37 series fast soft-recovery controlled avalanche rectifiers http://www.luguang.cn mail:lge@luguang.cn 300 so l d er abl e en d s d2 d2 = d1  0  0. 20 0. 5 0. 1 0. 5 0. 1 4. 9 0 . 2 2. 6 0 . 1 5 d1 DO-213AB dimensions in millimeters
fig. 1? ?~ fig. 1 ? derating curve for output rectifier current fig. 2 ? ?? fig. 2 ? maximum non ? repetitive peak forward surge current fig. 3 ? ( ? ) fig. 4 ? ?g ( ? ) fig. 3 ? typical reverse characteristics fig. 4 ? typical instantaneous forward characteristics fig. 5 ? ( ? ) fig. 5 ?typical junction capacitance byd37 series fast soft-recovery controlled avalanche rectifiers http://www.luguang.cn mail:lge@luguang.cn


▲Up To Search▲   

 
Price & Availability of DO-213AB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X