Part Number Hot Search : 
VT300 LCX16 GJ88L02 120M1T PR150 17000 7073630 BT222
Product Description
Full Text Search
 

To Download DO-213AA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  solderable ends d2 d2=d1  0  0.20 0.5 0.1 0.5 0.1 3.5 0.2 1.6 0.1 d1 ? plastic package has underwriters laboratories flammability classification 94v-0 ? glass passivated chip junction ? for surface mount applications ? high temperature metallurgically bonded construction of 265 ?? for 10 seconds in solder bath ? case: jedec DO-213AA,molded plastic ? polarity: color band denotes cathode ? weight: 0.0014 ounces, 0.036 grams ? mounting position: any maximum ratings and electrical characteristics ratings at 25 ?? ambient temperature unless otherwise specified. single phase,half wave,60 hz,resistive or inductive load. for capacitive load,derate current by 20%. rgl 34b rgl 34d rgl 34g rgl 34j rgl 34k rgl 34m units maximum recurrent peak reverse voltage 100 200 400 600 800 1000 v maximum rms voltage 70 140 280 420 560 700 v maximum dc blocking voltage 100 200 400 600 800 1000 v maximum average forward rectified current t t =55 ?? peak forward surge current 8.3ms single half-sine-wave superimposed on rated load (jedec method) maximum instantaneous forward voltage @0.5a v maximum reverse current @t a =25 ?? at rated dc blocking voltage @t a =125 ?? maximum reverse recovery time (note 1) 250 ns typical junction capacitance (note 2) pf typical thermal resistance (note 3) ??/w operating junction temperature range ?? storage temperature range ?? note: 1. measured with i f =0.5a,i r =1.0a,i rr =0.25a 2. measured at 1.0mhz and applied reverse voltage of 4.0v dc. 3. thermal resistance from junction to ambient, 0.240.24"(6.06.0mm) copper pads to each terminal. 1.3 t rr 150 500 v dc a a i (av) 0.5 i fsm 10 a v f i r 5.0 50 v rrm v rms rgl 34a 50 50 35 c j t j t stg r ja - 55 ---- +175 - 55 ---- +175 4.0 150 ? high temperature soldering guaranteed:450 ??/5 seconds do - 213aa voltage range : 50 --- 1000 v current: 0.5 a at terminals.complete device sub-mersible temperature ? cavity-free glass passivated junction dimensions in millimeters rgl34a-rgl34m surface mount rectifiers features m echani cal d ata http://www.luguang.cn mail:lge@luguang.cn
-1.0a -0.25a 0 +0.5a t rr 1cm pulse generator (note2) d.u.t. 1 n.1. 50 n.1. oscilloscope (note 1) (+) 50vdc (approx) (-) 10 n.1. (-) (+) 2. rise time=10ns ma x. source impeda nce=5o notes: 1. rise time =7ns ma x. input impeda nce=1m .22pf fig.5 -- reverse recovery time characteristic and test circuit diagram set time base for 75/150 ns /cm 0.8 1.0 1.2 1.4 1.6 1.8 0.001 0.01 0.1 1 10 t j =25 pulse width=300us 0 25 50 75 100 125 150 175 0.3 0.5 0.6 0.4 0.2 0.1 resistive or inductive load 0.2x0.2"(5.0x5.0mm) copper pad areas 0 11 0 100 5.0 10 tl=110 ?? 8.3ms single half sine-wave (jedec method) 0 0.1 10 20 40 60 80 100 0.01 t a =125 ?? ta=1 00 ?? t a =2 5 ?? 1 100 average forward rectified current,amperes peak forward surge current,amperes instantaneous forward current,amperes instantaneous reverse leakage current(ma) fig.2 -- maximum non-repetitive peak forward surge current terminal temperature ?? number of cycles at 60hz instantaneous forward voltage(v) percent of rated peak reverse voltage. ( ? ) fig.3 -- typical instantaneous forward characteri sti cs fig. 4 -- typical reverse characteri sti cs fig. 1 -- forward current derating curve rgl34a-rgl34m surface mount rectifiers ratings and charactieristic curves http://www.luguang.cn mail:lge@luguang.cn


▲Up To Search▲   

 
Price & Availability of DO-213AA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X