Part Number Hot Search : 
0EVKI 1SAM7 PS11001 384196 14400 GC3030 SKY77404 SKY77404
Product Description
Full Text Search
 

To Download DO-213AA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  solderable ends d2 d2=d1  0  0.20 0.5 0.1 0.5 0.1 3.5 0.2 1.6 0.1 d1 maximum ratings and electrical characteristics ratings at 25 o c ambient temperature unless otherwise specified gl1d gl1g gl1j gl1k gl1m ma xim um re cu rrent peak re ve rse v oltage v rrm 200 400 600 800 1000 v ma x i mu m rms v o l t a g e v rws 140 280 420 560 700 v maximum dc blocking voltage v dc 200 400 600 800 1000 v maximum average f orw ord rectif ied current v @tl=75 i f(av) a peak forward surge current v 8.3ms single h alf-sine-wa v e superimpo s ed v on rated load (jedec method) i fsm a ma xim um instantaneous forward v oltage at 1.0 a v f v maximum dc reverse current @t a =25 o c at rated dc blockjing voltage @t a =125 o c typical junction capacitance(note 2) c j pf storage temperature range t stg o c plastic package h as underwrit ers laboratory 1 flammability classifications units 30 50 100 35 70 50 100 50.0 1.2 1.3 2.thermal resistance form junction to ambient and junction to lead p.c.b mounted on 0.27"x0.27"(7.0x7.0mm2) copper pad areas -55--------+150 1.0 i r 5.0 for surface mounted applications low profile package gl1a polarity: color band denotes cathode end weight: 0.0014 ounces, 0.036 gram glass passivated chip junction high temperature soldering: 1 250 o c/10 seconds at terminals note: 1.measured at 1.0mhz and applied reverse voltage of 4.0volts 4.0 reverse voltage: 50 - 1000 v current: 1.0 a built-in strain relief,ideal for automated placement case:jedec DO-213AA,molded plastic over passivated chip do - 213aa typical thermal resitance (note 4) o c/w gl1b 4. thermal resistance from junction to ambient and junction to lead p.c.b.mounted on 0.27''x0.27''(7.0x7.0mm2) copper pad areas dimensions in millimeters ja r 150 typical reverse recovery time(note3) t 3.measured with if=0.5a,ir=1.0a,irr=0.25a. rr 1.5 s a o perating junction temperature range t j -55--------+150 gl1a-gl1m surface mount rectifiers features mechanical data ? ? ? ? ? ? ? ? ? ? http://www.luguang.cn mail:lge@luguang.cn
0 1 10 20 30 40 20 t j =125 ?? 8.3ms single half sine-wave 24 1 0 81 0 0 40 60 80 puise width=300 s 1%duty cycle 0.4 0.01 0.1 1 10 0.6 0.8 1.0. 1.2 1.4 1.6 1.8 2.0 100 t j =25 c o t j =125 c o t j =75 c o t j =25 c o 100 0.1 0.01 0.001 1 10 80 0 20 40 60 100 resistive or inductive load 0.2x0.2(5.0x5.0mm) thick copperpand areas 0 02 0 40 0.2 0.4 0.6 0.8 1.2 1.0 120 60 80 100 160140 average forward current,amperes peak forward surge current,amperes instantaneous forward current,amperes instantaneous reverse current microamperes fig.3 -- typical forward characteristics fig.4 -- typical reverse character istics fi g. 1 -- forward derati ng curve fi g. 2 peak forward surge current number of cycles at 60hz instantaneous forward voltage,volts percent of rated peak reverse voltage, ambient temperature gl1a-gl1m surface mount rectifiers ratings and charactieristic curves http://www.luguang.cn mail:lge@luguang.cn


▲Up To Search▲   

 
Price & Availability of DO-213AA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X