Part Number Hot Search : 
AM2520 STA481 TK11335B SP668206 M62417SP BCR2P 12S05 GBI15B
Product Description
Full Text Search
 

To Download DF50-2830SCFA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 1 mm pitch, wtob, positive lock connector df50 series 2010.9 features 1. positive lock provides clear tactile click and secure mating thanks to the structure at the base of the terminal contacting at the same time as the lock engages, there is a clear tactile click engagement, which enables secure mating.(fig1) 2.resistant to wrenching forces the thick and durable housing offers enhanced strength against wall breakage. the deep mating and housings pressed against each other also enhance the strength of the structure against stress. 3.robust and reliable lance structure the crimping terminal receiving the lance on both surfaces helps enhance the lance strength. 4. the adsorption area is secured and no need for any adsorption cap although compact in size, a sufficient adsorption area is secured and automatic implementation is possible without an adsorption cap. (* adsorption cap specification is also available on request) 5. available for coating external diameter 0.9mm, awg#28 although a 1mm pitch, it's also compatible with 0.9mm, ul1061-awg#28 cable ( ?0.1277) clear tactile click and secure mating resistant to wrenching forces robust and reliable lance structure (fig1) (fig.2) (fig.3) a clear click engagement generated when locking starts, matching that of the terminal which comes into contact. a structure that withstands stresses with deep mating. the thick external wall enhances strength against wall breakage. the lance connection can also be visually confirmed. the crimping terminal receving the lance on surface locking
2 df50 series 1 mm pitch, wtob, positive lock connector specifications ratings current rating 1a operating temperature range: operating humidity range: -35 to +85c (note 1) rh 20% to 80% voltage rating 30 vrms ac 100v ac /dc storage temperature range: storage humidity range: -10 to +60c (note 2) rh 40% to 70% (note 2) item specifcation conditions 1. insulation resistance 500m? min. 100 v dc 2. withstanding voltage no fashover or insulation breakdown 300 vrms ac / 1 minute 3. contact resistance 30m? max 20 mv,(dc or 1,000hz) 4.vibration no electrical discontinuity of 1 s or longer frequency: 10 to 55 hz, single amplitude of 0.75mm, 10 cycles in each of the 3 directions. 5.shock no electrical discontinuity of 1 s or longer 490m/s 2 duration of pulse 11ms at 3 times for 3 directions. 6.humidity contact resistance 50 m? max. insulation resistance: 100 m? min. 96 hours at of 40 2c, and humidity of 90 to 95% 7. temperature cycle contact resistance 50 m? max. insulation resistance: 500 m? min. -55c 5 to 35c 85c 5 to 35c time: 30 min. 2 to 3 min. 30 min. 2 to 3 min. 5 cycles 8.durability contact resistance 50 m? max. 30 cycles 9. resistance to soldering heat no deformation of affecting performance refow: at the recommended temperature profle manual soldering: 350c for 3 to 4 seconds note 1. includes temperature rise caused by current fow. note 2. the term "storage" refers to products stored for a long period prior to mounting and use. the operating temperature and humidity range covers the non-conducting condition of installed connectors in storage, shipment or during transportation after board mounting. note 3. information contained in this catalog represents general requirements for this series. contact us for the drawings and specifcations for a specifc part number shown. materials product part material finish remarks header insulator lcp color:black ul94v-0 contact brass gold plated --------- metal fttings phosphor bronze (df50a) tin plated --------- brass(df50) tin plated --------- lock metal stainless --------- --------- socket insulator pbt color:black(df50a) ul94v-0 color:white(df50) crimping contact contact phosphor bronze gold plated ---------
3 df50 series 1 mm pitch, wtob, positive lock connector ordering information connector df50 ? * dp ? 1 v ** ? ? ? ? ? ? crimp contact df50 ? 2830 scf a ? ? ? ? ? specifcations (51):smt embossed tape packaging (52): smt embossed tape packaging (with vacuum pick-up cap) ? applicable conductor 2830 : awg 28 to awg 30 3032 : awg 30 to awg 32(under development) ? plating specifcation a:gold plating ? series name : df50(double-row) df50a(single-row) ? number of positions : 20, 30, 40, 50(double-row) : 2 to 16(single-row) ? connector type dp : double-row header ds : double-row socket p : single-row header s : single-row socket ? contact pitch:1.0mm ? type of housing c : crimp socket v: straight smt h: right angle smt(under development)
4 df50 series 1 mm pitch, wtob, positive lock connector [specifcations number] - * *, (* *) (51) : embossed tape packaging (52) : smt embossed tape packaging (with vacuum pick-up cap) double row straight pin header recommended pcb mounting pattern p=1y b a 8.15 7.05 $poubdu/p? $poubdu/p $poubdu/p? $poubdu/pnbsl $poubdu/p 0.90.05 0.85 min 1.60.05 40.05 1.60.05 b0.05 $poubdu/p? $poubdu/p ? 1? $poubdu/p? $poubdu/p 0.70.05 1.80.05 ** : number of contacts unit : mm part number cl no. number of contacts a b df50-20dp-1v (**) under development 20 13.18 9 df50-30dp-1v (**) 665-0001-8-** 30 18.18 14 df50-40dp-1v (**) 665-0005-9-** 40 23.18 19 df50-50dp-1v (**) under development 50 28.18 24 note 1: tape and reel packaging (1,000 pieces/reel). order by number of reels.
5 df50 series 1 mm pitch, wtob, positive lock connector packaging specification a a a-a 14.20.1 28.40.1 1.750.1 120.1 40.1 0.20.05 r0.75 +0.1 0 ?1.5 +0.1 0 20.1 320.3 un reeling direction contact no.1 (2.395)(vacuum pick-up area center) part number label un reeling direction 38.4max 32.4 +2 0 ?801 ?3802 20.5 r1 ?130.2 ?210.8
6 df50 series 1 mm pitch, wtob, positive lock connector single row straight pin header recommended pcb mounting pattern unit : mm part number cl no. number of contacts a b c df50a-2p-1v (**) 665-1001-3-** 2 5.25 1 5 df50a-3p-1v (**) 665-1004-1-** 3 6.25 2 6 df50a-4p-1v (**) 665-1006-7-** 4 7.25 3 7 df50a-5p-1v (**) 665-1008-2-** 5 8.25 4 8 df50a-6p-1v (**) 665-1010-4-** 6 9.25 5 9 df50a-7p-1v (**) 665-1012-0-** 7 10.25 6 10 df50a-8p-1v (**) 665-1014-5-** 8 11.25 7 11 df50a-9p-1v (**) 665-1016-0-** 9 12.25 8 12 df50a-10p-1v (**) 665-1017-3-** 10 13.25 9 13 df50a-11p-1v (**) 665-1019-9-** 11 14.25 10 14 df50a-12p-1v (**) 665-1021-0-** 12 15.25 11 15 df50a-13p-1v (**) 665-1023-6-** 13 16.25 12 16 df50a-14p-1v (**) 665-1025-1-** 14 17.25 13 17 df50a-15p-1v (**) 665-1027-7-** 15 18.25 14 18 df50a-16p-1v (**) 665-1029-2-** 16 19.25 15 19 note 1: tape and reel packaging (1,000 pieces/reel). order by number of reels. 5.67 $poubduno.1 $poubduno. ?  p=1  $poubduno.1 nbsl 7.05  no.1 no.* 0.70.05 1.90.05 3.150.05 4.70.05 2.40.05 10.05 0.60.05 b0.05 ** : number of contacts [specifcations number] - * *, (* *) (51) : embossed tape packaging
7 df50 series 1 mm pitch, wtob, positive lock connector packaging specification df50a-2p-1v? df50a-8p-1v(no. of contacts 2 to 8) df50a-9p-1v? df50a-16p-1v(no. of contacts 9 to 16) un reeling direction a a 120.1 20.1 11.50.1 22.25 +0.2 0 1.750.1 40.1 (24) ?1.5 +0.1 0  -  un reeling direction   0.20.05 320.3 28.40.1 14.20.1 40.1 20.1 120.1 1.750.1 r0.75 +0.1 0 6 part number label un reeling direction 38.4max 32.4 +2 0 ?801 ?3802 20.5 r1 ?130.2 ?210.8 un reeling direction part number label 20.5 ?3802 ?801 24.4 +2 0 30.4max r1 ?210.8 ?130.2
8 df50 series 1 mm pitch, wtob, positive lock connector double row socket unit : mm part number cl no. number of contacts a b df50-20ds-1c under development 20 12.28 9 df50-30ds-1c 665-0003-3-00 30 17.28 14 df50-40ds-1c 665-0006-1-00 40 22.28 19 df50-50ds-1c under development 50 27.28 24 note 1. the quantity is delivered per bag (1000 pcs.). if needed, please select and order the products per bag. b p=1 a $poubdu/p? $poubdu/p $poubdu/pnbsl $poubdu/p? $poubdu/p )34nbsl $"7/p 8.5 6
9 df50 series 1 mm pitch, wtob, positive lock connector single row socket unit : mm part number cl no. number of contacts a b df50a-2s-1c 665-1002-6-00 2 3.95 1 df50a-3s-1c 665-1005-4-00 3 4.95 2 df50a-4s-1c 665-1007-0-00 4 5.95 3 df50a-5s-1c 665-1009-5-00 5 6.95 4 df50a-6s-1c 665-1011-7-00 6 7.95 5 df50a-7s-1c 665-1013-2-00 7 8.95 6 df50a-8s-1c 665-1015-8-00 8 9.95 7 df50a-9s-1c 665-1100-5-00 9 10.95 8 df50a-10s-1c 665-1018-6-00 10 11.95 9 df50a-11s-1c 665-1020-8-00 11 12.95 10 df50a-12s-1c 665-1022-3-00 12 13.95 11 df50a-13s-1c 665-1024-9-00 13 14.95 12 df50a-14s-1c 665-1026-4-00 14 15.95 13 df50a-15s-1c 665-1028-0-00 15 16.95 14 df50a-16s-1c 665-1030-1-00 16 17.95 15 note 1. the quantity is delivered per bag (1000 pcs.). if needed, please select and order the products per bag. b p=1 a $poubdu/p $poubdu/pnbsl $poubdu/p? 6.85 6
10 df50 series 1 mm pitch, wtob, positive lock connector crimping contact unit : mm part number cl no. packaging type quantity finish DF50-2830SCFA 665-0002-0-00 reel (30,000/reel) gold plated df50-3032scfa under development ? ? ? note 1: tape and reel packaging (30,000 pieces/reel). order by number of reels. conductor size (wire construction) jacket diameter awg28 (7/?0.127mm) ?0.88mm awg30 (7/?0.102mm) ?0.80mm note : if other cables are used instead of the applicable cable, please contact the hirose sales department. applicable cable (tin plating annealed copper wire) recommended cable ul1061 strip length 1.5~1.9mm applicable crimping tool type part number cl no. applicable contact applicator ap105-df50-2830s 901-4616-0 DF50-2830SCFA press main unit cm-105 901-0005-4 ? manual crimping tool ht305/df50-2830hc 550 DF50-2830SCFA extraction tool df-c-po (b) 550-0179-2 DF50-2830SCFA note 1. if a trouble has occurred due to other tools, which are not designated by hirose, hirose won't guarantee any product. 0.63 0.12 1.4 2.7 4 ?1.2 5.05 0.8 1.9 0.5 3 4 4.6
11 df50 series 1 mm pitch, wtob, positive lock connector 1. recommended temperature profle note 1: up to 2 cycles of reflow soldering are possible under the same conditions, provided that there is a return to normal temperature between the first and second cycle. note 2: the temperature profile indicates the board surface temperature at the point of contacts with the connector terminals. 2.recommended manual soldering manual soldering: 350?10? for 3 to 4 seconds 3. recommended screen thickness and open area ratio (pattern area ratio) standard thickness 0.1mm open area ratios:100% 4.board warpage maximum of 0.02mm at the connector center, with both ends of the connector as reference points. 5.cleaning conditions refer to nylon connector use handbook. 6.precautions ? mating and un-mating of the connectors when not soldered on the boards is not recommended as this may cause deformation of the terminals, damage to the contacts or insulators. ? when mating/un-mating do not twist or lift by the corners. apply the forces evenly across the entire length and width of the connectors taking care not to damage or deform soldered terminations. ? slight discoloration on the insulating materials will not affect form, fit or function of the connectors. usage recommendations time (sec) 180? 100 150 200 250 220? pre-heating time soldering time max 250? 90 ~ 120sec 60secmax 10secmax temperature (?) 0
12 df50 series 1 mm pitch, wtob, positive lock connector usa: hirose electric (u.s.a.), inc. headquarters 2688 westhills court, simi valley, ca 93065-6235 phone : 1-805-522-7958 fax : 1-805-522-3217 http://www.hiroseusa.com hong kong: hirose electric hongkong trading co., ltd. unit 1102 a&b, energy plaza, 92 granville road, tsim sha tsui east, kowloon phone : 852-2803-5338 fax : 852-2591-6560 http://www.hirose-hongkong.com.hk china: hirose electric co., ltd. beijing representative office a1001, ocean international center, building 56# east 4th ring middle road, chao yang district, beijing, 100025 phone : 86-10-5165-9332 fax : 86-10-5908-1381 http://www.hirose-china.com.cn taiwan: hirose electric taiwan co., ltd. 103 8f, no.87, zhengzhou rd., taipei phone : 886-2-2555-7377 fax : 886-2-2555-7350 http://www.hirose-taiwan.com.tw germany: hirose electric europe b.v. german branch herzog-carl-strasse 4 d-73760 ostfildern (scharnhauser park) phone : 49-711-4560-02-1 fax : 49-711-4560-02-299 http://www.hirose.de singapore: hirose electric co., ltd. 10 anson road #26-16 international plaza 079903 phone : 65-6 324-6113 fax : 65-6324-6123 http://www.hirose-singapore.com.sg the netherlands: hirose electric europe b.v. hogehillweg #8 1101 cc amsterdam z-o phone : 31-20-6557460 fax : 31-20-6557469 http://www.hiroseeurope.com uk: hirose electric europe b.v. uk branch first floor, st andrews house, caldecotte lake business park, milton keynes mk7 8le phone : 44-1908-369060 fax : 44-1908-369078 http://www.hirose.co.uk usa: hirose electric (u.s.a.), inc. detroit office (automotive) 37677 professional center drive, suite #100c livonia, mi 48154 phone : 1-734-542-9963 fax : 1-734-542-9964 http://www.hiroseusa.com usa: hirose electric (u.s.a.), inc. north california office 20400 stevens creek blvd., ste 250, cupertino, ca 95014 phone : 1-408-253-9640 fax : 1-408-253-9641 http://www.hiroseusa.com china: hirose electric (shanghai) co., ltd. 1501-02, cross tower building, 318 fuzhou road, huang pu district, shanghai 200001 phone : 86-21-6391-3355 fax : 86-21-6335-0767 http://www.hirose-china.com.cn china: hirose electric co., ltd. shenzhen office room 09-13, 19/f, office tower shun hing square, di wang commercial centre 5002, shennandong road, shenzhen city, guangdong province, 518008 phone : 86-755-8207-0851 fax : 86-755-8207-0873 http://www.hirose-china.com.cn korea: hirose korea co., ltd. 1261-10, jeoungwhang-dong, shihung-city, kyunggi-do 429-450 phone : 82-31-496-7000,7124 fax : 82-31-496-7100 http://www.hirose.co.kr the contents of this catalog are current as of date of 09/2010. contents are subject to change without notice for the purpose of improvements. 5-23,osaki 5-chome,shinagawa-ku,tokyo 141-8587,japan phone: 81-3-3491-5300, fax: 81-3-3495-5230 http://www.hirose.com http://www.hirose-connectors.com ?


▲Up To Search▲   

 
Price & Availability of DF50-2830SCFA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X