Part Number Hot Search : 
S3C72 IX6R11S6 1N5235 IN5397 2SJ50 01301 BTS443 RQK06
Product Description
Full Text Search
 

To Download BZX84C39TS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ds30187 rev. 5 - 2 1 of 3 bzx84c2v4ts - BZX84C39TS www.diodes.com  diodes incorporated bzx84c2v4ts - BZX84C39TS triple surface mount zener diode array features  zener voltages from 2.4 - 39v  three isolated diode elements in a single ultra-small surface mount package  also available in lead free version  case: sot-363, molded plastic  case material - ul flammability rating 94v-0  moisture sensitivity: level 1 per j-std-020a  terminals: solderable per mil-std-202, method 208  also available in lead free plating (matte tin finish). please see ordering information, note 5, on page 1  orientation: see diagram  marking: date code and marking code (see page 2)  weight: 0.006 grams (approx.) mechanical data characteristic symbol value unit forward voltage @ i f = 10ma v f 0.9 v power dissipation (note 1) p d 200 mw thermal resistance, junction to ambient air (note 1) r  ja 625  c/w operating and storage temperature range t j, t stg -65 to +150  c maximum ratings @ t a = 25  c unless otherwise specified a m j l d b c h k g f kxx ym c 3 c 1 c 2 a 2 a 3 a 1 t c u d o r p w e n sot-363 dim min max a 0.10 0.30 b 1.15 1.35 c 2.00 2.20 d 0.65 nominal f 0.30 0.40 h 1.80 2.20 j  0.10 k 0.90 1.00 l 0.25 0.40 m 0.10 0.25  0  8 all dimensions in mm * add -7 to the appropriate type number in table 1 from sheet 2 example: 6.2v zener = bzx84c6v2ts-7. notes: 1. mounted on fr4 pc board with recommended pad layout which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. 2. short duration test pulse used to minimize self-heating effect. 3. f = 1khz. 4. for packaging details, got to our website at http://www.diodes.com/datasheets/ap02007.pdf. 5. for lead free version (with lead free terminal finish) part number, please add "-f" suffix to part number a bove. example: BZX84C39TS-7-f. device packaging shipping (type number)-7* sot-363 3000/tape & reel ordering information (note 4)
ds30187 rev. 5 - 2 2 of 3 bzx84c2v4ts - BZX84C39TS www.diodes.com type number marking code zener voltage range (note 2) maximum zener impedance (note 3) maximum reverse current (note 2) temperature coefficient of zener voltage @i zt = 5ma mv/  c v z @ i zt i zt z zt @ i zt z zk @ i zk i zk i r v r nom (v) min (v) max (v) ma  ma ua @ v min max bzx84c2v4ts krb 2.4 2.2 2.6 5 100 600 0.5 50 1.0 -3.5 0 bzx84c2v7ts krc 2.7 2.5 2.9 5 100 600 1.0 20 1.0 -3.5 0 bzx84c3v0ts krd 3.0 2.8 3.2 5 95 600 1.0 10 1.0 -3.5 0 bzx84c3v3ts kre 3.3 3.1 3.5 5 95 600 1.0 5.0 1.0 -3.5 0 bzx84c3v6ts krf 3.6 3.4 3.8 5 90 600 1.0 5.0 1.0 -3.5 0 bzx84c3v9ts krg 3.9 3.7 4.1 5 90 600 1.0 3.0 1.0 -3.5 0 bzx84c4v3ts krh 4.3 4.0 4.6 5 90 600 1.0 3.0 1.0 -3.5 0 bzx84c4v7ts kr1 4.7 4.4 5.0 5 80 500 1.0 3.0 2.0 -3.5 0.2 bzx84c5v1ts kr2 5.1 4.8 5.4 5 60 480 1.0 2.0 2.0 -2.7 1.2 bzx84c5v6ts kr3 5.6 5.2 6.0 5 40 400 1.0 1.0 2.0 -2.0 2.5 bzx84c6v2ts kr4 6.2 5.8 6.6 5 10 150 1.0 3.0 4.0 0.4 3.7 bzx84c6v8ts kr5 6.8 6.4 7.2 5 15 80 1.0 2.0 4.0 1.2 4.5 bzx84c7v5ts kr6 7.5 7.0 7.9 5 15 80 1.0 1.0 5.0 2.5 5.3 bzx84c8v2ts kr7 8.2 7.7 8.7 5 15 80 1.0 0.7 5.0 3.2 6.2 bzx84c9v1ts kr8 9.1 8.5 9.6 5 15 100 1.0 0.5 6.0 3.8 7.0 bzx84c10ts kr9 10.0 9.4 10.6 5 20 150 1.0 0.2 7.0 4.5 8.0 bzx84c11ts kp1 11.0 10.4 11.6 5 20 150 1.0 0.1 8.0 5.4 9.0 bzx84c12ts kp2 12.0 11.4 12.7 5 25 150 1.0 0.1 8.0 6.0 10.0 bzx84c13ts kp3 13.0 12.4 14.1 5 30 170 1.0 0.1 8.0 7.0 11.0 bzx84c15ts kp4 15.0 13.8 15.6 5 30 200 1.0 0.1 10.5 9.2 13.0 bzx84c16ts kp5 16.0 15.3 17.1 5 40 200 1.0 0.1 11.2 10.4 14.0 bzx84c18ts kp6 18.0 16.8 19.1 5 45 225 1.0 0.1 12.6 12.4 16.0 bzx84c20ts kp7 20.0 18.8 21.2 5 55 225 1.0 0.1 14.0 14.4 18.0 bzx84c22ts kp8 22.0 20.8 23.3 5 55 250 1.0 0.1 15.4 16.4 20.0 bzx84c24ts kp9 24.0 22.8 25.6 5 70 250 1.0 0.1 16.8 18.4 22.0 bzx84c27ts kpa 27.0 25.1 28.9 2 80 300 0.5 0.1 18.9 21.4 25.3 bzx84c30ts kpb 30.0 28.0 32.0 2 80 300 0.5 0.1 21.0 24.4 29.4 bzx84c33ts kpc 33.0 31.0 35.0 2 80 325 0.5 0.1 23.1 27.4 33.4 bzx84c36ts kpd 36.0 34.0 38.0 2 90 350 0.5 0.1 25.2 30.4 37.4 BZX84C39TS kpe 39.0 37.0 41.0 2 130 350 0.5 0.1 27.3 33.4 41.2 electrical characteristics @ t a = 25  c unless otherwise specified notes: 2. short duration test pulse used to minimize self-heating effect. 3. f = 1khz. t c u d o r p w e n marking information month jan feb march apr may jun jul aug sep oct nov dec code 1234567 89 o nd year 2002 2003 2004 2005 2006 2007 2008 2009 code npr stuvw date code key kxx = product type marking code ym = date code marking y = year ex: n = 2002 m = month ex: 9 = september kxx ym
ds30187 rev. 5 - 2 3 of 3 bzx84c2v4ts - BZX84C39TS www.diodes.com 0 10 20 30 0 i , zener current (ma) z v , zener voltage (v) z fi g . 3. zener breakdown characteristics 10 20 30 40 t = 25c j test current i z 5ma c10 c12 c18 c22 c27 c33 c36 c15 c39 c , total capacitance (pf) t 10 100 1000 10 100 1 v , nominal zener voltage (v) z fig. 4. total capacitance vs nominal zener voltage t=25c j v=1v r v=2v r v=1v r v=2v r 0 10 20 30 40 50 01 2 3 4 5 6 7 8910 i , zener current (ma) z v , zener voltage (v) z fi g . 2. zener breakdown characteristics t = 25c j c2v7 c3v3 c3v9 c4v7 c5v6 c6v8 c8v2 test current i z 5.0ma t , ambient temperature, c a fi g . 1. power deratin g curve p , power dissipation (mw) d see note 1 200 100 0 300 0 100 200 t c u d o r p w e n


▲Up To Search▲   

 
Price & Availability of BZX84C39TS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X