Part Number Hot Search : 
2SC30 EVPAY LTC3785 NCP603 X84C3 00600 2SK3938G GP2L24
Product Description
Full Text Search
 

To Download BSR202N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  BSR202N optimos ? 2 small-signal-transistor features ? n-channel ? enhancement mode ? super logic level (2.5v rated) ? avalanche rated ? footprint compatible to sot23 ? d v /d t rated ? pb-free lead plating; rohs compliant maximum ratings, at t j =25 c, unless otherwise specified parameter symbol conditions unit continuous drain current i d t a =25 c 3.8 a t a =25 c 3.1 pulsed drain current i d,pulse t a =25 c 15.2 avalanche energy, single pulse e as i d =3.8 a, r gs =25 ? 30 mj reverse diode d v /d t d v /d t i d =3.8 a, v ds =16 v, d i /d t =200 a/s, t j,max =150 c 6 kv/s gate source voltage v gs 12 v power dissipation p tot t a =25 c 0.5 w operating and storage temperature t j , t stg -55 ... 150 c esd class jesd22-a114-hbm 0 (0v to 250v) soldering temperature 260 c iec climatic category; din iec 68-1 55/150/56 value pg-sc-59 type package tape and reel information marking lead free packing BSR202N pg-sc-59 l6327 = 3000 pcs. / reel las yes non dry 3 1 2 v ds 20 v r ds(on),max v gs =4.5 v 21 m ? v gs =2.5 v 33 i d 3.8 a product summary rev. 1.07 page 1 2010-03-25
BSR202N parameter symbol conditions unit min. typ. max. thermal characteristics thermal resistance, junction - minimal footprint r thja - - 250 k/w electrical characteristics, at t j =25 c, unless otherwise specified static characteristics drain-source breakdown voltage v (br)dss v gs = 0 v, i d = 250 a 20 - - v gate threshold voltage v gs(th) v ds =v gs , i d =30 a 0.7 0.95 1.2 drain-source leakage current i dss v ds =20 v, v gs =0 v, t j =25 c --1 a v ds =20 v, v gs =0 v, t j =150 c - - 100 gate-source leakage current i gss v gs =12 v, v ds =0 v - - 100 na drain-source on-state resistance r ds(on) v gs =2.5 v, i d =3 a -2533 m ? v gs =4.5 v, i d =3.8 a -1721 transconductance g fs | v ds |>2| i d | r ds(on)max , i d =3.8 a 17 - s values rev. 1.07 page 2 2010-03-25
BSR202N parameter symbol conditions unit min. typ. max. dynamic characteristics input capacitance c iss - 863 1147 pf output capacitance c oss - 278 370 reverse transfer capacitance c rss -4060 turn-on delay time t d(on) - 8.8 - ns rise time t r - 16.7 - turn-off delay time t d(off) -19- fall time t f - 3.7 - gate charge characteristics gate to source charge q gs - 1.66 2.21 nc gate to drain charge q gd - 1.1 1.6 gate charge total q g - 5.8 8.8 gate plateau voltage v plateau - 1.9 - v reverse diode diode continous forward current i s - - 0.8 a diode pulse current i s,pulse - - 15.2 diode forward voltage v sd v gs =0 v, i f =3.8 a, t j =25 c - 0.8 1.1 v reverse recovery time t rr - 14.3 ns reverse recovery charge q rr - 7.6 - nc v r =10 v, i f =3.8 a, d i f /d t =100 a/s t a =25 c values v gs =0 v, v ds =10 v, f =1 mhz v dd =10 v, v gs =4.5 v, i d =3.8 a, r g =6 ? v dd =10 v, i d =3.8 a, v gs =0 to 4.5 v rev. 1.07 page 3 2010-03-25
BSR202N 1 power dissipation 2 drain current p tot =f( t a ) i d =f( t a ); v gs 4.5 v 3 safe operating area 4 max. transient thermal impedance i d =f( v ds ); t a =25 c; d =0 z thja =f( t p ) parameter: t p parameter: d = t p / t 10 s 100 s 1 ms 10 ms dc 10 2 10 1 10 0 10 -1 10 -2 10 2 10 1 10 0 10 -1 10 -2 10 -3 v ds [v] i d [a] limited by on-state resistance single pulse 0.01 0.02 0.05 0.1 0.2 0.5 10 1 10 0 10 -1 10 -2 10 -3 10 -4 10 3 10 2 10 1 10 0 10 -1 t p [s] z thja [k/w] 0 0.1 0.2 0.3 0.4 0.5 0.6 0 40 80 120 160 t a [c] p tot [w] 0 1 2 3 4 0 40 80 120 160 t a [c] i d [a] rev. 1.07 page 4 2010-03-25
BSR202N 5 typ. output characteristics 6 typ. drain-source on resistance i d =f( v ds ); t j =25 c r ds(on) =f( i d ); t j =25 c parameter: v gs parameter: v gs 7 typ. transfer characteristics 8 typ. forward transconductance i d =f( v gs ); | v ds |>2| i d | r ds(on)max g fs =f( i d ); t j =25 c 1.8 v 2 v 2.2 v 2.5 v 3 v 3.5 v 4.5 v 6 v 0 10 20 30 40 50 60 0 4 8 12 16 i d [a] r ds(on) [m ? ] 0 5 10 15 20 01234 i d [a] g fs [s] 1.6 v 1.8 v 2 v 2.2 v 2.4 v 2.5 v 3 v 4.5 v 0 2 4 6 8 10 12 14 16 0123 v ds [v] i d [a] 25 c 150 c 0 1 2 3 4 5 6 7 8 0123 v gs [v] i d [a] rev. 1.07 page 5 2010-03-25
BSR202N 9 drain-source on-state resistance 10 typ. gate threshold voltage r ds(on) =f( t j ); i d =3.8 a; v gs =4.5 v v gs(th) =f( t j ); v ds =v gs ; i d =30 a parameter: i d 11 typ. capacitances 12 forward characteristics of reverse diode c =f( v ds ); v gs =0 v; f =1 mhz; t j =25c i f =f( v sd ) parameter: t j typ 98 % 0 10 20 30 40 -60 -20 20 60 100 140 t j [c] r ds(on) [m ? ] typ 98 % 2 % 0 0.4 0.8 1.2 1.6 -60 -20 20 60 100 140 t j [c] v gs(th) [v] ciss coss crss 10 1 10 2 10 3 10 4 0 5 10 15 20 v ds [v] c [pf] 25 c 150 c 25 c, 98% 150 c, 98% 10 2 10 1 10 0 10 -1 10 -2 10 -3 0 0.4 0.8 1.2 1.6 v sd [v] i f [a] rev. 1.07 page 6 2010-03-25
BSR202N 13 avalanche characteristics 14 typ. gate charge i as =f( t av ); r gs =25 ? v gs =f( q gate ); i d =3.8 a pulsed parameter: t j(start) parameter: v dd 15 drain-source breakdown voltage 16 gate charge waveforms v br(dss) =f( t j ); i d =250 a 16 17 18 19 20 21 22 23 24 25 -60 -20 20 60 100 140 t j [c] v br(dss) [v] 4 v 10 v 16 v 0 1 2 3 4 5 6 7 8 9 10 02468101214 q gate [nc] v gs [v] 25 c 100 c 125 c 10 3 10 2 10 1 10 0 10 1 10 0 10 -1 t av [s] i av [a] v gs q gate v gs(th) q g(th) q gs q gd q sw q g rev. 1.07 page 7 2010-03-25
BSR202N package outline: footprint: dimensions in mm pg-sc59 3 x 0.4 +0.05 -0.1 m 0.1 0.95 0.95 (0.55) 3 ?.1 +0.2 2.8 -0.1 0.15 max. 1.1 ?.1 0.2 +0.1 +0.1 -0.05 0.15 0?...8? max. gps09473 0.45 ?.15 +0.15 -0.3 1.6 0.1 m 0.1 3 2 1 0.8 hlg09474 0.9 1.3 0.9 1.2 rev. 1.07 page 8 2010-03-25
BSR202N published by infineon technologies ag 81726 munich, germany ? 2007 infineon technologies ag all rights reserved. legal disclaimer the information given in this document shall in no event be regarded as a guarantee of conditions or characteristics. with respect to any examples or hints given herein, any typical values stated herein and/or any information regarding the application of the device, infineon technologies hereby disclaims any and all warranties and liabilities of any kind, including without limitation, warranties of non-infringement of intellectual property rights of any third party. information for further information on technology, delivery terms and conditions and prices, please contact the nearest infineon technologies office (www.infineon.com). warnings due to technical requirements, components may contain dangerous substances. for information on the types in question, please contact the nearest infineon technologies office. infineon technologies components may be used in life-support devices or systems only with the express written approval of infineon technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system or to affect the safety or effectiveness of that device or system. life support devices or systems are intended to be implanted in the human body or to support and/or maintain and sustain and/or protect human life. if they fail, it is reasonable to assume that the health of the user rev. 1.07 page 9 2010-03-25


▲Up To Search▲   

 
Price & Availability of BSR202N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X