Part Number Hot Search : 
2N2894 AQW217A 30C01SS STV8131 N4007 AA273 IP122 MAX5385
Product Description
Full Text Search
 

To Download BDV66 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  BDV66-a-b-c 26/09/2012 comset semiconductors 1/4 p p n n p p s s i i l l i i c c o o n n d d a a r r l l i i n n g g t t o o n n s s p p o o w w e e r r t t r r a a n n s s i i s s t t o o r r s s they are silicon epitaxial base transistors mounted in to-3pn. theyare designed for audio output stages and general amplifier and switching applications. complementary is bdv67-a-b-c compliance to rohs. absolute maximum ratings symbol ratings value unit v ceo collector-emitter voltage BDV66 -80 v BDV66a -100 BDV66b -120 BDV66c -140 v cbo collector-base voltage BDV66 -80 v BDV66a -100 BDV66b -120 BDV66c -140 v ebo emitter-base voltage BDV66 -5.0 v BDV66a BDV66b BDV66c i c collector current BDV66 -16 a BDV66a BDV66b BDV66c i cm collector peak current BDV66 -20 BDV66a BDV66b BDV66c i b base current BDV66 -0.5 a BDV66a BDV66b BDV66c
BDV66-a-b-c 26/09/2012 comset semiconductors 2/4 absolute maximum ratings thermal characteristics symbol ratings value unit r thj-c thermal resistance, junction to case 0.625 c / w switching times symbol ratings test condition(s) value unit min typ max t on turn-on time i c = 10 a , v cc = 12 v i b1 = -i b2 = 40 ma - 1 - s t of f turn-off time - 3.5 - (*) pulse width 300 s, duty cycle 1.5 % symbol ratings value unit p t power dissipation t mb = 25 c BDV66 175 watts BDV66a BDV66b BDV66c t j junction temperature BDV66 150 c BDV66a BDV66b BDV66c t s storage temperature BDV66 -65 to +150 BDV66a BDV66b BDV66c
BDV66-a-b-c 26/09/2012 comset semiconductors 3/4 electrical characteristics tc=25c unless otherwise noted symbol ratings test condition(s) min typ max unit i ceo collector cutoff current v ce = -40 v, i b = 0 BDV66 - - -1 ma v ce = -50 v, i b = 0 BDV66a v ce = -60 v, i b = 0 BDV66b v ce = -70 v, i b = 0 BDV66c i ebo emitter cutoff current v be = -5 v, i c = 0 BDV66 - - -5 ma BDV66a BDV66b BDV66c i cbo collector cutoff current i e = 0 t j =25c v cb = -80 v BDV66 - - -1 ma v cb = -100 v BDV66a v cb = -120 v BDV66b v cb = -140 v BDV66c i e = 0 t j =150c v cb = -40 v BDV66 - - -5 v cb = -50 v BDV66a v cb = -60 v BDV66b v cb = -70 v BDV66c v ceo collector-emitter breakdown voltage (*) i c = -100 ma, i b = 0 BDV66 -60 - - v BDV66a -80 - BDV66b -100 - - BDV66c -120 - - h fe dc current gain (*) v ce = -3 v, i c = -10 a BDV66 1000 - - - BDV66a BDV66b BDV66c v ce(sat) collector-emitter saturation voltage (*) i c = -10 a, i b = -40 ma BDV66 - - -2 v BDV66a BDV66b BDV66c v be base-emitter voltage(*) v ce = -3 v, i c = -10 a BDV66 - - -2,5 v BDV66a BDV66b BDV66c c ob output capacitance v cb = -10 v, i e = 0 f test = 1 mhz BDV66 - 300 - pf BDV66a BDV66b BDV66c
BDV66-a-b-c 26/09/2012 comset semiconductors 4/4 mechanical data case to3pn n on isolated plastic package revised august 2012 ????????? ? information furnished is believed to be accurate and reliable. ho wever, comset semiconductors assumes no responsibility for the consequences of use of such information nor for any infringement of patents or ot her rights of third parties which may results from its use. da ta are subject to change without notice. co mset semiconductors makes no warranty, representation or guarantee re garding the suitability of its products for any particular purpose, nor does comset semicond uctors assume any liability aris ing out of the application or us e of any product and specifica lly disclaims any and all liability, including without limitation consequential or in cidental damages. comset semiconductors? products are not au thorized for use as critical components in life support devices or systems. ? ? www.comsetsemi.com info@comsetsemi.com dimensions (mm) min. max. a 15.20 1600 b 1.90 2.10 c 4.60 5.00 d 3.10 3.30 e 9.60 f 2.00 g 0.35 0.55 h 1.40 j 5.35 5.55 k 20.00 l 19.60 20.20 m 0.95 1.25 n 2.00 o 3.00 p 4.00 r 4.00 s 1.80 t 4.80 5.20 pin 1 : base pin 2 : collector pin 3 : emitter package collector


▲Up To Search▲   

 
Price & Availability of BDV66

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X