BAS31 BAS31, rev. c BAS31 small signal diode absolute maximum ratings* t a = 25c unless otherwise noted * these ratings are limiting values above which the serviceability of any semiconductor device may be impaired. notes : 1) these ratings are based on a maximum junction temperature of 150 degrees c. 2) these are steady state limits. the factory should be consulted on applications involving pulsed or low duty cycle operations. ? 2001 fairchild semiconductor corporation thermal characteristics electrical characteristics t a = 25c unless otherwise noted symbol parameter value units v rrm maximum repetitive reverse voltage 120 v i f(av) average rectified forward current 200 ma i fsm non-repetitive peak forward surge current pulse width = 1.0 second pulse width = 1.0 microsecond 1.0 2.0 a a t stg storage temperature range -55 to +150 c t j operating junction temperature 150 c symbol parameter value units p d power dissipation 350 mw r ja thermal resistance, junction to ambient 357 c/w 1 2 3 l21 3 1 2 sot-23 12 3 connection diagram symbol parameter test conditions min max units v r breakdown voltage i r = 1.0 ma 120 v v f forward voltage i f = 10 ma i f = 50 ma i f = 100 ma i f = 200 ma i f = 400 ma 750 840 900 1.0 1.25 mv mv mv v v i r reverse current v r = 90 v v r = 90 v, t a = 150 c 100 100 na a c t total capacitance v r = 0, f = 1.0 mhz 35 pf t rr reverse recovery time i f = i r = 30 ma, i rr = 3.0 ma, r l = 100 ? 50 ns
disclaimer fairchild semiconductor reserves the right to make changes without further notice t o any products herein t o improve reliability , function or design. fairchild does not assume any liability arising out of the applica tion or use of any product or circuit described herein; neither does it convey any license under its p a tent rights, nor the rights of others. trademarks the following are registered and unregistered trademarks fairchild semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks. life support policy fairchild?s products are not authorized for use as critical components in life support devices or systems without the express written approval of fairchild semiconductor corporation. as used herein: 1. life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. 2. a critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. product status definitions definition of terms datasheet identification product status definition advance information preliminary no identification needed obsolete this datasheet contains the design specifications for product development. specifications may change in any manner without notice. this datasheet contains preliminary data, and supplementary data will be published at a later date. fairchild semiconductor reserves the right to make changes at any time without notice in order to improve design. this datasheet contains final specifications. fairchild semiconductor reserves the right to make changes at any time without notice in order to improve design. this datasheet contains specifications on a product that has been discontinued by fairchild semiconductor. the datasheet is printed for reference information only. formative or in design first production full production not in production optologic? optoplanar? pacman? pop? power247? powertrench qfet? qs? qt optoelectronics? quiet series? silent switcher fast fastr? frfet? globaloptoisolator? gto? hisec? isoplanar? littlefet? microfet? micropak? microwire? rev. h4 a acex? bottomless? coolfet? crossvolt ? densetrench? dome? ecospark? e 2 cmos tm ensigna tm fact? fact quiet series? smart start? star*power? stealth? supersot?-3 supersot?-6 supersot?-8 syncfet? tinylogic? trutranslation? uhc? ultrafet a a a star*power is used under license vcx?
|