Part Number Hot Search : 
14107K PI3HD MB84V 5KE13CA PIC16C70 JE350 AK4183KT KRX203E
Product Description
Full Text Search
 

To Download 1N4005H-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1n4001h-t t hru 1n4007h-t 1 amp rectifier 50 - 1000 volts do-41 features low current leakage metalurgically bonded construction high junction temperature dimensions inches mm dim min max min max note a .166 .205 4.10 5.20 b .080 .107 2.00 2.70 c .028 .034 .70 .90 d 1.000 --- 25.40 --- maximum ratings operating temperature: -5 5 c to +150c storage temperature: -5 5 c to +150 c typical thermal resistance: 25c/w junction to lead at 0.375" mcc catalog number device marking maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage 1n4001h-t --- 50v 35v 50v 1n4002h-t --- 100v 70v 100v 1n4003h-t --- 200v 140v 200v 1n4004h-t --- 400v 280v 400v 1N4005H-T --- 600v 420v 600v 1n4006h-t --- 800v 560v 800v 1n4007h-t --- 1000v 700v 1000v electrical characteristics @ 2 5 c unless otherwise specified average forward current i f(av) 1.0a t a = 75 c peak forward surge current i fsm 30a 8.3ms, half sine maximum instantaneous forward voltage v f 1.1v i fm = 1.0a; t j = 25 c* maximum dc reverse current at rated dc blocking voltage i r 5.0 m a 300ma t j = 25 c t j = 150 c typical junction capacitance c j 15pf measured at 1.0mhz, v r =4.0v *pulse test: pulse width 300 m sec, duty cycle 2% a b c d d cathode mark ww w . mccsemi .com revision: 2 2004/03/30 maximum reverse recovery time t rr 2.0us i f =0.5a, i r =1.0a, i rr =0.25a lead length p.c.b. mounted  
omponents 20736 marilla street chatsworth    !"# $
% !"# mcc
average forward rectified current - amperes versus ambient temperature - c figure 2 forward derating curve 0 175 50 75 100 125 0 .2 .4 .6 single phase, half wave 60hz resistive or inductive load amps c 150 .8 1.0 1.2 junction capacitance - pf versus reverse voltage - volts instantaneous forward current - amperes versus instantaneous forward voltage - volts figure 1 typical forward characteristics 4 6 20 10 amps .4 .6 .8 1.0 1.2 1.4 .01 .02 .04 .06 .1 .2 .4 .6 1 2 25 c volts figure 3 junction capacitance .1 .2 1 .4 2 10 20 40 4 100 200 1 2 6 10 20 100 pf volts 60 40 4 400 1000 t j =25 c 1n4001h-t thru 1n4007h-t mcc www. mccsemi .com revision: 2 2004/03/30
1n4001h-t thru 1n4007h-t 1 100 4 0 10 5 20 30 8 figure 5 peak forward surge current peak forward surge current - amperes versus number of cycles at 60hz - cycles amps cycles 2 6 10 20 60 80 40 40 50 60 figure 4 typical reverse characteristics instantaneous reverse leakage current - microamperes versus percent of rated peak reverse voltage - volts volts 4 6 20 10 m amps 20 120 40 60 80 100 .01 .02 .04 .06 .1 .2 .4 .6 1 2 t a =25 c 40 60 100 140 t a =150c www. mccsemi .com mcc revision: 2 2004/03/30


▲Up To Search▲   

 
Price & Availability of 1N4005H-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X