Part Number Hot Search : 
B8222 P4N05L T350002 10030 L1027 AD668J 100CA RH1014M
Product Description
Full Text Search
 

To Download 17-10038 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  recommended panel cutout 1 1 2 2 3 3 4 4 5 5 6 6 a a b b c c d d a3 1/1 rev. changes date name r t h i s d r a w i n g m a y n o t b e c o p i e d o r r e p r o d u c e d i n a n y w a y , a n d m a y n o t b e p a s s e d o n t o a t h i r d p a r t y w i t h o u t w r i t t e n p e r m i s s i o n . o w n e r s h i p a n d c o p y r i g h t o f c o n e c c o r p o r a t i o n d o t n o t a l t e r c a d d r a w i n g b y h a n d 2007 draw. appd. norm d-old din scale: part no.: material: title: drawing no.: sheet autodesk inventor dim. in approval date name title customer: a b origin jan/28/08 vincent ke date oct. 25 oct. 25 j. chaudry vincent ke name 1.2:1 mm see notes receptacle & cover assembly kit industrial ethernet connector (ip67) with cat. 5e rj45 idc jack 39k1a334 see p/n above tolerance unless otherwise specified 0 plc ` 0.50 1 plc ` 0.38 2 plc ` 0.25 3 plc ` 0.10 angles ` 3 ~ part number 17-10021 17-10022 description plastic version with shielded rj45 idc jack with cover metallized plastic version with shielded rj45 idc jack with cover potted plastic version with shielded rj45 idc jack with cover potted metallized plastic version with shielded rj45 idc jack with cover 17-10037 17-10038 directive 2002/95/ec "rohs" compliant notes: 1. electrical specifications: - meets eia/tia-568-b.2 cat.5e specification - contact resistance: 20mohm max. - insulation resistance: 500mohm min. @ 100 vdc - current rating: 1.2a max. at 25 ~ c - working voltage: 100 vdc - dwv: 1000 vdc/60s contact to contact, 1500 vdc/60s contact to metal shell - operating temperature: -40 ~ c to +85 ~ c 2. material and finish: - receptacle housing: polyester (black) or metallized abs (nickel plated); ul94 v-0 - cover coupling ring: polyester (black) or metallized abs (nickel plated); ul94 v-0 - panel nut: brass, finish: nickel plated - panel gasket: silicone, color: white - cover gasket: silicone, color: red - tether: polycarbonate, color: black - rj45 idc jack metal shell: copper alloy, nickel plated - rj45 idc jack plastic housing: glass filled pbt ul94 v-0, color: black - rj45 idc jack contacts: phosphor bronze, finish: 50u" gold min. over nickel 3. connector can be front or rear mounted to a maximum panel thickness of 3.2mm. 4. rohs compliant 28.10 n ` 0.05 2 6 . 6 0 ` 0 . 0 5 key protrusion x 3 n 30.00 21.00 27.50 ` 0.60 n 31.50 0.50 9 3 . 0 0 ` 3 . 0 0 cover gasket shielded cat. 5e rj45 idc jack panel flange receptacle housing (plastic or metallized) panel gasket panel nut 3.50 19.40 n 34.00 36.18 3 2 . 0 0 bayonet channel x 3 cover coupling ring (platic or metallized) tether sealed with epoxy, provides ip67 even when uncovered (for potted version only) 4 5 . 9 5 r e f . 2.00 29.70


▲Up To Search▲   

 
Price & Availability of 17-10038

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X