recommended panel cutout 1 1 2 2 3 3 4 4 5 5 6 6 a a b b c c d d a3 1/1 rev. changes date name r t h i s d r a w i n g m a y n o t b e c o p i e d o r r e p r o d u c e d i n a n y w a y , a n d m a y n o t b e p a s s e d o n t o a t h i r d p a r t y w i t h o u t w r i t t e n p e r m i s s i o n . o w n e r s h i p a n d c o p y r i g h t o f c o n e c c o r p o r a t i o n d o t n o t a l t e r c a d d r a w i n g b y h a n d 2007 draw. appd. norm d-old din scale: part no.: material: title: drawing no.: sheet autodesk inventor dim. in approval date name title customer: a b origin jan/28/08 vincent ke date oct. 25 oct. 25 j. chaudry vincent ke name 1.5:1 mm see notes receptacle assembly kit industrial ethernet connector (ip67) with cat. 5e rj45 idc jack 39k1a332 see p/n above tolerance unless otherwise specified 0 plc ` 0.50 1 plc ` 0.38 2 plc ` 0.25 3 plc ` 0.10 angles ` 3 ~ directive 2002/95/ec "rohs" compliant notes: 1. electrical specifications: - meets eia/tia-568-b.2 cat.5e specification - contact resistance: 20mohm max. - insulation resistance: 500mohm min. @ 100 vdc - current rating: 1.2a max. at 25 ~ c - working voltage: 100 vdc - dwv: 1000 vdc/60s contact to contact, 1500 vdc/60s contact to metal shell - operating temperature: -40 ~ c to +85 ~ c 2. material and finish: - receptacle housing: polyester (black) or metallized abs (nickel plated); ul94 v-0 - panel nut: brass, finish: nickel plated - panel gasket: silicone, color: white - rj45 idc jack metal shell: copper alloy, nickel plated - rj45 idc jack plastic housing: glass filled pbt ul94 v-0, color: black - rj45 idc jack contacts: phosphor bronze, finish: 50u" gold min. over nickel 3. connector can be front or rear mounted to a maximum panel thickness of 3.2mm. 4. rohs compliant 28.10 n ` 0.05 2 6 . 6 0 ` 0 . 0 5 19.40 3.50 3 2 . 0 0 36.18 n 34.00 bayonet channel x 3 sealed with epoxy, provides ip67 even when uncovered (for potted version only) 4 5 . 9 5 r e f . shielded cat. 5e rj45 idc jack panel flange receptacle housing (plastic or metallized plastic with bayonet locking style) panel gasket panel nut 2.00 29.70 part number 17-10015 17-10016 description plastic version metallized plastic version potted plastic version potted metallized plastic version 17-10033 17-10034
|