Part Number Hot Search : 
4840N HPR211C CRCW1210 01900 CA11172 A0201 CLC3605 32DW6
Product Description
Full Text Search
 

To Download 17-10000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  recommended panel cutout 1 1 2 2 3 3 4 4 5 5 6 6 a a b b c c d d a3 1/1 rev. changes date name r t h i s d r a w i n g m a y n o t b e c o p i e d o r r e p r o d u c e d i n a n y w a y , a n d m a y n o t b e p a s s e d o n t o a t h i r d p a r t y w i t h o u t w r i t t e n p e r m i s s i o n . o w n e r s h i p a n d c o p y r i g h t o f c o n e c c o r p o r a t i o n d o t n o t a l t e r c a d d r a w i n g b y h a n d 2006 draw. appd. norm d-old din scale: part no.: material: title: drawing no.: sheet autodesk inventor dim. in approval date name title customer: a b c d e origin mar/08/07 may/15/07 sept/18/07 jan/28/08 vincent ke vincent ke vincent ke vincent ke date oct. 24 oct. 24 j. chaudry vincent ke name 1.2:1 mm see notes receptacle & cover assembly kit industrial ethernet connector (ip67) with cat. 5e rj45 inline coupler 39k1a203 see p/n above tolerance unless otherwise specified 0 plc ` 0.50 1 plc ` 0.38 2 plc ` 0.25 3 plc ` 0.10 angles ` 3 ~ part number 17-10000 17-10020 17-10011 description plastic version with shielded rj45 inline coupler with cover plastic version with unshielded rj45 inline coupler with cover metallized plastic version with shielded rj45 inline coupler with cover directive 2002/95/ec "rohs" compliant notes: 1. electrical specifications: - meets eia/tia-568-b.2 cat.5e specification - contact resistance: 20mohm max. - insulation resistance: 500mohm min. @ 100 vdc - current rating: 1.2a max. at 25 ~ c - working voltage: 100 vdc - dwv: 1000 vdc/60s contact to contact, 1500 vdc/60s contact to metal shell - operating temperature: -40 ~ c to +85 ~ c 2. material and finish: - receptacle housing: polyester (black) or metallized abs (nickel plated); ul94 v-0 - cover coupling ring: polyester (black) or meatllized abs (nickel plated); ul94 v-0 - panel nut: brass, finish: nickel plated - panel gasket: silicone, color: white - cover gasket: silicone, color: red - tether: polycarbonate, color: black - rj45 jack metal shell: copper alloy, nickel plated - rj45 jack plastic housing: glass filled pbt ul94 v-0, color: black - rj45 jack contacts: phosphor bronze, finish: 50u" gold min. over nickel 3. connector can be front or rear mounted to a maximum panel thickness of 3.2mm. 4. rohs compliant shielded or unshielded cat. 5e inline coupler receptacle housing (plastic or metallized) 28.10 n ` 0.05 2 6 . 6 0 ` 0 . 0 5 panel flange panel gasket key protrusion x 3 cover coupling ring (platic or metallized) tether n 30.00 21.00 27.50 ` 0.60 n 31.50 0.50 9 3 . 0 0 ` 3 . 0 0 panel nut cover gasket 3.50 19.40 36.18 3 2 . 0 0 n 34.00 3 2 . 7 1 r e f bayonet channel x 3 29.70 2.00


▲Up To Search▲   

 
Price & Availability of 17-10000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X