Part Number Hot Search : 
LM3844AD 1N527 ZVN0535A MLL5231B A324506 5962F 100505 2N7002K
Product Description
Full Text Search
 

To Download 1011000000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  product catalogue | terminals | screwing technology | w-series modular terminals | modular fuse terminals | wsi - 1 - general ordering data order no. 1011000000 part designation wsi 6 version fuse terminal, 6 mm2, screw connection, wemid, dark beige, ts 35 ean 4008190105624 qty. 50 pc(s). product notes note, ordering data max. power loss (1.6 w) at the cartridge fuse limits the rated current. note, technical data cartridge fuses or contact sleeves have to be inserted centrally. version with contact sleeve, order no. 1028200000 (50 pcs/11 a). function 400v note, accessories screw m3 x 5 order no. 1052100000 for ql 2 - ql 10. 2 clampable conductors (h05v/h07v) with equal cross-section (rated connection) solid, min. 0.5 mm2 solid, max. 2.5 mm2 flexible, min. 0.5 mm2 flexible, max. 2.5 mm2 flexible with ferrule, min. (din 46228 pt 1) 0.5 mm2 flexible with ferrule, max. (din 46228 pt 1) 2.5 mm2 additional technical data colour of insulating material dark beige connection direction on side end plate required yes explosion-tested version "ex e" no installation advice ts 35 insulating material wemid levels cross-connected internally no
product catalogue | terminals | screwing technology | w-series modular terminals | modular fuse terminals | wsi - 2 - additional technical data no. of identical terminals 1 no. of levels 1 no. of terminal strips per level 2 open sides right operating temperature range - 50 c, + 120 c product family w-series type of connection screwed type of mounting snap-on ul 94 flammability rating of insulation material v-0 version fuse terminal csa rating data voltage (csa) 600 v csa current 10 a min. cross-section (csa) awg 20 max. cross-section (csa) awg 8 conductors for clamping (additional connection) flexible with ferrule, min. (din 46228 pt 1) 0.5 mm2 flexible with ferrule, max. (din 46228 pt 1) 6 mm2 conductors for clamping (rated connection) clamping range, min. 0.5 mm2 clamping range, max. 10 mm2 type of connection screw connection 2nd type of connection screwed connection direction on side no. of connections 2 stripping length 12 mm clamping screw m 3.5 blade size 4.0 x 0.8 mm tightening torque range 0.8...1.6 nm torque level with dms electric screwdriver 3 gauge to iec 60947-1 a5 solid, min. 0.5 mm2 solid, max. 10 mm2 stranded, min. 1.5 mm2 stranded, max. 10 mm2 flexible, min. 0.5 mm2 flexible, max. 10 mm2 flexible with ferrule, min. (din 46228/1) 0.5 mm2 flexible with ferrule, max. (din 46228/1) 6 mm2 flexible, min., ferrule with plastic collar (din 46228 pt 4) 0.5 mm2 flexible, max., ferrule with plastic collar (din 46228 pt 4) 6 mm2 awg conductor size, min. awg 20 awg conductor size, max. awg 8 awg conductor size, min. 0.52 mm2 awg conductor size, max. 8.37 mm2
product catalogue | terminals | screwing technology | w-series modular terminals | modular fuse terminals | wsi - 3 - conductors for clamping (rated connection) dimensions width 7.9 mm height of lowest version 62 mm length 60 mm weight 19.4 g ts 35 offset 32 mm disconnect terminals torque level with dms electric screwdriver 3 display element operating voltage for display, max. 500 v type of voltage for indicator ac/dc fuse terminals cartridge fuse g-si. 1 x 1/4 display without led fuse holder (cartridge holder) pivoting operating voltage, max. 500 type of voltage for indicator ac/dc rating data rated cross-section 6 mm2 rated voltage 500 v rated impulse voltage 6 kv rated current 6.3 a standards iec 60947-7-3 current with max. conductor 6.3 a pollution severity 3 ul rating data voltage (ul) 600 v current (ul) 9.5 a min. cross-section (ul) awg 20 max. cross-section (ul) awg 8 approvals approvals institutes
product catalogue | terminals | screwing technology | w-series modular terminals | modular fuse terminals | wsi - 4 - downloads step 1011000000_09406_wsi_6_stp.stp classifications etim 2.0 ec000899 etim 3.0 ec000899 eclass 4.1 27-14-11-16 eclass 5.0 27-14-11-16 eclass 5.1 27-14-11-16 similar products order no. part designation version 1886580000 wsi 4 fuse terminal, 4 mm2, screw connection, wemid, black, ts 35 1880430000 wsi 4/2 fuse terminal, 4 mm2, screw connection, wemid, black, ts 35 1880410000 wsi 4/2/ld 10-36v ac/dc fuse terminal, 4 mm2, screw connection, wemid, black, ts 35 1880390000 wsi 4/2/ld 140-250v ac/dc fuse terminal, 4 mm2, screw connection, wemid, black, ts 35 1880440000 wsi 4/2/ld 30-70v ac/dc fuse terminal, 4 mm2, screw connection, wemid, black, ts 35 1880420000 wsi 4/2/ld 60-150v ac/dc fuse terminal, 4 mm2, screw connection, wemid, black, ts 35 1886590000 wsi 4/ld 10-36v ac/dc fuse terminal, 4 mm2, screw connection, wemid, black, ts 35 1886550000 wsi 4/ld 140-250v ac/dc fuse terminal, 4 mm2, screw connection, wemid, black, ts 35 1886560000 wsi 4/ld 30-70v ac/dc fuse terminal, 4 mm2, screw connection, wemid, black, ts 35 1886570000 wsi 4/ld 60-150v ac/dc fuse terminal, 4 mm2, screw connection, wemid, black, ts 35 1011060000 wsi 6 or fuse terminal, 6 mm2, screw connection, wemid, orange, ts 35 1011010000 wsi 6 sw fuse terminal, 6 mm2, screw connection, wemid, black, ts 35 1028200000 wsi 6 tr fuse terminal, 6 mm2, screw connection, wemid, transparent, ts 35 1014000000 wsi 6/2 gz/def63 fuse terminal, 6 mm2, screw connection, wemid, dark beige, ts 35 1014300000 wsi 6/2/ld 60-150vdc/ac fuse terminal, 6 mm2, screw connection, wemid, dark beige, ts 35 1014400000 wsi 6/2/ld 250ac fuse terminal, 6 mm2, screw connection, wemid, dark beige, ts 35 1014100000 wsi 6/2/ld 10-36v dc/ac fuse terminal, 6 mm2, screw connection, wemid, dark beige, ts 35 1014200000 wsi 6/2/ld 30-70v dc/ac fuse terminal, 6 mm2, screw connection, wemid, dark beige, ts 35 1012300000 wsi 6/ld 60-150v dc/ac fuse terminal, 6 mm2, screw connection, wemid, dark beige, ts 35 1012400000 wsi 6/ld 250ac fuse terminal, 6 mm2, screw connection, wemid, dark beige, ts 35 1011300000 wsi 6/ld 10-36v dc/ac fuse terminal, 6 mm2, screw connection, wemid, dark beige, ts 35 1012200000 wsi 6/ld 30-70v dc/ac fuse terminal, 6 mm2, screw connection, wemid, dark beige, ts 35


▲Up To Search▲   

 
Price & Availability of 1011000000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X