Part Number Hot Search : 
APTGT1 AN802 LD7202W MID4000 A1150 27NQ10T BSS414 2815S
Product Description
Full Text Search
 

To Download 0203025H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  115 ? 2009 littelfuse, inc. specications are subject to change without notice. surface mount fuses 202 series flat-pak ? fast-acting fuse > 202 series please refer to www.littelfuse.com/series/202.html for current information. 202 series 202 series fuse description fast-acting and slo-blo ? fuse versions of the flat-pak ? fuse designs are available. both designs are available in either a gull-wing surface mount package or a dip conguration for through-hole mounting. these fuse designs feature a 250 vac rating in a low prole, rectangular package. agency approvals electrical characteristics for series agency agency file number ampere range e10480 1/16ma - 5a lr29862 1/16ma - 5a % of ampere rating opening time 100% 4 hours, minimum 200% 2 seconds, maximum electrical specications by item ampere rating (a) amp code max voltage rating (v) interrupting rating nominal cold resistance (ohms) nominal melting i 2 t (a 2 sec) agency approvals 0.062 .062 250 50 amperes @250 vac 7.9000 0.000220 x x 0.125 .125 250 2.4500 0.00180 x x 0.250 .250 250 0.8800 0.0147 x x 0.500 .500 250 0.2980 0.0363 x x 0.750 .750 250 0.1660 0.0980 x x 1.00 001. 250 0.1190 0.192 x x 1.50 01.5 250 0.0701 0.540 x x 2.00 002. 250 0.0469 1.07 x x 2.50 02.5 250 0.0455 1.76 x x 3.00 003. 250 0.0327 1.71 x x 4.00 004. 250 0.0244 3.00 x x 5.00 005. 250 0.0174 4.68 x x revised: june 29, 2011
introduction to circuit protection introduction to circuit protection transientology 116 ? 2009 littelfuse, inc. specications are subject to change without notice. surface mount fuses 202 series flat-pak ? fast-acting fuse > 202 series please refer to www.littelfuse.com/series/202.html for current information. average time current curves 100 10 0.1 0.01 0.001 1000 100 10 1 0.1 0.05 1/16a 1/8a 1/4a 1/2a 3/4a 1a 1 1/2a 2a 2 1/2a 3a 4a 5a time in seconds current in amperes 1 soldering parameters temperature rerating curve note: 1. derating depicted in this curve is in addition to the standard derating of 25% for continuous operation. wave soldering 260c, 3 seconds max. reow soldering 215c, 30 seconds max.
117 ? 2009 littelfuse, inc. specications are subject to change without notice. surface mount fuses 202 series flat-pak ? fast-acting fuse > 202 series please refer to www.littelfuse.com/series/202.html for current information. 202 series materials body: thermoplastic terminations: tin/lead plated copper solderability mil-std-202, method 208. product characteristics cleaning board washable in most common solvents. operating temperature C55 o c to 125 o c dimensions packaging packaging option packaging specication quantity quantity & packaging code surface mount fuses bulk C 100 hxg 24mm tape and reel eia 481 (iec60286, part 3) 500 urg through hole fuses antistatic magazine C 100 h 9.45 (.372") 6.35 (.250") 4.19 (.165") 0.53 (.021") 10.16 (.400") .135" 0.30 (.012") 6 o 202 flat- pak l f f 2a 250 v pat 4563666 dip configuration (thru-hole) mounting 9.45 (.372") 6.35 (.250") 4.19 (.165") 202g flat- pak l f f 2a 250 v pat 4563666 smf configuration ("gull wing" surface mount) 1.52 (.060") 0.08 (.003") 1.40 (.055") 15.24 (.600") 17.12 (.674) 4.06 (.160) 11.53 (.454) 2.79 (.110) recommended pad layout part numbering system 0202 002. hxg series amp code refer to amp code column of electrical characteristics table quantity code hxg = 100 urg = 500 0202 002. h series amp code refer to amp code column of electrical characteristics table quantity code h = 100 surface mount fuses: through hole fuses:


▲Up To Search▲   

 
Price & Availability of 0203025H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X