this document was generated on 05/21/2010 please check www.molex.com for latest part information part number: 0010101063 status: active overview: kk description: 5.08mm (.200") pitch kk? pc board connector, top entry mount style c, 1.0m (40") tin (sn), 6 circuits documents: 3d model product specification ps-99020-0087 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification csa lr19980 ul e29179 general product family pcb receptacles series 3002 application board-to-board overview kk product name kk? physical circuits (loaded) 6 color - resin natural durability (mating cycles max) 25 flammability 94v-2 glow-wire compliant no material - metal phosphor bronze material - plating mating tin material - plating termination tin material - resin nylon number of rows 1 orientation vertical pc tail length (in) 0.110 in pc tail length (mm) 2.79 mm pcb locator no pcb retention none pcb thickness recommended (in) 0.062 in pcb thickness recommended (mm) 1.60 mm packaging type tray pitch - mating interface (in) 0.200 in pitch - mating interface (mm) 5.08 mm plating min: mating (in) 40.00 plating min: mating (m) 1.000 plating min: termination (in) 40.00 plating min: termination (m) 1.00 polarized to pcb no temperature range - operating 0c to +75c termination interface: style through hole electrical current - maximum per contact 7a voltage - maximum 250v solder process data lead-free process capability wave capable (th only) series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status halogen-free need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 3002 series mates with 3003 , 2599 , 3008
material info old part number 300206c reference - drawing numbers product specification ps-99020-0087 sales drawing sdae-3002-nc-* this document was generated on 05/21/2010 please check www.molex.com for latest part information
|