Part Number Hot Search : 
512K3 MPF10 H7908 MM5Z39H P6KE600C PCJA0705 MBRB1 HV30G10
Product Description
Full Text Search
 

To Download V29C51002B-55J Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mosel vitelic 1 v29c51002t/v29c51002b 2 megabit (262,144 x 8 bit) 5 volt cmos flash memory preliminary v29c51002t/v29c51002b rev. 2.1 october 2000 features 256kx8-bit organization address access time: 55, 90 ns single 5v 10% power supply sector erase mode operation 16kb boot block (lockable) 512 bytes per sector, 512 sectors sector-erase cycle time: 10ms (max) byte-write cycle time: 20 s (max) minimum 10,000 erase-program cycles low power dissipation active read current: 20ma (typ) active program current: 30ma (typ) standby current: 100 a (max) hardware data protection low v cc program inhibit below 3.5v self-timed write/erase operations with end-of-cy- cle detection data polling toggle bit cmos and ttl interface available in two versions v29c51002t (top boot block) v29c51002b (bottom boot block) packages: 32-pin plastic dip 32-pin tsop-i 32-pin plcc description the v29c51002t/v29c51002b is a high speed 262,144 x 8 bit cmos flash memory. writing or erasing the device is done with a single 5 volt power supply. the device has separate chip enable ce , write enable we , and output enable oe controls to eliminate bus contention. the v29c51002t/v29c51002b offers a combi- nation of: boot block with sector erase/write mode. the end of write/erase cycle is detected by data polling of i/o 7 or by the toggle bit i/o 6 . the v29c51002t/v29c51002b features a sector erase operation which allows each sector to be erased and reprogrammed without affecting data stored in other sectors. the device also supports full chip erase. boot block architecture enables the device to boot from a protected sector located either at the top (v29c51002t) or the bottom (v29c51002b). all inputs and outputs are cmos and ttl compatible. the v29c51002t/v29c51002b is ideal for applications that require updatable code and data storage. device usage chart operating temperature range package outline access time (ns) temperature mark ptj5590 0 c to 70 c blank
2 v29c51002t/v29c51002b rev. 2.1 october 2000 mosel vitelic v29c51002t/v29c51002b operating voltage 51: 5v device speed 51002-01 v 29 c 002 51 boot block location t: top b: bottom t 55: 55ns 90: 90ns blank (0 c to 70 c) p = pdip t = tsop-i j = plcc temp. pkg. pin configurations n/c a16 a15 a12 a7 a6 a5 a4 a3 a2 a1 a0 i/o0 i/o1 i/o2 gnd 1 2 3 4 5 6 8 9 10 11 12 13 14 15 16 30 31 32 29 28 27 26 25 7 24 23 22 21 20 32-pin pdip top view v cc we a17 a14 a13 a8 a9 a11 oe a10 ce i/o3 i/o4 i/o5 i/o6 i/o7 19 18 17 51002-02 a 6 a 5 a 4 a 3 a 2 a 1 i/o 0 5 6 7 8 9 10 11 12 13 29 51002-03 28 27 26 25 24 23 22 21 a 12 a 15 a 16 nc v cc we a 17 a 0 14 i/o 2 gnd i/o 3 i/o 4 i/o 5 i/o 6 a 7 a 13 a 8 a 9 a 11 oe a 10 i/o 7 ce a 14 i/o 1 32 pin plcc top view 15 16 17 18 19 20 4 3 2 1 32 31 30 pin names a 0 a 17 address inputs i/o 0 i/o 7 data input/output ce chip enable oe output enable we write enable v cc 5v 10% power supply gnd ground nc no connect a11 a9 a8 a13 a14 a17 we v cc n/c a16 a15 a12 a7 a6 a5 a4 1 2 3 4 5 6 8 9 10 11 12 13 14 15 16 30 31 32 29 28 27 26 25 7 24 23 22 21 20 32-pin tsop i standard pinout top view oe a10 ce i/o7 i/o6 i/o5 i/o4 i/o3 gnd i/o2 i/o1 a3 a2 a1 a0 i/o0 19 18 17 51002-04
mosel vitelic v29c51002t/v29c51002b 3 v29c51002t/v29c51002b rev. 2.1 october 2000 functional block diagram capacitance (1,2) note: 1. capacitance is sampled and not 100% tested. 2. t a = 25 c, v cc = 5v 10%, f = 1 mhz. latch up characteristics (1) note: 1. includes all pins except v cc . test conditions: v cc = 5v, one pin at a time. ac test load symbol parameter test setup typ. max. units c in input capacitance v in = 0 6 8 pf c out output capacitance v out = 0 8 12 pf c in2 control pin capacitance v in = 0 8 10 pf parameter min. max. unit input voltage with respect to gnd on a 9 , oe -1 +13 v input voltage with respect to gnd on i/o, address or control pins -1 v cc + 1 v v cc current -100 +100 ma address buffer & latches a 0 a 17 51002-07 i/o buffer & data latches i/o 0 i/o 7 y-decoder 2,097,152 bit memory cell array x-decoder control logic ce oe we 51002-08 in3064 or equivalent in3064 or equivalent 2.7 k ? 6.2 k ? +5.0 v in3064 or equivalent in3064 or equivalent c l = 100 pf device under test
4 v29c51002t/v29c51002b rev. 2.1 october 2000 mosel vitelic v29c51002t/v29c51002b absolute maximum ratings (1) note: 1. stress greater than those listed unders absolute maximum ratings may cause permanent damage to the device. this is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational se ctions of this specification is not implied. exposure to absolute maximum rating conditions for extended periods may affect reliabilit y. 2. no more than one output maybe shorted at a time and not exceeding one second long. dc electrical characteristics (over the commercial operating range) symbol parameter commercial unit v in input voltage (input or i/o pins) -2 to +7 v v in input voltage (a 9 pin, oe ) -2 to +13 v v cc power supply voltage -0.5 to +5.5 v t stg storage temerpature (plastic) -65 to +125 c t opr operating temperature 0 to +70 c i out short circuit current (2) 200 (max.) ma parameter name parameter test conditions min. max. unit v il input low voltage v cc = v cc min. 0.8 v v ih input high voltage v cc = v cc max. 2 v i il input leakage current v in = gnd to v cc , v cc = v cc max. 1 a i ol output leakage current v out = gnd to v cc , v cc = v cc max. 10 a v ol output low voltage v cc = v cc min., i ol = 2.1ma 0.4 v v oh output high voltage v cc = v cc min, i oh = -400 a 2.4 v i cc1 read current ce = oe = v il , we = v ih , all i/os open, address input = v il /v ih , at f = 1/t rc min., v cc = v cc max. 40 ma i cc2 write current ce = we = vil, oe = v ih , v cc = v cc max. 50 ma i sb ttl standby current ce = oe = we = v ih , v cc = v cc max. 2ma i sb1 cmos standby current ce = oe = we = v cc 0.3v, v cc = v cc max. 100 a v h device id voltage for a 9 ce = oe = v il , we = v ih 11.5 12.5 v i h device id current for a 9 ce = oe = v il , we = v ih , a9 = v h max. 50 a
mosel vitelic v29c51002t/v29c51002b 5 v29c51002t/v29c51002b rev. 2.1 october 2000 ac electrical characteristics (over all temperature ranges) read cycle program (erase/program) cycle parameter name parameter -55 -90 unit min. max. min. max. t rc read cycle time 55 90 ns t aa address access time 55 90 ns t acs chip enable access time 55 90 ns t oe output enable access time 25 45 ns t clz ce low to output active 0 0 ns t olz oe low to output active 0 0 ns t df oe or ce high to output in high z 0 30 0 40 ns t oh output hold from address change 0 0 ns parameter name parameter -55 -90 unit min. typ. max. min. typ. max. t wc write cycle time 55 90 ns t as address setup time 0 0 ns t ah address hold time 35 45 ns t cs ce setup time 0 0 ns t ch ce hold time 0 0 ns t oes oe setup time 0 0 ns t oeh oe high hold time 0 0 ns t wp we pulse width 30 45 ns t wph we pulse width high 20 30 ns t ds data setup time 25 30 ns t dh data hold time 0 0 ns t whwh1 programming cycle 20 20 s t whwh2 sector erase cycle 10 10 ms t whwh3 chip erase cycle 2 2 sec
6 v29c51002t/v29c51002b rev. 2.1 october 2000 mosel vitelic v29c51002t/v29c51002b waveforms of read cycle waveforms of we controlled-program cycle notes: 1. i/o 7 : the output is the complement of the data written to the device. 2. pa: the address of the memory location to be programmed. 3. pd: the data at the byte address to be programmed. t rc t aa t ce t oe t clz t oh t aa t olz t df address ce oe we i/o valid data out valid data out high-z 51002-09 high-z t wc t as pa 5555h t whwh1 t wph t cs t rc t ah t ds t dh t wp t oes t df t oh t oe d out i/o 7 (1) pd (3) a0h 51002-10 address ce oe we i/o 3rd bus cycle pa (2) t ch
mosel vitelic v29c51002t/v29c51002b 7 v29c51002t/v29c51002b rev. 2.1 october 2000 waveforms of ce controlled-program cycle waveforms of erase cycle (1) notes: 1. pa: the address of the memory location to be programmed. 2. pd: the data at the byte address to be programmed. 3. sa: the sector address for sector erase. t wc t as t whwh1 t wph t oes t rc t ah t ds t dh t wp t df t oh t oe d out i/o7 pd (2) a0h 51002-11 address 5555h pa pa (1) we oe ce i/o t wc t as t wph t whwh 2 3 address ce oe we i/o 5555h 5555h 5555h 2aaah 2aaah sa (5555h for chip erase) aah 55h 80h aah 55h 30h (10h for chip erase) 51002-12 t ah t wp t ds t dh t cs
8 v29c51002t/v29c51002b rev. 2.1 october 2000 mosel vitelic v29c51002t/v29c51002b waveforms of data polling cycle waveforms of toggle bit cycle t oeh t ce t whwh1 (2 or 3) t oh t df t ch ce oe we i/o 7 i/o 7 i/o 7 valid data out high-z t oe 51002-13 i/o 0 -i/o 6 i/o 0 -i/o 6 invalid valid data out high-z 51002-14 ce we oe t oeh stop toggling i/o 6 t whwh1 (2 or 3)
9 v29c51002t/v29c51002b rev. 2.1 october 2000 mosel vitelic v29c51002t/v29c51002b functional description the v29c51002t/v29c51002b consists of 512 equally-sized sectors of 512 bytes each. the 16 kb lockable boot block is intended for storage of the system bios boot code. the boot code is the first piece of code executed each time the system is powered on or rebooted. the v29c51002 is available in two versions: the v29c51002t with the boot block address starting from 3c000h to 3ffffh, and the v29c51002b with the boot block address starting from 00000h to 3ffffh. read cycle a read cycle is performed by holding both ce and oe signals low. data out becomes valid only when these conditions are met. during a read cycle we must be high prior to ce and oe going low. we must remain high during the read operation for the read to complete (see table 1). output disable returning oe or ce high, whichever occurs first will terminate the read operation and place the l/o pins in the high-z state. standby the device will enter standby mode when the ce signal is high. the l/o pins are placed in the high-z, independent of the oe input state. command sequence the v29c51002t/v29c51002b does not provide the reset feature to return the chip to its normal state when an incomplete command sequence or an interruption has happened. in this case, normal operation (read mode) can be restored by issuing a non-existent command sequence, for example address: 5555h, data ffh. byte write cycle the v29c51002t/v29c51002b is programmed on a byte-by-byte basis. the byte write operation is initiated by using a specific four-bus-cycle sequence: two unlock program cycles, a program setup command and program data program cycles (see table 2). during the byte write cycle, addresses are latched on the falling edge of either ce or we , whichever is last. data is latched on the rising edge of ce or we , whichever is first. the byte write cycle can be ce controlled or we controlled. sector erase cycle the v29c51002t/v29c51002b features a sector erase operation which allows each sector to be erased and reprogrammed without affecting data stored in other sectors. sector erase operation is initiated by using a specific six-bus-cycle sequence: two unlock program cycles, a setup command, two additional unlock program cycles, 16kb boot block 512 byte 512 byte 512 byte 512 byte 512 byte 512 byte 16kb boot block v29c51002t v29c51002b 3ffffh 3c000h 00000h 03fffh 51002-15 00000h 16kb boot block = 32 sectors table 1. operation modes decoding notes: 1. x = don t care, v ih = high, v il = low, v h = 12.5v max. 2. pd: the data at the byte address to be programmed. decoding mode ce oe we a 0 a 1 a 9 i/o read v il v il v ih a 0 a 1 a 9 read byte write v il v ih v il a 0 a 1 a 9 pd standby v ih xxxxx high-z autoselect device id v il v il v ih v ih v il v h code autoselect manufacture id v il v il v ih v il v il v h code enabling boot block protection lock v il v h v il xxv h x disabling boot block protection lock v h v h v il xxv h x output disable v il v ih v ih x x x high-z
10 v29c51002t/v29c51002b rev. 2.1 october 2000 mosel vitelic v29c51002t/v29c51002b and the sector erase command (see table 2). a sector must be first erased before it can be re- written. while in the internal erase mode, the device ignores any program attempt into the device. the internal erase completion can be determined via data polling or toggle bit status. the v29c51002t/v29c51002b is shipped fully erased (all bits = 1). chip erase cycle the v29c51002t/v29c51002b features a chip- erase operation. the chip erase operation is initiated by using a specific six-bus-cycle sequence: two unlock program cycles, a setup command, two additional unlock program cycles, and the chip erase command (see table 2). the automatic erase begins on the rising edge of the last we or ce pulse in the command sequence and terminates when the data on dq7 is 1 . program cycle status detection there are two methods for determining the state of the v29c51002t/v29c51002b during a program (erase/write) cycle: data polling (i/o 7 ) and toggle bit (i/o 6 ). data polling (i/o 7 ) the v29c51002t/v29c51002b features data polling to indicate the end of a program cycle. when the device is in the program cycle, any attempt to read the device will received the complement of the loaded data on i/o 7 . once the program cycle is completed, i/o 7 will show true data, and the device is then ready for the next cycle. toggle bit (i/o 6 ) the v29c51002t/v29c51002b also features another method for determining the end of a program cycle. when the device is in the program cycle, any attempt to read the device will result in l/o 6 toggling between 1 and 0. once the program is completed, the toggling will stop. the device is then ready for the next operation. examining the toggle bit may begin at any time during a program cycle. boot block protection enabling/disabling the v29c51002t/v29c51002b features hardware boot block protection. the boot block sector protection is enabled when high voltage (12.5v) is applied to oe and a9 pins with ce pin low and we pin low. the sector protection is disabled when high voltage is applied to oe , ce and a9 pins with we pin low. other pins can be high or low. this is shown in table 1. autoselect mode the v29c51002t/v29c51002b features an autoselect mode to identify boot block locking status, device id and manufacturer id . entering autoselect mode is accomplished by applying a high voltage (vh) to the a9 pin, or through a sequence of commands (as shown in table 2). device will exit this mode once high voltage on a9 is removed or another command is loaded into the device. table 2. command codes notes: 1. ra: read address 2. rd: read data 3. pa: the address of the memory location to be programmed. 4. pd: the data at the byte address to be programmed. 5. sa(5): sector address command sequence first bus program cycle second bus program cycle third bus program cycle fourth bus program cycle fifth bus program cycle six bus program cycle address data address data address data address data address data address data read xxxxh f0h read 5555h aah 2aaah 55h 5555h f0h ra(1) rd(2) autoselect mode 5555h aah 2aaah 55h 5555h 90h see table 3 for detail. byte program 5555h aah 2aaah 55h 5555h a0h pa pd(4) chip erase 5555h aah 2aaah 55h 5555h 80h 5555h aah 2aaah 55h 5555h 10h sector erase 5555h aah 2aaah 55h 5555h 80h 5555h aah 2aaah 55h sa(5) 30h
11 v29c51002t/v29c51002b rev. 2.1 october 2000 mosel vitelic v29c51002t/v29c51002b boot block protection status in autoselect mode, performing a read at address location 3cxx2h (v29c51002t) or 0cxx2h (v29c51002b) will indicate boot block protection status. if the data is 01h, the boot block is protected. if the data is 00h, the boot block is unprotected. this is also shown is table 3. device id in autoselect mode, performing a read at address xxx1h will determine whether the device is a top boot block device or a bottom boot block device. if the data is 02h, the device is a top boot block. if the data is a2h, the device is a bottom boot block device (see table 3). manufacturer id in autoselect mode, performing a read at address xxxx0h will determine the manufacturer id. 40h is the manufacturer code for mosel vitelic flash. hardware data protection v cc detection: the program operation is inhibited when vcc is less than 3.5v. noise protection: a ce or we pulse of less than 5ns will not initiate a program cycle. program inhibit: holding any one of oe low, ce high or we high inhibits a program cycle. table 3. autoselect decoding note: 1. x = don t care, v ih = high, v il = low. decoding mode boot block address data i/o 0 i/o 7 a 0 a 1 a 2 a 13 a 14 a 17 boot block protection top v il v ih xv ih 01h: protected bottom v il v ih xv il 00h: unprotected device id top v ih v il x x 02h bottom a2h manufacture id v il v il x x 40h
12 v29c51002t/v29c51002b rev. 2.1 october 2000 mosel vitelic v29c51002t/v29c51002b byte program algorithm chip/sector erase algorithm write byte-write command sequence add/data 5555h/aah 2aaah/55h 5555h/a0h four bus cycle sequence pa/pd data polling or toggle bit successfully completed or t wtwh (2 or 3) timeout data polling or toggle bit successfully completed or t wtwh (2 or 3) timeout writing completed write erase command sequence add/data 5555h/aah 2aaah/55h 5555h/80h six bus cycle sequence 5555h/aah 2aaah/55h 5555h/10h (chip erase) sa/30h (sector erase) erase completed 51002-16
mosel vitelic v29c51002t/v29c51002b 13 v29c51002t/v29c51002b rev. 2.1 october 2000 data polling algorithm toggle bit algorithm note: 1. pba: the byte address to be programmed. read i/o 7 address = pba (1) program done program done i/o 7 = data no yes read i/o 6 no yes i/o 6 toggle read i/o 6 51002-17
14 v29c51002t/v29c51002b rev. 2.1 october 2000 mosel vitelic v29c51002t/v29c51002b package diagrams 32-pin plastic dip 32-pin plcc 15 max 0.545/0.555 index-1 .047 +.012 0 0.210 max 0.120 min 0.010 min .600 typ 1.660 max. .050 max .100 typ .032 +.012 0 .018 +.006 .002 .010 +.004 .0004 index-2 ejector mark .420 .003 3 - 6 3 - 6 3 - 6 .017 30 .136 .003 .110 .046 .003 .025 .050 typ .450 .003 .490 .005 .045x45 .590 .005 .550 .003 20 19 18 17 16 15 14 21 22 23 24 25 26 27 28 29 30 31 32 1 2 3 4 13 12 11 10 9 8 7 6 5
mosel vitelic v29c51002t/v29c51002b 15 v29c51002t/v29c51002b rev. 2.1 october 2000 32-pin tsop-i 0.032 typ. 0.020 sbc 0.003 max 0.020 max. 0.024 0.004 seating plane 0.010 see detail a detail a 0.724 typ. (0.728 max.) 0.787 0.008 0.009 0.002 0.315 typ. (0.319 max.) 0.035 0.002 0.047 max. 0.005 min. 0.007 max. units in inches
mosel vitelic worldwide offices v29c51002t/v29c51002b mosel vitelic 3910 n. first street, san jose, ca 95134-1501 ph: (408) 433-6000 fax: (408) 433-0952 tlx: 371-9461 the information in this document is subject to change without notice. mosel vitelic makes no commitment to update or keep cur- rent the information contained in this document. no part of this document may be copied or reproduced in any form or by any means without the prior written consent of mosel-vitelic. mosel vitelic subjects its products to normal quality control sampling techniques which are intended to provide an assurance of high quality products suitable for usual commercial applica- tions. mosel vitelic does not do testing appropriate to provide 100% product quality assurance and does not assume any liabil- ity for consequential or incidental arising from any use of its prod- ucts. if such products are to be used in applications in which personal injury might occur from failure, purchaser must do its own quality assurance testing appropriate to such applications. ? copyright 2000, mosel vitelic inc. 10/00 printed in u.s.a. u.s. sales offices u.s.a. 3910 north first street san jose, ca 95134 phone: 408-433-6000 fax: 408-433-0952 hong kong 19 dai fu street taipo industrial estate taipo, nt, hong kong phone: 852-2666-3307 fax: 852-2770-8011 taiwan 7f, no. 102 min-chuan e. road, sec. 3 taipei phone: 886-2-2545-1213 fax: 886-2-2545-1209 no 19 li hsin road science based ind. park hsin chu, taiwan, r.o.c. phone: 886-3-579-5888 fax: 886-3-566-5888 singapore 10 anson road #23-13 international plaza singapore 079903 phone: 65-3231801 fax: 65-3237013 japan onze 1852 building 6f 2-14-6 shintomi, chuo-ku tokyo 104-0041 phone: 03-3537-1400 fax: 03-3537-1402 uk & ireland suite 50, grovewood business centre strathclyde business park bellshill, lanarkshire, scotland, ml4 3nq phone: 44-1698-748515 fax: 44-1698-748516 germany (continental europe & israel) benzstrasse 32 71083 herrenberg germany phone: +49 7032 2796-0 fax: +49 7032 2796 22 northwestern 3910 north first street san jose, ca 95134 phone: 408-433-6000 fax: 408-433-0952 southwestern 302 n. el camino real #200 san clemente, ca 92672 phone: 949-361-7873 fax: 949-361-7807 central, northeastern & southeastern 604 fieldwood circle richardson, tx 75081 phone: 972-690-1402 fax: 972-690-0341


▲Up To Search▲   

 
Price & Availability of V29C51002B-55J

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X