Part Number Hot Search : 
DM74AL 5640B 1778845 GS816118 SL455 MAX125 D1672 LS110
Product Description
Full Text Search
 

To Download UF4004G-LFR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  uf4001g-lfr thru uf4007g-lfr page: 1 frontier electronics corp. 667 e. cochran street, simi valley, ca 93065 tel: (805) 522-9998 fax: (805) 522-9989 e-mail: frontiersales@frontierusa.com web: http://www.frontierusa.com 1a glass passivated ultra fast recovery rectifier uf4001g-lfr thru uf4007g-lfr features z plastic package has underwriters laboratory flammability classification 94v-0 z glass passivated chip junction z ultra fast recovery times for high efficiency z low forward voltage, high current capability z low leakage z high surge capability z high temperature soldering guaranteed : 260c/0.375? (9.5 mm) lead lengths for 10 seconds at 5 lbs. (2.3kg) tension z rohs mechanical data z case: molded plastic, do41, dimensions in inches and (millimeters) z terminals: axial leads solderable per mil-std-202, method 208 z polarity: color band denotes cathode end z mounting position: any z weight: 0.34 grams maximum ratings and electrical characteristics ratings at 25 c ambient temperature unless otherwise specified single phase, half wave, 60 hz, resistive or inductive l oad. for capacitive load, derate current by 20% ratings symbol uf 4001g-lf r uf 4002g-lf r uf 4003g-lf r uf 4004g-lf r uf 4005g-lf r uf 4006g-lf r uf 4007g-lf r units maximum recurrent peak reverse voltage v rrm 50 100 200 400 600 800 1000 v maximum rms voltage v rms 35 70 140 280 420 560 700 v maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 v maximum average forward rectified current 0.375?(9.5mm) lead length at ta=55 c i o 1.0 a peak forward surge current, 8.3ms single half sine-wave superimposed on rated load i fsm 30 a typical junction capacitance (note 1) c j 20 15 pf typical thermal resistance (note 2) r jc 50 /w storage temperature range t stg - 55 to + 150 operating temperature range t op - 55 to + 150 electrical characteristics (a t t a =25 c unless otherwise noted) characteristics symbol uf 4001g-lf r uf 4002g-lf r uf 4003g-lf r uf 4004g-lf r uf 4005g-lf r uf 4006g-lf r uf 4007g-lf r units maximum forward voltage at i o dc v f 1.3 1.7 v maximum dc reverse current at ta=25 c i r 1 a maximum dc reverse current at ta=100 c i r 10 a maximum reverse recovery time (note3) t rr 50 75 ns note: 1. measured at 1 mhz and applied reverse voltage 0f 4.0 volts 2. both leads attached to heat sink 20x20x1t(mm) copper plate at lead length 5mm 3. reverse recovery test conditions: i f =0.5a, i r =1.0a, i rr =0.25a .205(5.2) .166(4.2) 1.0(25.4) min .034(0.9) .028(0.7) 1.0(25.4) min .107(2.7) .080(2.0)
uf4001g-lfr thru uf4007g-lfr page: 2 ratings and characteristic curve uf4001g-lfr thru uf4007g-lfr fig. 5-maximum non-repetitive forward surge current 50 40 30 20 10 0 0 1 2 4 6 10 20 40 60 100 number of cycles at 60 hz peak forward surge current (a) 8.3 ms single half sine wave (jedec method) fig. 6-typical junction capacitance .1 .2 .4 1.0 2 4 10 20 40 100 reverse voltage (v) 200 100 40 20 10 6 4 2 1 junction capacitance (pf) uf4001g-lf~4004g-lf uf4005g-lf~4007g-lf t j =25 o c fig. 4-typical instantaneous forward characteristics .2 .4 .6 .8 1.0 1.2 1.4 1.6 1.8 2.0 instantaneous forward voltage (v) uf4001g-lf~4004g-lf uf4005g-lf~4007g-lf 100 10 1 .1 .01 instantaneous forward current (a) fig. 3-typical reverse characteristics 20 40 60 80 100 120 140 percent of rated peak reverse voltage (%) 1000 100 10 1 0.1 t j =25 o c t j =80 o c t j =125 o c instantaneous reverse current (ua) average forward current (a) 2.0 1.0 0 25 50 75 100 125 150 175 ambient temperature ( o c) fig. 2-typical forward current derating curve single phase half wave 60 hz resistive or inductive load +0.5a 0 -0.25a -1.0a trr 1cm set time base for 10/20 ns/cm fig. 1-test circuit diagram and reverse recovery time characteristic pulse generator ( note 2 ) (+) 25 v dc (approx) (-) d.u.t. 1 non inductive oscilloscope ( note 1 ) 50 no inductive 10 no inductive (-) (+) note: 1. rise time=7ns max. input impedance=1 mohms 22pf 2. rise time =10ns max. source impedance=50 ohms


▲Up To Search▲   

 
Price & Availability of UF4004G-LFR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X