Part Number Hot Search : 
11024 PC517 045PB 12SH3 FLZ20VA EA09922 N74LS38 PZT3906
Product Description
Full Text Search
 

To Download UD4015 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 UD4015 p-ch 40v fast switching mosfets symbol parameter rating units v ds drain-source voltage -30 v v gs gate-sou r ce voltage 20 v i d @t c =25 continuous drain current, -v gs @ -10v 1 -52 a i d @t c =100 continuous drain current, -v gs @ -10v 1 -40 a i dm pulsed drain current 2 -105 a eas single pulse avalanche energy 3 262 mj i as avalanche current -54 a p d @t c =25 total power dissipation 4 52.1 w t stg storage temperature range -55 to 150 t j operating junction temperature range -55 to 150 symbol parameter typ. max. unit r ja thermal resistance junction-ambient 1 --- 62 /w r jc thermal resistance junction-case 1 --- 2.4 /w id -40v 13m ? -52a the UD4015 is the highest performance trench p-ch mosfets with extreme high cell density , which provide excellent rdson and gate charge for most of the synchronous buck converter applications . the UD4015 meet the rohs and green product requirement , 100% eas guaranteed with full function reliability approved. z advanced high cell density trench technology z super low gate charge z excellent cdv/dt effect decline z 100% eas guaranteed z green device available general description features applications z high frequency point-of-load synchronous buck converter for mb/nb/umpc/vga z networking dc-dc power system z load switch absolute maximum ratings thermal data to252 pin configuration product summery bv dss r ds(on)
2 p-ch 40v fast switching mosfets symbol parameter conditions min. typ. max. unit bv dss drain-source breakdown voltage v gs =0v , i d =-250ua -40 --- --- v bv dss / t j bv dss temperature coefficient reference to 25 , i d =-1ma --- -0.023 --- v/ v gs =-10v , i d =-18a --- 10.5 13 r ds(on) static drain-source on-resistance 2 v gs =-4.5v , i d =-12a --- 15 20 m v gs(th) gate threshold voltage -1.0 -1.6 -2.5 v v gs(th) v gs(th) temperature coefficient v gs =v ds , i d =-250ua --- 4.74 --- mv/ v ds =-32v , v gs =0v , t j =25 --- --- 1 i dss drain-source leakage current v ds =-32v , v gs =0v , t j =55 --- --- 5 ua i gss gate-source leakage current v gs = 20v , v ds =0v --- --- 100 na gfs forward transconductance v ds =-5v , i d =-18a --- 24 --- s r g gate resistance v ds =0v , v gs =0v , f=1mhz --- 7 14 q g total gate charge (-4.5v) --- 27.9 --- q gs gate-source charge --- 7.7 --- q gd gate-drain charge v ds =-20v , v gs =-4.5v , i d =-12a --- 7.5 --- nc t d(on) turn-on delay time --- 40 --- t r rise time --- 35.2 --- t d(off) turn-off delay time --- 100 --- t f fall time v dd =-15v , v gs =-10v , r g =3.3 , i d =-1a --- 9.6 --- ns c iss input capacitance --- 3497 --- c oss output capacitance --- 323 --- c rss reverse transfer capacitance v ds =-15v , v gs =0v , f=1mhz --- 222 --- pf symbol parameter conditions min. typ. max. unit eas single pulse avalanche energy 5 v dd =-25v , l=0.1mh , i as =-30a 81 --- --- mj symbol parameter conditions min. typ. max. unit i s continuous source current 1,6 --- --- -52 a i sm pulsed source current 2,6 v g =v d =0v , force current --- --- -105 a v sd diode forward voltage 2 v gs =0v , i s =-1a , t j =25 --- --- -1 v note : 1.the data tested by surface mounted on a 1 inch 2 fr-4 board with 2oz copper. 2.the data tested by pulsed , pulse width Q 300us , duty cycle Q 2% 3.the eas data shows max. rating . the test condition is v dd =-25v,v gs =-10v,l=0.1mh,i as =-54a 4.the power dissipation is limited by 150 junction temperature 5.the min. value is 100% eas tested guarantee. 6.the data is theoretically the same as i d and i dm , in real applications , should be limited by total power dissipation. electrical characteristics (t j =25 , unless otherwise noted) guaranteed avalanche characteristics diode characteristics UD4015
3 p-ch 40v fast switching mosfets 0 2 4 6 8 10 12 00.250.50.751 -v ds drain-to-source voltage (v) -i d drain current (a) v gs =-10v v gs =-7v v gs =-5v v gs =-4.5v v gs =-3v 10 12 14 16 18 246810 -v gs (v) r dson (m ? ) i d =-12a 0 2 4 6 8 10 12 0.2 0.4 0.6 0.8 1 -v sd , source-to-drain voltage (v) -i s source current(a) t j =150 t j =25 0 2 4 6 8 10 0204060 q g , total gate charge (nc) -v gs gate to source voltage (v) v ds =-20v i d =-12a 0 0.5 1 1.5 -50 0 50 100 150 t j ,junction temperature ( ) normalized -v gs(th) 0.5 1.0 1.5 2.0 -50 0 50 100 150 t j , junction temperature ( ) normalized on resistance typical characteristics fig.1 typical output characteristics fig.2 on-resistance v.s gate-source fig.3 forward characteristics of reverse fig.4 gate-charge characteristics fig.5 normalized v gs(th) v.s t j fig.6 normalized r dson v.s t j UD4015
4 p-ch 40v fast switching mosfets 10 100 1000 10000 1 5 9 13 17 21 25 -v ds drain to source voltage(v) capacitance (pf) f=1.0mhz ciss coss crss 0.01 0.10 1.00 10.00 100.00 1000.00 0.1 1 10 100 -v ds (v) -i d (a) tc=25 o c single pulse 100ms 100us 1ms 10ms dc ` 0.01 0.1 1 0.00001 0.0001 0.001 0.01 0.1 1 t , pulse width (s) normalized thermal response (r jc ) p dm d = t on /t t j peak = t c + p dm x r jc t on t 0.02 0.01 0.05 0.1 0.3 duty=0.5 single pulse fig.8 safe operating area fig.9 normalized maximum transient thermal impedance fig.7 capacitance fig.10 switching time waveform fig.11 unclamped inductive waveform UD4015


▲Up To Search▲   

 
Price & Availability of UD4015

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X