Part Number Hot Search : 
FMS6418 E10CA SC440 4STRL 1100L CONTROLS AAT3697 24VDC
Product Description
Full Text Search
 

To Download TSD1857 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  TSD1857 low vcesat npn transistor 1/5 version: b11 to - 126 to - 92 product summary bv cbo 180v bv ceo 180v i c 1.5a v ce(sat) 0.6v @ i c / i b = 1a / 100ma features low v ce(sat) 0.6 @ i c / i b = 1a / 100ma (typ.) high bv ceo ordering information part no. package packing TSD1857ct b0 to-92 1k / bulk TSD1857ct a3 to-92 2k / ammo TSD1857ck b0 to-126 500pcs / bulk structure epitaxial planar type npn silicon transistor absolute maximum rating (ta = 25 o c unless otherwise noted) parameter symbol limit unit collector-base voltage v cbo 180 v collector-emitter voltage v ceo 180 v emitter-base voltage v ebo 5 v collector current dc i c 1.5 a pulse 3 (note1) collector power dissipation to-92 p d 0.75 w to-126 1 operating junction temperature t j +150 o c operating junction and storage temperature range t stg - 55 to +150 o c note: 1. single pulse, pw=10ms, duty 50% 2. when mounted on a 40 x 50 x 0.7mm cera mic board. electrical specifications (ta = 25 o c unless otherwise noted) parameter conditions symbol min typ max unit collector-base breakdown voltage i c = 50ua, i e = 0 bv cbo 180 -- -- v collector-emitter breakdown voltage i c = 1ma, i b = 0 bv ceo 180 -- -- v emitter-base breakdown voltage i e = 50ua, i c = 0 bv ebo 5 -- -- v collector cutoff current v cb = 160v, i e = 0 i cbo -- -- 1 ua emitter cutoff current v eb = 4v, i c = 0 i ebo -- -- 1 ua collector-emitter saturation voltage i c / i b = 1a / 100ma v ce(sat) -- -- 0.6 v base-emitter saturation voltage v ce = 5v, i c = 5ma v b e( on ) 0.45 -- 0.8 v dc current transfer ratio v ce = 5v, i c = 200ma h fe 1 160 -- 320 v ce = 5v, i c = 500ma h fe 2 30 -- -- transition frequency v ce =5v, i e =150a, f=100mhz f t -- 140 -- mhz output capacitance v cb = 10v, f=1mhz cob -- 27 -- pf note: pulse test: pulse width 380us, duty cycle 2% pin definition : 1. emitter 2. collector 3. base
TSD1857 low vcesat npn transistor 2/5 version: b11 electrical characteristics curve (ta = 25 o c, unless otherwise noted) figure 1. dc current gain figure 2. v ce(sat) vs. collector current figure 3. v be(sat) vs. collector current figure 4. power derating curve (to-92) figure 5. on voltage vs. collector current figure 6. power derating curve (to-126)
TSD1857 low vcesat npn transistor 3/5 version: b11 to-126 mechanical drawing to-126 dimension dim inches millimeters min max min max a 0.118 0.134 3.00 3.40 a1 0.071 0.087 1.80 2.20 b 0.026 0.034 0.66 0.86 b1 0.046 0.054 1.17 1.37 c 0.018 0.024 0.45 0.60 d 0.307 0.323 7.80 8.20 e 0.425 0.441 10.80 11.2 e 0.090 bsc 2.28 bsc e1 0.176 0.183 4.46 4.66 l 0.594 0.610 15.10 15.50 l1 0.051 0.059 1.30 1.50 p 0.159 0.167 4.04 4.24 ? 1 0.118 0.126 3.00 3.20 ? 2 0.122 0.130 3.10 3.30
TSD1857 low vcesat npn transistor 4/5 version: b11 to-92 mechanical drawing to-92 dimension dim millimeters inches min max min max a 4.30 4.70 0.169 0.185 b 4.30 4.70 0.169 0.185 c 13.53 (typ) 0.532 (typ) d 0.39 0.49 0.015 0.019 e 1.18 1.28 0.046 0.050 f 3.30 3.70 0.130 0.146 g 1.27 1.31 0.050 0.051 h 0.33 0.43 0.013 0.017
TSD1857 low vcesat npn transistor 5/5 version: b11 notice specifications of the products displayed herein are subject to change without notice. tsc or anyone on its behalf, assumes no responsibility or liability for any erro rs or inaccuracies. information contained herein is intended to provide a product description only. no license, express or implied, to any intellectual property rights is granted by this document. except as provided in tscs terms and co nditions of sale for such products, tsc assumes no liability wh atsoever, and disclaims any express or implied warr anty, relating to sale and/or use of tsc products includi ng liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, cop yright, or other intellectual property right. the products shown herein are not designed for use in medical, life-saving, or life-sustaining applica tions. customers using or selling these products for use i n such applications do so at their own risk and agr ee to fully indemnify tsc for any damages resulting from such i mproper use or sale.


▲Up To Search▲   

 
Price & Availability of TSD1857

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X