Part Number Hot Search : 
5HF125 2SD27021 1N6408 P0080E FR9886 2SC5539A SW12280E RS1GG
Product Description
Full Text Search
 

To Download TMM-150-01-T-S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  (2,00mm) .0787" tmm series tmm?112?01?l?d?ra (2,00mm) .0787" single, double and quad row (2,00mm) .0787" pitch choice of ve lead styles ultra-low pro le (1,50mm) .059" tmm?116?01?g?s tmm?108?03?t?q tmm?108?04?s?d www.samtec.com tmm mates with: clt, sqt, sqw, esqt, tle, smm, mms, tcsd, tlsd 1 no. pins per row lead style other option plating option row option 01 thru 50 ?s = single row ?d = double row ?q = four row specify lead style from chart below. (3,00) .120 (3,20) .126 d (3,00) .120 (2,00) .0787 b c a (2,00) .0787 (3,94) .155 (1,50) .059 (2,00) .0787 (0,50) .020 sq no. of positions x (2,00) .0787 (1,97) .078 01 99 02 100 50 01 01 04 197 200 (8,00) .315 (6,00) .236 (3,00) .120 (2,00) .0787 (2,00).0787 (3,20) .126 (1,27) .050 ?d ?s ?ra & ?re for complete speci cations see www.samtec.com?tmm insulator material: black liquid crystal polymer terminal material: phosphor bronze plating: sn or au over 50? (1,27?) ni operating temp range: -55? to +105? with tin; -55? to +125? with gold voltage rating: 500 vac mated with sqw 450 vac mated with sqt rohs compliant: ye s lead?free solderable: ye s (1,27) .050 (3,56) .140 ?ra ?re option d ( 8,20) .323 (5,69) .224 (5,43) .214 (9,58) .377 (3,50) .138 (3,00) .118 (2,70) .106 (2,29) .090 (4,88) .192 (3,20) .126 (3,70) .146 (4,00) .158 (1,91) .075 (1,65) .065 (3,20) .126 ?01 ?02 ?03 ?04 ?05 ?06 lead style a b c ?q f-210-1 ?q ?ra ?rc horizontal applications sqt tmm ?s & ?q ?d also available note: some lengths, styles and options are non-standard, non-returnable. application paste in hole (pih) processing. contact samtec asp group. high density see tmmh series. elevated see tw series. surface mount see tmm series. shrouded four row vertical & right angle see tmms series. ?l = 10" (0,25m) gold on post, matte tin on tail ?g = 20" (0,51m) gold on post, gold ? ash on tail ?s = 30" (0,76m) gold on post, matte tin on tail ?t = matte tin tm ?ra & ?re = right angle (lead style ?01 only) (2 positions minimum, ?q row) ?rc = retention clip (mates with tcsd) (double row only, 4 positions minimum, only available ?06 lead style) ??xxx? = polarized position (specify position of omitted pin) press fit see ptt series. retention clip option (?c) specifications ambient temp 3.9a 3.5a 3a 2a current rating mated with smm 20c 40c 60c 95c 6 positions (2x3) powered low profile through-hole header extended life product 10 year mixed flowing gas (mfg) tm 1,000 cycles when mated with smm


▲Up To Search▲   

 
Price & Availability of TMM-150-01-T-S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X