Part Number Hot Search : 
MP1208KN J120CA NK236 368017 M67202A MC33001D M4S61ZBJ 70N1T
Product Description
Full Text Search
 

To Download TL431BVLPRAG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2011 april, 2011 ? rev. 32 1 publication order number: tl431/d tl431, a, b series, ncv431a, b programmable precision references the tl431, a, b integrated circuits are three ? terminal programmable shunt regulator diodes. these monolithic ic voltage references operate as a low temperature coefficient zener which is programmable from v ref to 36 v with two external resistors. these devices exhibit a wide operating current range of 1.0 ma to 100 ma with a typical dynamic impedance of 0.22  . the characteristics of these references make them excellent replacements for zener diodes in many applications such as digital voltmeters, power supplies, and op amp circuitry. the 2.5 v reference makes it convenient to obtain a stable reference from 5.0 v logic supplies, and since the tl431, a, b operates as a shunt regulator, it can be used as either a positive or negative voltage reference. features ? programmable output voltage to 36 v ? voltage reference tolerance: 0.4%, typ @ 25 c (tl431b) ? low dynamic output impedance, 0.22  typical ? sink current capability of 1.0 ma to 100 ma ? equivalent full ? range temperature coefficient of 50 ppm/ c typical ? temperature compensated for operation over full rated operating temperature range ? low output noise voltage ? these are pb ? free and halide ? free devices (top view) 3 1 reference n/c n/c n/c 2 4 8 7 6 5 n/c anode n/c cathode anode anode to ? 92 (to ? 226) lp suffix case 29 pdip ? 8 p suffix case 626 soic ? 8 d suffix case 751 pin 1. reference 2. anode 3. cathode (top view) 3 1 reference n/c 2 4 8 7 6 5 n/c cathode micro8  dm suffix case 846a 8 1 8 1 8 1 1 2 3 this is an internally modified soic ? 8 package. pins 2, 3, 6 and 7 are electrically common to the die attach flag. this internal lead frame modification increases power dissipation capability when appropriately mounted on a printed circuit board. this modified package conforms to all external dimensions of the standard soic ? 8 package. http://onsemi.com see detailed ordering and shipping information in the package dimensions sect ion on page 13 of this data sheet. ordering information see general marking information in the device marking section on page 14 of this data sheet. device marking information
tl431, a, b series, ncv431a, b http://onsemi.com 2 representative block diagram 1.0 k cathode (k) 2.5 v ref anode (a) reference (r) 4.0 k 150 symbol 10 k 20 pf 800 cathode (k) 3.28 k representative schematic diagram component values are nominal anode (a) - + anode (a) 800 reference (r) 2.4 k 7.2 k 20 pf 800 cathode (k) reference (r) this device contains 12 active transistors. maximum ratings (full operating ambient temperature range applies, unless otherwise noted.) rating symbol value unit cathode to anode voltage v ka 37 v cathode current range, continuous i k ? 100 to +150 ma reference input current range, continuous i ref ? 0.05 to +10 ma operating junction temperature t j 150 c operating ambient temperature range t a c tl431i, tl431ai, tl431bi ? 40 to +85 tl431c, tl431ac, tl431bc 0 to +70 ncv431ai, ncv431b, tl431bv ? 40 to +125 storage temperature range t stg ? 65 to +150 c total power dissipation @ t a = 25 c p d w derate above 25 c ambient temperature d, lp suffix plastic package 0.70 p suffix plastic package 1.10 dm suffix plastic package 0.52 total power dissipation @ t c = 25 c p d w derate above 25 c case temperature d, lp suffix plastic package 1.5 p suffix plastic package 3.0 esd rating hbm mm >2000 >200 v stresses exceeding maximum ratings may damage the device. maximum ratings are stress ratings only. functional operation above t he recommended operating conditions is not implied. extended exposure to stresses above the recommended operating conditions may af fect device reliability. recommended operating conditions condition symbol min max unit cathode to anode voltage v ka v ref 36 v cathode current i k 1.0 100 ma thermal characteristics characteristic symbol d, lp suffix package p suffix package dm suffix package unit thermal resistance, junction ? to ? ambient r  ja 178 114 240 c/w thermal resistance, junction ? to ? case r  jc 83 41 ? c/w
tl431, a, b series, ncv431a, b http://onsemi.com 3 electrical characteristics (t a = 25 c, unless otherwise noted.) characteristic symbol tl431i tl431c unit min typ max min typ max reference input voltage (figure 1) v ka = v ref , i k = 10 ma t a = 25 c t a = t low to t high (note 1) v ref 2.44 2.41 2.495 ? 2.55 2.58 2.44 2.423 2.495 ? 2.55 2.567 v reference input voltage deviation over temperature range (figure 1, notes 1, 2) v ka = v ref, i k = 10 ma  v ref ? 7.0 30 ? 3.0 17 mv ratio of change in reference input voltage to change in cathode to anode voltage i k = 10 ma (figure 2),  v ka = 10 v to v ref  v ka = 36 v to 10 v  v re f  v k a ? ? ? 1.4 ? 1.0 ? 2.7 ? 2.0 ? ? ? 1.4 ? 1.0 ? 2.7 ? 2.0 mv/v reference input current (figure 2) i k = 10 ma, r1 = 10 k, r2 = t a = 25 c t a = t low to t high (note 1) i ref ? ? 1.8 ? 4.0 6.5 ? ? 1.8 ? 4.0 5.2  a reference input current deviation over temperature range (figure 2, note 1, 4) i k = 10 ma, r1 = 10 k, r2 =  i ref ? 0.8 2.5 ? 0.4 1.2  a minimum cathode current for regulation v ka = v ref (figure 1) i min ? 0.5 1.0 ? 0.5 1.0 ma off ? state cathode current (figure 3) v ka = 36 v, v ref = 0 v i off ? 20 1000 ? 20 1000 na dynamic impedance (figure 1, note 3) v ka = v ref ,  i k = 1.0 ma to 100 ma f 1.0 khz |z ka | ? 0.22 0.5 ? 0.22 0.5  1. t low = ? 40 c for tl431aip tl431ailp, tl431ip, tl431ilp, tl431bid, tl431bip, tl431bilp, tl431aidm, tl431idm, tl431bidm; =0 c for tl431acp, tl431aclp, tl431cp, tl431clp, tl431cd, tl431acd, tl431bcd, tl431bcp, tl431bclp, tl431cdm, tl431acdm, tl431bcdm t high = +85 c for tl431aip, tl431ailp, tl431ip, tl431ilp, tl431bid, tl431bip, tl431bilp, tl431idm, tl431aidm, tl431bidm = +70 c for tl431acp, tl431aclp, tl431cp, tl431acd, tl431bcd, tl431bcp, tl431bclp, tl431cdm, tl431acdm, tl431bcdm 2. the deviation parameter  v ref is defined as the difference between the maximum and minimum values obtained over the full operating ambient temperature range that applies. d v ref = v ref max -v ref min  t a = t 2 - t 1 t2 ambient t emperature t1 v ref min v ref max the average temperature coefficient of the reference input voltage,  v ref is defined as: v ref ppm  c    v ref v ref @25  c  x10 6  t a   v ref x10 6  t a (v ref @25  c)  v ref can be positive or negative depending on whether v ref min or v ref max occurs at the lower ambient temperature. (refer to figure 6.) example :  v ref  8.0 mv and slope is positive, v ref @25  c  2.495 v,  t a  70  c  v ref  0.008 x 10 6 70 (2.495)  45.8 ppm   c 3. the dynamic impedance z ka is defined as: |z ka |   v ka  i k . when the device is programmed with two external resistors, r1 and r2, (refer to figure 2) the total dynamic impedance of the circuit is defined as: |z ka  |  |z ka |  1  r1 r2 
tl431, a, b series, ncv431a, b http://onsemi.com 4 electrical characteristics (t a = 25 c, unless otherwise noted.) characteristic symbol tl431ai / ncv431ai tl431ac tl431bc / tl431bi / tl431bv / ncv431bv unit min typ max min typ max min typ max reference input voltage (figure 1) v ka = v ref , i k = 10 ma t a = 25 c t a = t low to t high v ref 2.47 2.44 2.495 ? 2.52 2.55 2.47 2.453 2.495 ? 2.52 2.537 2.485 2.475 2.495 2.495 2.505 2.515 v reference input voltage deviation over temperature range (figure 1, notes 4, 5) v ka = v ref, i k = 10 ma  v ref ? 7.0 30 ? 3.0 17 ? 3.0 17 mv ratio of change in reference input voltage to change in cathode to anode voltage i k = 10 ma (figure 2),  v ka = 10 v to v ref  v ka = 36 v to 10 v  v ref  v ka ? ? ? 1.4 ? 1.0 ? 2.7 ? 2.0 ? ? ? 1.4 ? 1.0 ? 2.7 ? 2.0 ? ? ? 1.4 ? 1.0 ? 2.7 ? 2.0 mv/v reference input current (figure 2) i k = 10 ma, r1 = 10 k, r2 = t a = 25 c t a = t low to t high (note 4) i ref ? ? 1.8 ? 4.0 6.5 ? ? 1.8 ? 4.0 5.2 ? ? 1.1 ? 2.0 4.0  a reference input current deviation over temperature range (figure 2, note 4) i k = 10 ma, r1 = 10 k, r2 =  i ref ? 0.8 2.5 ? 0.4 1.2 ? 0.8 2.5  a minimum cathode current for regulation v ka = v ref (figure 1) i min ? 0.5 1.0 ? 0.5 1.0 ? 0.5 1.0 ma off ? state cathode current (figure 3) v ka = 36 v, v ref = 0 v i off ? 20 1000 ? 20 1000 ? 0.23 500 na dynamic impedance (figure 1, note 6) v ka = v ref ,  i k = 1.0 ma to 100 ma f 1.0 khz |z ka | ? 0.22 0.5 ? 0.22 0.5 ? 0.14 0.3  4. t low = ? 40 c for tl431aip tl431ailp, tl431ip, tl431ilp, tl431bid, tl431bip, tl431bilp, tl431bv, tl431aidm, tl431idm, tl431bidm, ncv431aidmr2, ncv431aidr2 =0 c for tl431acp, tl431aclp, tl431cp, tl431clp, tl431cd, tl431acd, tl431bcd, tl431bcp, tl431bclp, tl431cdm, tl431acdm, tl431bcdm t high = +85 c for tl431aip, tl431ailp, tl431ip, tl431ilp, tl431bid, tl431bip, tl431bilp, tl431idm, tl431aidm, tl431bidm = +70 c for tl431acp, tl431aclp, tl431cp, tl431acd, tl431bcd, tl431bcp, tl431bclp, tl431cdm, tl431acdm, tl431bcdm = +125 c tl431bv, ncv431aidmr2, ncv431aidr2, ncv431bvdmr2g 5. the deviation parameter  v ref is defined as the difference between the maximum and minimum values obtained over the full operating ambient temperature range that applies.  v ref = v ref max -v ref min  t a = t 2 - t 1 t2 ambient t emperature t1 v ref min v ref max the average temperature coefficient of the reference input voltage,  v ref is defined as: v ref ppm  c    v ref v ref @25  c  x10 6  t a   v ref x10 6  t a (v ref @25  c)  v ref can be positive or negative depending on whether v ref min or v ref max occurs at the lower ambient temperature. (refer to figure 6.) example :  v ref  8.0 mv and slope is positive, v ref @25  c  2.495 v,  t a  70  c  v ref  0.008 x 10 6 70 (2.495)  45.8 ppm   c 6. the dynamic impedance z ka is defined as |z ka |   v ka  i k when the device is programmed with two external resistors, r1 and r2, (refer to figure 2) the total dynamic impedance of the circuit is defined as: |z ka  |  |z ka |  1  r1 r2  7. ncv431aidmr2, ncv431aidr2, ncv431bvdmr2g t low = ? 40 c, t high = +125 c. guaranteed by design. ncv prefix is for automotive and other applications requiring site and change control.
tl431, a, b series, ncv431a, b http://onsemi.com 5 i k v ref v ka input figure 1. test circuit for v ka = v ref input i k r2 i ref v ref v ka r1 figure 2. test circuit for v ka > v ref v ka  v ref  1  r1 r2   i ref  r1 i off input v ka figure 3. test circuit for i off -1.0 i min 200 400 v ka , cathode voltage (v) -200 0 0 1.0 2.0 3.0 800 600 -2.0 -1.0 0 -100 1.0 2.0 3.0 150 50 v ka , cathode voltage (v) 0 -50 figure 4. cathode current versus cathode voltage figure 5. cathode current versus cathode voltage input 100 v ka = v ref t a = 25 c i k v ka i k , cathode current (ma) i k , cathode current ( a) 125 t a , ambient temperature ( c) 3.0 100 50 75 -55 0 2.5 0.5 2.0 1.0 25 0 -25 1.5 2600 2580 2560 2540 2520 2500 2480 2460 v ka = v ref i k = 10 ma t a , ambient temperature ( c) v ka i k -55 input v ref 75 100 125 2440 050 figure 6. reference input voltage versus ambient temperature figure 7. reference input current versus ambient temperature 2420 2400 25 -25 input i k i k = 10 ma i ref 10k v ka ref v , reference input voltage (mv) i ref , reference input current ( a) v ref max = 2550 mv v ref typ = 2495 mv v ref min = 2440 mv v ka = v ref t a = 25 c input v ka i k
tl431, a, b series, ncv431a, b http://onsemi.com 6 noise voltage (nv/ hz) -55 f, frequency (mhz) 100 10 1.0 100 k 10 m 1.0 m 1.0 k 10 k 0.1 75 -25 0 25 50 100 125 t a , ambient temperature ( c) 0.200 0.220 0.240 0.300 0.320 0.260 0.280 i k 50 - 1.0 k + output gnd output gnd i k 50 - 1.0k + v ka = v ref  i k = 1.0 ma to 100 ma f 1.0 khz t a = 25 c  i k = 1.0 ma to 100 ma |z ka |, dynamic impedance ( ) |z ka |, dynamic impedance ( ) f, frequency (hz) 40 10 10 k 1.0 k 100 0 20 100 k 60 f, frequency (mhz) 100 k 0 10 m 1.0 m -10 10 20 30 60 50 40 1.0 k 10 k v ka = v ref i k = 10 ma t a = 25 c i k output input 80 , open loop voltage gain (db) 230 gnd output i k 9.0  f 8.25k 15k i k = 10 ma t a = 25 c -55 0.01 100 10 1.0 0.1 t a , ambient temperature (5c) 75 -25 0 25 50 100 125 40 1.0 k v ka , cathode voltage (v) 30 10 0 -32 -8.0 -16 20 0 -24 r2 v ref r1 i k input v ka input i off v ka = 36 v v ref = 0 v v ka v ref , reference input voltage (mv) i off , off-state cathode current (na) i k = 10 ma t a = 25 c figure 8. change in reference input voltage versus cathode voltage figure 9. off ? state cathode current versus ambient temperature figure 10. dynamic impedance versus frequency figure 11. dynamic impedance versus ambient temperature figure 12. open ? loop voltage gain versus frequency figure 13. spectral noise density vol a
tl431, a, b series, ncv431a, b http://onsemi.com 7 input output t, time (  s) pulse generator f = 100 khz 0 8.0 4.0 20 0 16 2.0 3.0 12 0 1.0 5.0 figure 14. pulse response figure 15. stability boundary conditions 50 220 output gnd input monitor t a = 25 c voltage swing (v) t a = 25 c c a b c l , load capacitance 120 80 100 60 0 i k , cathode current (ma) 140 1.0 nf 100  f 1.0  f 10  f stable stable 40 20 10 nf 100 nf a b d unstable area programmed v ka (v) a b c d v ref 5.0 10 15 figure 16. test circuit for curve a of stability boundary conditions figure 17. test circuit for curves b, c, and d of stability boundary conditions v+ i k 150 i k v+ 150 c l 10 k c l figure 18. shunt regulator figure 19. high current shunt regulator v+ v out r1 v+ v out r1 r2 r2 v out   1  r1 r2  v ref v out   1  r1 r2  v ref typical applications
tl431, a, b series, ncv431a, b http://onsemi.com 8 figure 20. output control for a three ? terminal fixed regulator figure 21. series pass regulator v+ v out r1 r2 out in mc7805 v+ v out r2 common r1 v out   1  r1 r2  v ref v out(min)  v ref  5.0v v out   1  r1 r2  v ref v out(min)  v ref v in(min)  v out  v be figure 22. constant current source figure 23. constant current sink v+ r cl i out v+ r s i sink  v ref r s i out  v ref r cl i sink figure 24. triac crowbar figure 25. src crowbar v out v+ r2 v+ v out r1 r2 r1 v out(trip)   1  r1 r2  v ref v out(trip)   1  r1 r2  v ref
tl431, a, b series, ncv431a, b http://onsemi.com 9 figure 26. voltage monitor figure 27. single ? supply comparator with temperature ? compensated threshold v th = v ref v+ v out v in r1 r3 v+ v out r2 r4 l l.e.d. indicator is `on' when v+ is between the upper and lower limits. lowerlimit   1  r1 r2  v ref upperlimit   1  r3 r4  v ref v in v out < v ref v+ > v ref 2.0 v figure 28. linear ohmmeter figure 29. simple 400 mw phono amplifier * thermalloy * thm 6024 * heatsink on * lp package * t l = 330 to 8.0  8.0  + - lm11 2.0 ma 25 v 25 v -5.0 v v out range v 1.0 m  v 100 k  v v 1.0 k  r x 5.0 m 1% 500 k 1% 50 k 1% 5.0 k 1% 47 k tone 0.05  f 470  f volume 1n5305 1.0  f t i 360 k 330 56 k 10 k 25 k 38 v + 10 k  10 k calibrate r x  v out   v range
tl431, a, b series, ncv431a, b http://onsemi.com 10 figure 30. high efficiency step ? down switching converter 150  h @ 2.0 a 1n5823 0.01  f + 470  f 51 k 0.1  f + 2200  f 4.7 k v in = 10 v to 20 v tip115 mpsa20 1.0 k 4.7 k 4.7 k 10 2.2 k 100 k v out = 5.0 v i out = 1.0 a test conditions results line regulation v in = 10 v to 20 v, i o = 1.0 a 53 mv (1.1%) load regulation v in = 15 v, i o = 0 a to 1.0 a 25 mv (0.5%) output ripple v in = 10 v, i o = 1.0 a 50 mvpp p.a.r.d. output ripple v in = 20 v, i o = 1.0 a 100 mvpp p.a.r.d. efficiency v in = 15 v, i o = 1.0 a 82%
tl431, a, b series, ncv431a, b http://onsemi.com 11 applications information the tl431 is a programmable precision reference which is used in a variety of ways. it serves as a reference voltage in circuits where a non ? standard reference voltage is needed. other uses include feedback control for driving an optocoupler in power supplies, voltage monitor, constant current source, constant current sink and series pass regulator. in each of these applications, it is critical to maintain stability of the device at various operating currents and load capacitances. in some cases the circuit designer can estimate the stabilization capacitance from the stability boundary conditions curve provided in figure 15. however, these typical curves only provide stability information at specific cathode voltages and at a specific load condition. additional information is needed to determine the capacitance needed to optimize phase margin or allow for process variation. a simplified model of the tl431 is shown in figure 31. when tested for stability boundaries, the load resistance is 150  . the model reference input consists of an input transistor and a dc emitter resistance connected to the device anode. a dependent current source, gm, develops a current whose amplitude is determined by the difference between the 1.78 v internal reference voltage source and the input transistor emitter voltage. a portion of gm flows through compensation capacitance, c p2 . the voltage across c p2 drives the output dependent current source, go, which is connected across the device cathode and anode. model component values are: v ref = 1.78 v gm = 0.3 + 2.7 exp ( ? i c /26 ma) where i c is the device cathode current and gm is in mhos go = 1.25 (v cp 2)  mhos. resistor and capacitor typical values are shown on the model. process tolerances are 20% for resistors, 10% for capacitors, and 40% for transconductances. an examination of the device model reveals the location of circuit poles and zeroes: p1  1 2  r gm c p1  1 2  * 1.0 m * 20 pf  7.96 khz p2  1 2  r p2 c p2  1 2  *10m*0.265pf  60 khz z1  1 2  r z1 c p1  1 2  *15.9k*20pf  500 khz in addition, there is an external circuit pole defined by the load: p l  1 2  r l c l also, the transfer dc voltage gain of the tl431 is: g  g m r gm gor l example 1: i c  10 ma, r l  230  ,c l  0. define the transfer gain. the dc gain is: g  g m r gm gor l  (2.138)(1.0 m)(1.25  )(230)  615  56 db loop gain  g 8.25 k 8.25 k  15 k  218  47 db the resulting transfer function bode plot is shown in figure 32. the asymptotic plot may be expressed as the following equation: av  615  1  jf 500 khz   1  jf 8.0 khz  1  jf 60 khz  the bode plot shows a unity gain crossover frequency of approximately 600 khz. the phase margin, calculated from the equation, would be 55.9 degrees. this model matches the open ? loop bode plot of figure 12. the total loop would have a unity gain frequency of about 300 khz with a phase margin of about 44 degrees.
tl431, a, b series, ncv431a, b http://onsemi.com 12 figure 31. simplified tl431 device model + r l v cc - c l 15 k 9.0  f input 8.25 k 3 cathode 500 k v ref 1.78 v r ref 16 g m anode 2 r gm 1.0 m ref 1 go 1.0  mho c p2 0.265 pf r p2 10 m r z1 15.9 k c p1 20 pf f, frequency (hz) 10 2 10 1 -20 30 20 60 0 av, open-loop voltage gain (db) figure 32. example 1 circuit open loop gain plot tl431 open-loop voltage gain versus frequency 40 10 4 10 3 10 7 10 5 10 6 10 -10 50 example 2. i c = 7.5 ma, r l = 2.2 k  , c l = 0.01  f. cathode tied to reference input pin. an examination of the data sheet stability boundary curve (figure 15) shows that this value of load capacitance and cathode current is on the boundary. define the transfer gain. the dc gain is: g  g m r gm gor l  (2.323)(1.0 m)(1.25  )(2200)  6389  76 db the resulting open loop bode plot is shown in figure 33. the asymptotic plot may be expressed as the following equation: av  615  1  jf 500 khz   1  jf 8.0 khz  1  jf 60 khz  1  jf 7.2 khz  note that the transfer function now has an extra pole formed by the load capacitance and load resistance. note that the crossover frequency in this case is about 250 khz, having a phase margin of about ? 46 degrees. therefore, instability of this circuit is likely. f, frequency (hz) 10 2 10 1 -20 40 20 80 0 av, open-loop gain (db) figure 33. example 2 circuit open loop gain plot tl431 open-loop bode plot with load cap 60 10 4 10 3 10 6 10 5 with three poles, this system is unstable. the only hope for stabilizing this circuit is to add a zero. however, that can only be done by adding a seri es resistance to the output capacitance, which will reduce its effectiveness as a noise filter. therefore, practically, in reference voltage applications, the best solution appears to be to use a smaller value of capacitance in low noise applications or a very large value to provide noise filtering and a dominant pole rolloff of the system.
tl431, a, b series, ncv431a, b http://onsemi.com 13 ordering information device marking code operating temperature range package code shipping information ? tolerance tl431acdg ac 0 c to 70 c soic ? 8 (pb ? free) 98 units / rail 1.0% tl431bcdg bc 0.4% tl431cdg c 2.2% tl431acdr2g ac soic ? 8 (pb ? free) 2500 units / tape & reel 1.0% tl431bcdr2g bc 0.4% tl431cdr2g c 2.2% tl431acdmr2g tac micro8 (pb ? free) 4000 units / tape & reel 1.0% tl431bcdmr2g tbc 0.4% tl431cdmr2g t ? c 2.2% tl431acpg acp pdip ? 8 (pb ? free) 50 units / rail 1.0% tl431bcpg bcp 0.4% tl431cpg cp 2.2% tl431aclpg aclp to ? 92 (pb ? free) 2000 units / bag 1.0% tl431bclpg bclp 0.4% tl431clpg clp 2.2% tl431aclprag aclp to ? 92 (pb ? free) 2000 units / tape & reel 1.0% tl431bclprag bclp 0.4% tl431clprag clp 2.2% tl431aclpreg aclp 1.0% tl431bclpreg bclp 0.4% tl431aclprpg aclp to ? 92 (pb ? free) 2000 / tape & ammo box 1.0% tl431bclprmg bclp to ? 92 (pb ? free) 2000 units / fan ? fold 0.4% tl431clprpg clp 2.2% tl431aidg ai ? 40 c to 85 c soic ? 8 (pb ? free) 98 units / rail 1.0% tl431bidg bi 0.4% tl431idg i 2.2% tl431aidr2g ai soic ? 8 (pb ? free) 2500 units / tape & reel 1.0% tl431bidr2g bi 0.4% tl431idr2g i 2.2% tl431aidmr2g tai micro8 (pb ? free) 4000 units / tape & reel 1.0% tl431bidmr2g tbi 0.4% tl431idmr2g t ? i 2.2% tl431aipg aip pdip ? 8 (pb ? free) 50 units / rail 1.0% tl431bipg bip 0.4% tl431ipg ip 2.2% tl431ailpg ailp to ? 92 (pb ? free) 2000 units / bag 1.0% tl431bilpg bilp 0.4% tl431ilpg ilp 2.2% tl431ailprag ailp to ? 92 (pb ? free) 2000 units / tape & reel 1.0% tl431bilprag bilp 0.4% tl431ilprag ilp 2.2% tl431ailprmg ailp to ? 92 (pb ? free) 2000 / tape & ammo box 1.0% tl431ailprpg 1.0% tl431ilprpg ilp 2.2% ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd8011/d.
tl431, a, b series, ncv431a, b http://onsemi.com 14 ordering information device tolerance shipping information ? package code operating temperature range marking code tl431bvdg bv ? 40 c to 125 c soic ? 8 (pb ? free) 98 units / rail 0.4% tl431bvdr2g 2500 units / tape & reel 0.4% tl431bvdmr2g tbv micro8 (pb ? free) 4000 units / tape & reel 0.4% tl431bvlpg bvlp to ? 92 (pb ? free) 2000 units / bag 0.4% TL431BVLPRAG 2000 units / tape & reel 0.4% tl431bvpg bvp pdip ? 8 (pb ? free) 50 units / rail 0.4% ncv431aidmr2g ran micro8 (pb ? free) 4000 units / tape & reel 1% ncv431aidr2g av soic ? 8 (pb ? free) 2500 units / tape & reel 1% ncv431bvdmr2g nvb micro8 (pb ? free) 4000 units / tape & reel 0.4% ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd8011/d. soic ? 8 d suffix case 751 marking diagrams micro8 case 846a to ? 92 (to ? 226) case 29 pdip ? 8 case 626 tl431xxx awl yywwg 1 8 tl431 xxxx yww   xxxx = see specific marking code a = assembly location y, yy = year ww, w = work week  or g = pb ? free package (note: microdot may be in either location) xxx ayw   1 8 431xx alyw  1 8 tl431 alywx  1 8 (exception for the tl431cd and tl431id only)
tl431, a, b series, ncv431a, b http://onsemi.com 15 package dimensions to ? 92 (to ? 226) case 29 ? 11 issue am notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 3. contour of package beyond dimension r is uncontrolled. 4. lead dimension is uncontrolled in p and beyond dimension k minimum. r a p j l b k g h section x ? x c v d n n xx seating plane dim min max min max millimeters inches a 0.175 0.205 4.45 5.20 b 0.170 0.210 4.32 5.33 c 0.125 0.165 3.18 4.19 d 0.016 0.021 0.407 0.533 g 0.045 0.055 1.15 1.39 h 0.095 0.105 2.42 2.66 j 0.015 0.020 0.39 0.50 k 0.500 --- 12.70 --- l 0.250 --- 6.35 --- n 0.080 0.105 2.04 2.66 p --- 0.100 --- 2.54 r 0.115 --- 2.93 --- v 0.135 --- 3.43 --- 1 1 2 3 1 2 bent lead tape & reel ammo pack straight lead bulk pack 3 notes: 1. dimensioning and tolerancing per asme y14.5m, 1994. 2. controlling dimension: millimeters. 3. contour of package beyond dimension r is uncontrolled. 4. lead dimension is uncontrolled in p and beyond dimension k minimum. r a p j b k g section x ? x c v d n xx seating plane dim min max millimeters a 4.45 5.20 b 4.32 5.33 c 3.18 4.19 d 0.40 0.54 g 2.40 2.80 j 0.39 0.50 k 12.70 --- n 2.04 2.66 p 1.50 4.00 r 2.93 --- v 3.43 --- 1 t straight lead bulk pack bent lead tape & reel ammo pack
tl431, a, b series, ncv431a, b http://onsemi.com 16 package dimensions pdip ? 8 p suffix case 626 ? 05 issue m 14 5 8 f note 5 d e b l a1 a e3 e a top view c seating plane 0.010 ca side view end view end view note 3 dim min nom max inches a ???? ???? 0.210 a1 0.015 ???? ???? b 0.014 0.018 0.022 c 0.008 0.010 0.014 d 0.355 0.365 0.400 d1 0.005 ???? ???? e 0.100 bsc e 0.300 0.310 0.325 l 0.115 0.130 0.150 ???? ???? 5.33 0.38 ???? ???? 0.35 0.46 0.56 0.20 0.25 0.36 9.02 9.27 10.02 0.13 ???? ???? 2.54 bsc 7.62 7.87 8.26 2.92 3.30 3.81 min nom max millimeters notes: 1. dimensioning and tolerancing per asme y14.5m, 1994. 2. controlling dimension: inches. 3. dimension e is measured with the leads re- strained parallel at width e2. 4. dimension e1 does not include mold flash. 5. rounded corners optional. e1 0.240 0.250 0.280 6.10 6.35 7.11 e2 e3 ???? ???? 0.430 ???? ???? 10.92 0.300 bsc 7.62 bsc e1 d1 m 8x e/2 e2 c
tl431, a, b series, ncv431a, b http://onsemi.com 17 package dimensions micro8 dm suffix case 846a ? 02 issue g 8x 8x 6x  mm inches  scale 8:1 1.04 0.041 0.38 0.015 5.28 0.208 4.24 0.167 3.20 0.126 0.65 0.0256 *for additional information on our pb ? free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. soldering footprint* s b m 0.08 (0.003) a s t notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimension a does not include mold flash, protrusions or gate burrs. mold flash, protrusions or gate burrs shall not exceed 0.15 (0.006) per side. 4. dimension b does not include interlead flash or protrusion. interlead flash or protrusion shall not exceed 0.25 (0.010) per side. 5. 846a-01 obsolete, new standard 846a-02. b e pin 1 id 8 pl 0.038 (0.0015) ? t ? seating plane a a1 c l dim a min nom max min millimeters ?? ?? 1.10 ?? inches a1 0.05 0.08 0.15 0.002 b 0.25 0.33 0.40 0.010 c 0.13 0.18 0.23 0.005 d 2.90 3.00 3.10 0.114 e 2.90 3.00 3.10 0.114 e 0.65 bsc l 0.40 0.55 0.70 0.016 ?? 0.043 0.003 0.006 0.013 0.016 0.007 0.009 0.118 0.122 0.118 0.122 0.026 bsc 0.021 0.028 nom max 4.75 4.90 5.05 0.187 0.193 0.199 h e h e d d e
tl431, a, b series, ncv431a, b http://onsemi.com 18 package dimensions soic ? 8 d suffix case 751 ? 07 issue ak seating plane 1 4 5 8 n j x 45  k notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimension a and b do not include mold protrusion. 4. maximum mold protrusion 0.15 (0.006) per side. 5. dimension d does not include dambar protrusion. allowable dambar protrusion shall be 0.127 (0.005) total in excess of the d dimension at maximum material condition. 6. 751 ? 01 thru 751 ? 06 are obsolete. new standard is 751 ? 07. a b s d h c 0.10 (0.004) dim a min max min max inches 4.80 5.00 0.189 0.197 millimeters b 3.80 4.00 0.150 0.157 c 1.35 1.75 0.053 0.069 d 0.33 0.51 0.013 0.020 g 1.27 bsc 0.050 bsc h 0.10 0.25 0.004 0.010 j 0.19 0.25 0.007 0.010 k 0.40 1.27 0.016 0.050 m 0 8 0 8 n 0.25 0.50 0.010 0.020 s 5.80 6.20 0.228 0.244 ? x ? ? y ? g m y m 0.25 (0.010) ? z ? y m 0.25 (0.010) z s x s m  1.52 0.060 7.0 0.275 0.6 0.024 1.270 0.050 4.0 0.155  mm inches  scale 6:1 *for additional information on our pb ? free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. soldering footprint* on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different application s and actual performance may vary over time. all operating parameters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its of ficers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, direct ly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. tl431/d micro8 is a trademark of international rectifier. publication ordering information n. american technical support : 800 ? 282 ? 9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81 ? 3 ? 5773 ? 3850 literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303 ? 675 ? 2175 or 800 ? 344 ? 3860 toll free usa/canada fax : 303 ? 675 ? 2176 or 800 ? 344 ? 3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your local sales representative


▲Up To Search▲   

 
Price & Availability of TL431BVLPRAG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X