Part Number Hot Search : 
BFG505W ML5203 ZVN0545A BFG10W 1344174 50B60PD MMSZ30VB 50B60PD
Product Description
Full Text Search
 

To Download TFS914 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  filename: tfs 914.doc version 1.1 14.03.2006 vi telefilter filter specification tfs 914 1/5 tele filter gmbh potsdamer stra?e 18 d 14 513 teltow / germany tel: (+49) 3328 4784-0 / fax: (+49) 3328 4784-30 e-mail: tft@telefilter.co m measurement condition ambient temperature: 23 c input pow er level: 0 dbm terminating impedance: input: 50 ? output: 50 ? ch aracteristics remark: the max i mum attenuation in the pass band is defined as the insertion loss a e . the nominal frequency f n is fix ed at 914 mhz w i thout any tolerance or limit. the v a lues of abs olute attenuation a abs are guaranteed for the w hole operating temperature range. the frequency shift of the filter in the operating temperature range is included in the production tolerance scheme. d a t a ty p. v a lue tolerance / limit insertion loss a e 2 , 3 d b m a x . 3 , 5 d b nominal frequency f n - 9 1 4 , 0 m h z passband p b 1 4 m h z f n 4,0 mhz pass band ripple 0 , 9 d b m a x . 1 , 5 d b a b solute attenuation a abs 8 6 9 m h z ? 8 7 3 m h z 5 0 d b m i n . 4 0 d b 8 9 1 m h z ? 8 9 4 m h z 4 8 d b m i n . 3 0 d b 9 3 4 m h z ? 9 3 7 m h z 6 0 d b m i n . 2 0 d b 9 5 5 m h z ? 9 6 0 m h z 6 3 d b m i n . 4 0 d b input pow er lev e l - max . 1 0 d b m operating temperature range otr - - 30 c ... + 80 c storage temperature range - - 40 c ... + 85 c temperature coefficient of frequency t c f * -35 ppm/k - *) ? f(h z ) = t c f (ppm/k) x (t-t 0 ) x f to (mhz). ge ne ra te d: ch ecked / a p p r o v ed : vi telefilter reserves the right to make changes to the produc t(s) and/or information contained herein w i thout notice. no liab ility is assumed as a result of their use or application. no rights under any patent accompany the sale of any such product(s) or infor mation.
filename: tfs 914.doc version 1.1 14.03.2006 vi telefilter filter specification tfs 914 2/5 tele filter gmbh potsdamer stra?e 18 d 14 513 teltow / germany tel: (+49) 3328 4784-0 / fax: (+49) 3328 4784-30 e-mail: tft@telefilter.co m f ilter ch aracteristic 90 4 90 6 90 8 910 91 2 914 91 6 918 92 0 92 2 92 4 -3 -2 . 5 -2 -1 . 5 -1 -0 . 5 0 f r e q uency i n m h z m a gni t ude i n db 81 4 83 4 85 4 874 89 4 914 93 4 954 97 4 99 4 10 14 - 100 -9 0 -8 0 -7 0 -6 0 -5 0 -4 0 -3 0 -2 0 -1 0 0 f r e q uency i n m h z m a gni t ude i n db cons truc tion a nd pin c onne c t ion (all dimensions in mm) 3, 8 0 , 1 5 1 3 4 6 1, 2 m a x . 1, 5 1 0, 6 4 2, 54 0, 3 x 45 13 6 4 da t e c ode 1 ground 2 input 3 ground 4 ground 5 output 6 ground 914 u11 date code: y ear + w eek u 2006 v 2007 w 2008 ... 50 ? t est circu i t l1 sa w l 2 1, 3, 4, 6 5 2 vi telefilter reserves the right to make changes to the produc t(s) and/or information contained herein w i thout notice. no liab ility is assumed as a result of their use or application. no rights under any patent accompany the sale of any such product(s) or infor mation.
filename: tfs 914.doc version 1.1 14.03.2006 vi telefilter filter specification tfs 914 3/5 tele filter gmbh potsdamer stra?e 18 d 14 513 teltow / germany tel: (+49) 3328 4784-0 / fax: (+49) 3328 4784-30 e-mail: tft@telefilter.co m stability characteristics, reliability after the follow i ng tests the filter shall meet the w hole specification: 1. shock: 500g, 1 ms, half sine w a ve, 3 shocks each plane; din iec 68 t2 - 27 2. vibration: 10 hz to 500 hz, 0,35 mm or 5 g respecti vely , 1 octave per min, 10 cy cles per plan, 3 plans; din iec 68 t2 - 6 3. change of temperature: -55 c to 125c / 30 min. each / 10 cy cles din iec 68 part 2 ? 14 test n 4. resistance to solder heat (reflow ): reflow possible: tw ice max.; for temperature conditions refer to the attac hed "air reflow temperature conditions" on page 4; this filter is rohs compliant (2002/95/eg, 2005/618/eg) packin g tape & reel: iec 286 ? 3, w i th exception of value for n and minimum bending radius; tape ty pe ii, embossed carrier tape w i th top cover tape on the upper side; max. pieces of filters per reel: 3000 reel of empty components at start: min. 300 mm reel of empty components at start including leader: min. 500 mm trailer: min. 300 mm g do w ct f e g d1 p2 p1 po bo ao p u l l o ff di r e c t io n pi n m a r k e r ty p da t e c o d e ko t tape (al l di mensi ons i n mm) w : 12,00 0,3 po : 4,00 0,1 do : 1,50 +0,1/-0 e : 1,75 0,1 f : 5,50 0,05 g(min) : 0,75 p2 : 2,00 0,05 p1 : 8,00 0,1 d1(min) : 1,50 a o : 4,30 0,1 bo : 4,30 0,1 ct : 9,5 0,1 a c n w 1 w 2 r eel (all d i men s io n s in mm) a : 330 w 1 : 12,4 +2/-0 w 2 (max ) : 18,4 n(min) : 50 c : 13,0 +0,5/-0,2 the minimum bending radius is 45 mm. vi telefilter reserves the right to make changes to the produc t(s) and/or information contained herein w i thout notice. no liab ility is assumed as a result of their use or application. no rights under any patent accompany the sale of any such product(s) or infor mation.
filename: tfs 914.doc version 1.1 14.03.2006 vi telefilter filter specification tfs 914 4/5 tele filter gmbh potsdamer stra?e 18 d 14 513 teltow / germany tel: (+49) 3328 4784-0 / fax: (+49) 3328 4784-30 e-mail: tft@telefilter.co m a i r re flow te mpe r a t ure c onditions conditions exposure average ramp-up rate (30c to 217c) less than 3c/second > 100c betw een 300 and 600 seconds > 150c betw een 240 and 500 seconds > 217c betw een 30 and 150 seconds peak temperature max. 260c time w i thin 5c of actual peak temperature betw een 10 and 30 seconds cool-dow n rate (peak to 50c) less than 6c/second time from 30c to peak temperature no greater than 300 seconds chip-mount air reflow profile temperature / c max. 260c 217c time / s max. 300 s 10 ... 30 s 30 ... 150 s vi telefilter reserves the right to make changes to the produc t(s) and/or information contained herein w i thout notice. no liab ility is assumed as a result of their use or application. no rights under any patent accompany the sale of any such product(s) or infor mation.
filename: tfs 914.doc version 1.1 14.03.2006 vi telefilter filter specification tfs 914 5/5 tele filter gmbh potsdamer stra?e 18 d 14 513 teltow / germany tel: (+49) 3328 4784-0 / fax: (+49) 3328 4784-30 e-mail: tft@telefilter.co m history version reason of changes name date 1.0 - generation of developm ent specification strehl 13.01.2005 1.1 - add filter characteristic, ty p. value and change stability characteristics strehl 14.03.2006 - generation of filter specification vi telefilter reserves the right to make changes to the produc t(s) and/or information contained herein w i thout notice. no liab ility is assumed as a result of their use or application. no rights under any patent accompany the sale of any such product(s) or infor mation.


▲Up To Search▲   

 
Price & Availability of TFS914

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X