Part Number Hot Search : 
JHV348 CDP1853D 00405 154M0 VFC219SA 00405 75733 L7421
Product Description
Full Text Search
 

To Download TFS188005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  filename: tfs18 80.doc version 1 . 4 22.02 .2005 vi telefilter filter specification tfs 1880 1/5 tele fil t er gm b h potsdamer str a ?e 18 d 14 513 telt ow / germa n y tel: (+4 9 ) 33 28 4784-0 / fax: (+ 49) 3328 4784-3 0 e-mail: tft@ te le fil t er. c o m measurement condition ambient tempera ture: 23 c input po w e r level: 0 dbm terminating imp edances for input: 50 ? for output: 50 ? ch ara c teristic s remark: the ma x i mum attenuation in the pass band is defined as the inser t ion lo ss a e . the nominal frequ ency f n is fix ed at 1 880 mhz w i t hout any tolerance or limit. the v a lues of ab solute a ttenu ation a abs are guar antee d for the w hole operating tempera t ur e range. the fr equ ency shift o f th e fil t er in the o pera t in g tempera t ure range i s in clud ed in the pr oduction tole rance sch eme. d a t a ty p. v a lue tolerance / limit inserti on l o ss a e 3 , 4 d b m a x . 5 d b (refe rence level) nomi nal fre que nc y f n 1 8 8 0 m h z centre freq uenc y f c 1 8 8 0 m h z passban d p b 8 0 , 5 m h z f n 30 mhz pass ban d rip p l e 0 , 6 d b m a x . 3 , 5 d b a b so lu t e a t t e n u a t i o n a abs 1 0 m h z ? 1 7 2 0 m h z 3 3 d b m i n . 3 0 d b 1 9 3 0 m h z ? 1 9 3 5 m h z 1 7 d b m i n . 1 3 d b 1 9 3 5 m h z ? 1 9 9 0 m h z 4 1 d b m i n . 2 0 d b 2 0 3 2 m h z ? 2 3 4 0 m h z 4 1 d b m i n . 3 5 d b 2 3 4 0 m h z ? 2 7 0 0 m h z 3 7 d b m i n . 3 0 d b 2 7 0 0 m h z ? 3 5 0 0 m h z 1 2 d b m i n . 1 0 d b vswr w i thin pb 2,5 max. 3,0 : 1 inpu t p o w e r le v el m a x . 1 3 d b m opera t in g te mp erature ra nge otr - - 10 c . .. + 70c storage te mper a ture ra nge - - 40 c . .. + 85c tem p erature co efficie nt of freq uenc y tc f ** -36 ppm/k *) the terminating i m pedance s depen d on para s iti c s a nd q-v a lues of matchin g elemen ts and the board u s ed, and ar e to be under sto od as re feren c e v a lues only . should ther e be addi tional que sti ons do n o t he sita te to a s k for an appli c ation note or conta c t our de sign team . **) ? f(h z ) = tc f ( p p m /k) x (t-t 0 ) x f to (mhz) ge ne ra te d: ch eck ed / a p p r o v ed : vi telefilter reserves the right to make chang es to the produc t(s) and/or inform ation contained herein w i thout n otice. no liab i lity is assumed as a re sult of their use or app lication. no rights under an y patent accompa n y the sale of an y such product(s) or infor mation.
filename: tfs18 80.doc version 1 . 4 22.02 .2005 vi telefilter filter specification tfs 1880 2/5 tele fil t er gm b h potsdamer str a ?e 18 d 14 513 telt ow / germa n y tel: (+4 9 ) 33 28 4784-0 / fax: (+ 49) 3328 4784-3 0 e-mail: tft@ te le fil t er. c o m f ilter ch aract eristic 10 384 758 11 32 150 6 1880 2254 2628 3002 3376 3750 - 100 -9 0 -8 0 -7 0 -6 0 -5 0 -4 0 -3 0 -2 0 -1 0 0 f r e quenc y i n m h z 1830 1840 1850 1860 1870 18 80 1 890 190 0 191 0 1920 1930 -1 0 -9 -8 -7 -6 -5 -4 -3 -2 -1 0 f r equ enc y i n m h z m agnit ude i n db 1830 1840 1850 1860 1870 18 80 1 890 190 0 191 0 1920 1930 0 3 6 9 f r equ enc y i n m h z vs w r db ude i n agnit m cons truc tion a nd pi n c onf i g ura t ion (all dimensions in mm) 1 2 3 4 5 6 1, 2 ma x. 0, 6 0, 1 0,7 5 3 0 , 1 5 0, 6 1, 5 13 6 4 date code: y e a r +w eek s 2004 t 2005 u 2006 v 2007 ... pin 1 grou nd pin 2 input pin 3 grou nd pin 4 grou nd pin 5 output pin 6 grou nd s0 2 t06 data code 50 ? t est circ u i t l1 sa w 1, 3, 4, 6 5 2 l 2 vi telefilter reserves the right to make chang es to the produc t(s) and/or inform ation contained herein w i thout n otice. no liab i lity is assumed as a re sult of their use or app lication. no rights under an y patent accompa n y the sale of an y such product(s) or infor mation.
filename: tfs18 80.doc version 1 . 4 22.02 .2005 vi telefilter filter specification tfs 1880 3/5 tele fil t er gm b h potsdamer str a ?e 18 d 14 513 telt ow / germa n y tel: (+4 9 ) 33 28 4784-0 / fax: (+ 49) 3328 4784-3 0 e-mail: tft@ te le fil t er. c o m stability characteristics after the follo w i n g tests the filter shall meet the w h ole specificat ion: 1. shock: 500g, 1 ms, half sine w a ve, 3 sho cks each plane; din iec 68 t2 - 27 2. vibration: 10 hz to 500 hz, 0,35 mm or 5 g respectively , 1 oct a ve per min, 10 c y cles pe r plan, 3 plans; din iec 68 t2 - 6 3. change o f temperatu re: -55 c t o 125 c / 30 min. each / 1 0 c y cles din iec 68 p a rt 2 ? 14 test n 4. resistance to solder heat (re f low ) : reflo w possible: tw ice ma x.; for tempe rature conditions refer to the attached "a ir reflo w tempe rat u re conditions" o n page 4; packin g tape & reel: iec 286 ? 3, w i th exeption of valu e for n an d minimum bending ra dius; tape t y p e ii, emb o ssed carrier tap e w i th t op cover t ape on the u pper side; max. pieces of filters peer reel: 9000 reel of empt y co mponents at start: min. 300 mm reel of empt y co mponents at s tart including leader: min. 500 mm trailer: min. 300 mm g do w ct f e g d1 p2 p1 po bo ao p u ll o f f di r e c t io n pin m a r k er ty p da te c o d e ko t tape (all d i mensi o ns i n mm) w : 8,00 0,3 po : 4,00 0,1 do : 1,50 +0,1/- 0 e : 1,75 0,1 f : 3,50 0,0 5 g(min) : 0,75 p2 : 2,00 0,0 5 p1 : 4,00 0,1 d1(min) : 1,50 ao : 3,25 0,1 bo : 3,25 0,1 ct : 5,5 0,1 a c n w 1 w 2 r eel (a l l d i men s io n s in mm) a : 330 w1 : 8,4 + 1 ,5/- 0 w 2 (max ) : 14,4 n(min) : 50 c : 13,0 +0,5/- 0,2 the minimum be nding radius is 45 mm. vi telefilter reserves the right to make chang es to the produc t(s) and/or inform ation contained herein w i thout n otice. no liab i lity is assumed as a re sult of their use or app lication. no rights under an y patent accompa n y the sale of an y such product(s) or infor mation.
filename: tfs18 80.doc version 1 . 4 22.02 .2005 vi telefilter filter specification tfs 1880 4/5 tele fil t er gm b h potsdamer str a ?e 18 d 14 513 telt ow / germa n y tel: (+4 9 ) 33 28 4784-0 / fax: (+ 49) 3328 4784-3 0 e-mail: tft@ te le fil t er. c o m a i r re flo w te mpe r a t ure c onditions con d iti ons expos ure average ramp -u p rate (30c t o 2 17c) less than 3c/second > 100c bet w een 30 0 and 600 seconds > 150c bet w een 24 0 and 500 seconds > 217c bet w een 3 0 and 150 seconds peak temperatu re max. 260 c time w i thin 5c of actual peak tem peratu re bet w een 10 and 30 seconds cool-do w n rate (peak to 50c) less than 6c/second time from 30 c t o peak temperat ure no greate r than 3 00 seconds chip -m oun t air reflo w profile temperature / c max. 260 c 217c time / s max. 300 s 10 ... 30 s 30 ... 150 s vi telefilter reserves the right to make chang es to the produc t(s) and/or inform ation contained herein w i thout n otice. no liab i lity is assumed as a re sult of their use or app lication. no rights under an y patent accompa n y the sale of an y such product(s) or infor mation.
filename: tfs18 80.doc version 1 . 4 22.02 .2005 vi telefilter filter specification tfs 1880 5/5 tele fil t er gm b h potsdamer str a ?e 18 d 14 513 telt ow / germa n y tel: (+4 9 ) 33 28 4784-0 / fax: (+ 49) 3328 4784-3 0 e-mail: tft@ te le fil t er. c o m histor y version reaso n o f cha n ges name date 1.0 gene ration of de velopment specif ication dr. sabah 17.12.2003 1.1 change of f o rmul a for tempe ratu re coefficient of frequenc y , add of value of te mperatu re coefficient of frequenc y roizengaft 22.12.2003 1.2 add of t y pical values dr. sabah 08.01.2004 1.3. gene ration of filter specification strehl 09.02.2005 1.4. adjust upper stop band requi remen t s steiner 22.02.2005 vswr corrected vi telefilter reserves the right to make chang es to the produc t(s) and/or inform ation contained herein w i thout n otice. no liab i lity is assumed as a re sult of their use or app lication. no rights under an y patent accompa n y the sale of an y such product(s) or infor mation.


▲Up To Search▲   

 
Price & Availability of TFS188005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X