Part Number Hot Search : 
82001 TS634ID MAX4419 MAX4599 CDLL938A MB90520B FGH20N60 B9034
Product Description
Full Text Search
 

To Download PPC-174T-WL-MTE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  fanless and multi-functional panel pcs features ppc-l128t 12.1" fanless panel pc with intel ? atom? n270 processor introduction the ppc-l128t is 12.1 " fanless panel pc that delivers high performance while consuming low power. the ppc-l128t operates with low noise and provides display resolutions up to 1024 x 768 (xga) pixels. the ppc-l128t is equipped with dual gigabit ethernet connectors supporting either failover or lan teaming. advantechs customization services and optional accessories including wireless modules, battery packs, and sata optical devices, allowing system integrators to design tailor-made solutions for a host of industrial applications. and ppc-l128t optionally supports a sunlight readable display, making it suitable for outdoor use. specifcations processor system cpu intel atom processor n270 1.6 ghz cpu front side bus 533 mhz chipset intel 945gse + intel ich7m secondary cache 512 kb l2 cache memory 200-pin ddr2 533 sodimm x1 up to 2 gb dvd+/-rw optional (989kl128t00e) ssd supports one compactflash type ii, socket hdd one internal sata interface- 2.5" type network (lan) 2 x 10/100/1000 mbps (rj-45) fully integrated i/o and speakers 3 serial ports: rs-232 x 2, rs-232/422/485 x 1; 1 gpio port 1 vga port ; ps/2 mouse and keyboard line-in/ line-out/ mic-in built-in 1w x 2 speakers, usb 2.0 ports x 4 bus expansion 1 x expansion slot for pci/pcie card 1 x mini pcie slot front panel protection ip65 compliant weight 3.63 kg (7.98 ib) dimensions (w x h x d) 340.5 x 269.3 x 70.5 mm (13.41" x 10.6 x 2.78") os support microsoft windows xpe/xp pro, vista, windows 7 and wes 7 power supply 12 ~ 24 v dc ppc-l128t-r80/080 series ppc-l128t-r81/081 series lcd display display type 12.1" color tft lcd 12.1" color tft lcd (led backlight) max. resolution 1024 x 768 1024 x 768 colors 262 k 262 k pixel pitch (mm) 0.240 x 0.240 0.240 x 0.240 viewing angle 160/160 160/160 luminance (cd/m 2 ) 450 600 brightness control yes (by bios) yes (by bios) backlight lifetime 50,000 hours 50,000 hours touchscreen (optional) type analog resistive 5 wires (elo) analog resistive 5 wires (amt), anti-corrosive type resolution continuous 2048 x 2048 light transmission 80 % 80 % controller usb interface rs232 interface (com4) durability (touches) 35 million 35 million environmental specifcations operating temperature 0-45 c (32-113 f) relative humidity 10 ~ 95 % @ 40 c, non-condensing shock 10 g peak acceleration (11ms duration) vibration 1 g emc ce, fcc class b, bsmi safety ce cb, ul, bsmi, ccc , vcci ? 12.1" tft xga lcd with optional resistive touchscreen ? embedded intel ? atom? processor n270 1.6 ghz ? supports up to 2 gb ddr2 sdram ? supports one internal sata 2.5" hdd ? support 4 usb 2.0 ports, dual gigabit ethernet ? optional pci/pcie x 1 expansion kit ? fanless and ultra-low power consumption ? automatic data fow control over rs-485 (com2) rohs compliant 2002/95/ec microsoft ? windows ? embedded all product specifications are subject to change without notice last updated : 7-may-2012
www.advantech.com/products online download dimensions unit: mm ppc-l128t i/o appearance a. main power switch b. usb 2.0 x 3 c. ethernet jack d. usb 2.0 e. ps/2 mouse and keyboard f. pci/pcie expansion slot cover g. gpio port h. dc inlet i. line-in jack j. line-out jack k. mic-in jack l. ethernet jack m. vga port n. serial ports o. battery door cover 236.81 309.5 238.5 180 160 244.8 316 m4 tap. is only for front mount. cutout 308.01 340.5 10 60.5 269.3 m4 tap. a b c d e f g h i j k l m n o ordering information part no description ppc-l128t-081-xe intel atom processor n270 1.6 ghz fanless panel pc with 12.1 tft lcd (led backlight) ppc-l128t-r81-xe ppc-l128t-081-xe with resistive touchscreen (led backlight) ppc-l128t-080-xe intel atom processor n270 1.6 ghz fanless panel pc with 12.1" tft lcd ppc-l128t-r80-xe ppc-l128t-080-xe with resistive touchscreen ppc-l128t-r80-wxe ppc-l128t-080-xe with resistive touchscreen (white) ppc-l128t-rxpe0e ppc-l128t w1g memory/ windows xpe xpe on 160g hdd ppc-arm-a03 vesa stand arm for ppc series PPC-174T-WL-MTE wall mount kit for ppc series ppc-l126 stand stand desktop stand for ppc-l126t/ppc-l127t ppc-l128-expe pci/pcie expansion kit for ppc-l128 ps-dc19-l157e 19v dc power adapter module for ppc-l128/ppc-l157 1700001524 power cord 3p ul 10a 125v 1.8m 170203183c power code 3p europe (ws-010+083)183cm 1700008921 power cord 3p/3p power supply 1.8m pse 989kl128t00e slim type dvd-rw module for ppc-l128 989kl128t02e wireless lan module for ppc-l128t 2070008770 xpe wes2009 ppc-l128t v4.0 mui24(r80) 2070010364 ce 6.0 pro ppc-l128t v1.3 eng(r81) 2070010549 xpe wes2009 ppc-l128t v4.0 24mui (r81) 2070010816 wes7p sp1 x86 ppc-l128t v5.1 en_jp_ct_cs ati(r81) 2070010817 wes7e sp1 x86 ppc-l128t v5.1 eng ati psnl(r81)


▲Up To Search▲   

 
Price & Availability of PPC-174T-WL-MTE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X