Part Number Hot Search : 
9240RPQE 30KP51CA CSD363O SXX18 HER30 1212E H103J BA5826
Product Description
Full Text Search
 

To Download PCI-1245E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  motion control features PCI-1245E ? encoder input is 10 mhz for 4xab mode, 2.5 mhz for cw/ccw mode ? pulse output up to 5 mpps ? memory buffer for trajectory planning (circular trajectory and auto blending are not supported) ? supports e-gear ? hardware emergency input ? watchdog timer ? position latch via org & index signal ? programmable interrupt ? rdy/ltc-dedicated input channels & svn/trigp/cam-do/erc-dedicated introduction PCI-1245E is a 4-axis economic universal pci (supporting both 3.3 v and 5 v signal slot) stepping/pulse-type servo motor control card designed for entry-level applications which need to control linear interpolation, electronic gear, continuous contouring (circular trajectories and auto blending are excluded). PCI-1245E utilizes the high-performance dsp and fpga to calculate the motion trajectories, synchronization timing control for multiple axes and input/output handling to offer functionality, such as 2 to 4-axis linear interpolation, e-gear, t/s-curve acceleration/deceleration rate, speed override, 11 home modes and so on. in addition, advantech supplies a common motion api library, graphical utility and user-friendly examples to decrease programming load, helping users complete confguration and diagnosis easily. specifcations pulse type motion control ? motor driver support pulse-type servo/stepping ? number of axis 4 ? interpolation 2 axis linear ? max. output speed 5 mbps ? step count range 2, 147, 483, 646 ? pulse output type pulse/direction (1-pulse, 1-direction type) or cw/ccw (2-pulse type) ? position counters range of command and actual position ? velocity profles t-curve, s-curve ? local i/o machine interfaces: lmt+, lmt-, org servo driver interfaces: alm, inp general digital i/o: 16-ch di, 16-ch do (rdy/ltc pin can be switchable to general-purpose input and cam-do/trigp/svn/ erc pin to general-purpose output) encoder interface ? input type quadrature (a/b phase) or up/down ? counts per enc. cycle x1, x2, x4 (a/b phase only) ? input range 5 ~ 15 v ? isolation protection 2,500 v dc ? max. input frequency 10 mhz under 4xab mode general ? bus type universal pci v2.2 ? connectors 1 x 100-pin scsi female connector ? dimensions (l x h) 175 x 100 mm (6.9" x 3.9") ? power consumption typical: 5 v @ 850 ma max.: 5 v @ 1 a ? humidity 5 ~ 95% rh, non-condensing (iec 68-2-3) ? operating temperature 0 ~ 60c (32 ~ 140f) ? storage temperature -20 ~ 85c (-4 ~ 185f) ordering information ? PCI-1245E-ae economic 4-axis stepping/servo control universal pci card accessories ? adam-3955-ae 50-pin din-rail scsi 2-axis motion wiring board ? adam-3952-ae 50-pin din-rail scsi and box header board ? adam-39100-ae 100-pin din-rail scsi wiring board ? pcl-101100m-3e 100-pin scsi cable, 3 m ? pcl-10251-1e 100-pin scsi to two 50-pin scsi cable, 1 m ? pcl-10251-2e 100-pin scsi to two 50-pin scsi cable, 2 m ? pcl-10251-3e 100-pin scsi to two 50-pin scsi cable, 3 m ? pcl-10153pa5-2e 50-pin cable from adam-3955 to panasonic a4 and a5 servo, 2 m ? pcl-10153ys5-2e 50-pin cable from adam-3955 to yaskawa sigma v servo, 2 m ? pcl-10153mj3-2e 50-pin cable from adam-3955 to mitsubishi j3 servo, 2 m economic dsp-based 4-axis stepping and servo motor control universal pci card new rohs compliant 2002/95/ec


▲Up To Search▲   

 
Price & Availability of PCI-1245E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X