Part Number Hot Search : 
AD820 DS3148 B9312 SMAJ170C 170CA ILX751B DTC123 LC72714
Product Description
Full Text Search
 

To Download P2SMA180A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 of 2 130v-220v 200w surface mount p2sma130a thru p2sma220a e-mail: sales@taychipst.com web site: www.taychipst.com features maximum ratings and electrical characteristics mechanical data ? low profile package ? ideal for automated placement ? glass passivated chip junction ? available in uni-direct ional 200 w peak pulse power capability with a 10/1000 s waveform ? excellent clamping capability ? very fast response time ? low incremental surge resistance ? compliant to rohs directive 2002/95/ec and in accordance to weee 2002/96/ec case: do-214ac (sma) molding compound meets ul 94 v-0 flammabi lity rating base p/n-m3 - halogen-free, rohs compliant, and commercial grade terminals: matte tin plated leads, solderable per j-std-002 and jesd 22-b102 m3 suffix meets jesd 201 class 1a whisker test polarity: color band denotes the cathode end transient voltage suppressors notes (1) non-repetitive current pulse, per fig. 3 and derated above t a = 25 c per fig. 2 (2) mounted on 0.2" x 0.2" (5.0 mm x 5.0 mm) copper pads to each terminal maximum ratings (t a = 25 c unless otherwise noted) parameter symbol value unit peak pulse power dissip ation with a 10/1000 s waveform (fig. 1) p ppm (1)(2) 200 w peak pulse current with a 10/1000 s waveform (fig. 3) i ppm (1) see next table a power dissipa tion at t a = 25 c (fig. 6) p d 0.5 w operating junction and storage temperature range t j , t stg - 55 to + 150 c notes (1) pulse test: t p ? 50 ms (2) surge current waveform per fig. 3 and derate per fig. 2 note (1) mounted on minimum recommended pad layout electrical characteristics (t a = 25 c unless otherwise noted) device type device marking code breakdown voltage v br at i t (1) (v) test current i t (ma) stand-off voltage v wm (v) maximum reverse leakage at v wm i d (a) (1) maximum peak pulse surge current i ppm (a) (2) maximum clamping voltage at i ppm v c (v) maximum temperature of v br (%/c) min. max. p2sma130a 2vk 124 137 1.0 111 1.0 1.11 179 0.140 p2sma140a 2vl 133 147 1.0 119 1.0 1.04 192 0.140 p2sma150a 2vm 143 158 1.0 128 1.0 0.97 207 0.140 p2sma170a 2vn 162 179 1.0 145 1.0 0.85 234 0.150 P2SMA180A 2vp 171 189 1.0 154 1.0 0.81 246 0.150 p2sma200a 2vq 190 210 1.0 171 1.0 0.73 274 0.150 p2sma220a 2vr 209 231 1.0 185 1.0 0.61 328 0.150 thermal characteristics (t a = 25 c unless otherwise noted) parameter symbol value unit thermal resistance, junction to ambient air r ? ja (1) 250 c/w thermal resistance, junction to mount r ? jm (1) 50 c/w
ratings and characteristic curves p2sma130a thru p2sma220a 2 of 2 e-mail: sales@taychipst.com web site: www.taychipst.com fig. 1 - peak pulse power rating curve fig. 2 - pulse derating curve 0.01 1 10 100 p ppm - peak pul s e power (kw) t d - pul s e width ( s ) 0.1 1 10 100 1000 10 000 0.2 " x 0.2 " (5.0 mm x 5.0 mm) off voltage, v wm copper pad area s 0.1 0 255075100 100 75 50 25 0 125 150 175 t j - initial temperature (c) peak pul s e power (p pp ) or current (i pp ) derating in percentage, % fig. 3 - pulse waveform fig. 4 - typical j unction capacitance fig. 5 - typical transient thermal impedance fig. 6 - power derating curve 0 1.0 2.0 3.0 4.0 0 50 100 150 t d t - time (m s ) i ppm - peak pul s e current, % i r s m t r = 10 s peak value i ppm half value - i ppm i pp 2 t j = 25 c pul s e width (t d ) i s dened a s the point where the peak current decay s to 50 % of i ppm t r = 8 s t d = 1000 s t d = 20 s 1 10 100 120 200 c j - junction capacitance (pf) v wm - rever s e s tand-off voltage (v) mea s ured at s tand-off voltage v wm t j = 25 c f = 1.0 mhz v s ig = 50 mv p-p 210 200 190 180 170 160 150 140 130 mea s ured at zero bia s 1 10 100 1000 0.01 0.1 1 10 100 1000 t p - pul s e duration ( s ) tran s ient thermal impedance (c/w) 0 175 0 0.6 t a - ambient temperature (c) p m(av) - s teady s tate power di ss ipation (w) 0.5 0.4 0.3 0.2 0.1 150 125 100 75 50 25 fr-4 board, on minimum recommended pad layout 130v-220v 200w surface mount p2sma130a thru p2sma220a transient voltage suppressors


▲Up To Search▲   

 
Price & Availability of P2SMA180A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X